Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PBA50F-15 Datasheet(PDF) 3 Page - XP Power Limited

Part # PBA50F-15
Description  AC-DC Chassis Mount
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

PBA50F-15 Datasheet(HTML) 3 Page - XP Power Limited

  PBA50F-15 Datasheet HTML 1Page - XP Power Limited PBA50F-15 Datasheet HTML 2Page - XP Power Limited PBA50F-15 Datasheet HTML 3Page - XP Power Limited PBA50F-15 Datasheet HTML 4Page - XP Power Limited PBA50F-15 Datasheet HTML 5Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Mechanical Details
www.xpplc.com
sales@xpplc.com
Output
Output
Regulation
Rippled
Efficiency
(2)
Model
Voltage
Current
Line
Load
Noise
(1)
3.3 V (2.85-3.63)
15 A
±20 mV
±40 mV
120 mV
78%
PBA75F-3
5.0 V (4.00-5.50)
15 A
±20 mV
±40 mV
120 mV
83%
PBA75F-5
9.0 V (7.50-10.00)
8.4 A
±36 mV
±100 mV
150 mV
82%
PBA75F-9
12.0 V (10.0-13.2)
6.3 A
±48 mV
±100 mV
150 mV
83%
PBA75F-12
15.0 V (13.2-18.0)
5 A
±60 mV
±120 mV
150 mV
84%
PBA75F-15
24.0 V (19.2-27.0)
3.2 A
±96 mV
±150 mV
150 mV
85%
PBA75F-24
36.0 V (28.8-39.6)
2.1 A
±144 mV
±240 mV
250 mV
86%
PBA75F-36
48.0 V (39.0-53.0)
1.6 A
±192 mV
±240 mV
250 mV
86%
PBA75F-48
OUTPUT VOLTAGE & CURRENT RATINGS
PBA75F
1. Measured over a 20 MHz bandwidth and from 0 °C to +50 °C.
2. Measured at 230 VAC and 100% load.
Notes
Options available:
Conformal coating: add suffix “-C “
Low leakage current: add suffix “-G” (0.15 mA max)
add suffix “-E” (0.5 mA max)
Vertical screw terminal blocks: add suffix “-T”
Cover Fitted: add suffix “-N”
Remote ON/OFF: add suffix “-R”
DIN rail mount: add suffix “-N1”
Remote output voltage adjustment potentiometer: add suffix “-V”
Weight 350g max
(without cover)
Measurements are
in inches (mm)


Similar Part No. - PBA50F-15

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PBA50F-15 RSG-PBA50F-15 Datasheet
144Kb / 2P
   Unit type
More results

Similar Description - PBA50F-15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
CPK600PS24 XPPOWER-CPK600PS24 Datasheet
829Kb / 4P
   AC-DC Chassis Mount
CPB600PS3V3 XPPOWER-CPB600PS3V3 Datasheet
366Kb / 2P
   AC-DC Chassis Mount
logo
Total Power Internation...
TPAS10G TOTAL-POWER-TPAS10G_17 Datasheet
199Kb / 2P
   CHASSIS-MOUNT UNIVERSAL INPUT AC-DC GREEN POWER
logo
CUI INC
VHK200W CUI-VHK200W Datasheet
830Kb / 10P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFEC30W P-DUKE-UFEC30W_14 Datasheet
530Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
Wall Industries,Inc.
CMRJW WALL-CMRJW Datasheet
208Kb / 2P
   Chassis Mount DC/DC Converter
logo
Power Mate Technology C...
DFEC40 P-DUKE-DFEC40_14 Datasheet
334Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
DFEC30W P-DUKE-DFEC30W_14 Datasheet
324Kb / 3P
   CHASSIS-MOUNT DC-DC CONVERTER
logo
CUI INC
VHK75W CUI-VHK75W_09 Datasheet
747Kb / 9P
   chassis mount dc-dc converter
logo
Power Mate Technology C...
UFED20 P-DUKE-UFED20_14 Datasheet
544Kb / 4P
   CHASSIS-MOUNT DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com