Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NFF0051501BP-XC Datasheet(PDF) 5 Page - Murata Power Solutions Inc.

Part # NFF0051501BP-XC
Description  Non-Isolated 5A SIP/SMT DC/DC Converters
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

NFF0051501BP-XC Datasheet(HTML) 5 Page - Murata Power Solutions Inc.

  NFF0051501BP-XC Datasheet HTML 1Page - Murata Power Solutions Inc. NFF0051501BP-XC Datasheet HTML 2Page - Murata Power Solutions Inc. NFF0051501BP-XC Datasheet HTML 3Page - Murata Power Solutions Inc. NFF0051501BP-XC Datasheet HTML 4Page - Murata Power Solutions Inc. NFF0051501BP-XC Datasheet HTML 5Page - Murata Power Solutions Inc. NFF0051501BP-XC Datasheet HTML 6Page - Murata Power Solutions Inc. NFF0051501BP-XC Datasheet HTML 7Page - Murata Power Solutions Inc. NFF0051501BP-XC Datasheet HTML 8Page - Murata Power Solutions Inc. NFF0051501BP-XC Datasheet HTML 9Page - Murata Power Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
Volant NEA005 Series
Non-Isolated 5A SIP/SMT
DC/DC Converters
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
CDC_Volant NEA005 Series.B03 Page 5 of 25
4118 14th Avenue, Unit 4
Markham, Ontario L3R 0J3
1-866-740-1232
Page 6
NEA005_6200870000_A02_25Jun07
Volant NEA005 Series
Non-Isolated 5A SIP/SMT DC/DC Converters
www.cd4power.com
NEA0051501S0 Vo=1.2V Derating Curve
0.00
1.00
2.00
3.00
4.00
5.00
6.00
20
30
40
50
60
70
80
90
100
Ambient Temperature (C)
0LFM
100LFM
200LFM
Fig 4. SMT Power Derating vs Output Current for 12Vin 1.2V Out.
NEA0051501B0 Vo=1.2V Derating Curve
0.00
1.00
2.00
3.00
4.00
5.00
6.00
20
30
40
50
60
70
80
90
100
Ambient Temperature (C)
0LFM
100LFM
200LFM
Fig 5. SIP Power Derating vs Output Current for 12Vin 1.2V Out.
Typical Derating Curves SIP/SMT Version


Similar Part No. - NFF0051501BP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFF0051330B0-XC MURATA-PS-NFF0051330B0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051330BP-XC MURATA-PS-NFF0051330BP-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051330S0-XC MURATA-PS-NFF0051330S0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051330SP-XC MURATA-PS-NFF0051330SP-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NFF0051331B0-XC MURATA-PS-NFF0051331B0-XC Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
More results

Similar Description - NFF0051501BP-XC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA005 CANDD-NCA005 Datasheet
300Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA005 MURATA-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com