Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZC0201U Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # ZC0201U
Description  THICK FILM CHIP RESISTORS AND JUMPERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

ZC0201U Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  ZC0201U Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1 Operation at or near full rated power (especially >1W) involves consideration of mounting geometry (solder pad and trace area/thickness, etc.). Request FA2623 for suggested mounting pad layouts.
2 Extended resistance range available
. Mostsizes available down to 0.01Ω 1%. 3 Up to 25A available. 4Dim. t on MC2512B is .094[2.4] maximum.
TYPICAL PERFORMANCE
THICK FILM CHIP RESISTORS AND JUMPERS
MC SERIES 50mW (0201) to 3W (2040)
ZC SERIES Zero-ohm chip (1A - 25A)
Industry’s widest selection & lowest prices-
0.1
Ω to 22M, 50mW to 3W, 0.25% to 5%, TC’s to 50ppm
0402, 0603, 0805, 1206 sizes heavily stocked in 1% & 5%
(other sizes available from stock in many popular values)
Option V: +175° operating temperature
Option U: User-trimmable chips
Option P: Increased pulse capability
Military screening, custom values & TC, microwave design, etc.
RCD’s Series MC resistors utilize precision thick film technology
offering inherently low inductance, exceptional reliability and superior
performance. Heavy plating with NO LEACHTM nickel barrier assures
superb solderability and long shelf life. State-of-the-art production line
enables the industry’s most precise accuracies (0.25% & 50ppm!)
thereby replacing more costly thin-film chips in many applications.
RCD offers low cost offshore assembly of SM and leaded PCB’s
(refer to RCD’s Assembly Services p.114 for more information).
L
t
W
T
Pulse capability is dependent on res. value, waveform, repetition, etc.
Chart is a general guide for Opt. P version, single or infrequent pulses,
with peak voltage levels not exceeding 150V for 0402 & 0603 size, 300V
for 0805, 400V for 1206 & 1210, 450V for 2010 & 2512. Max pulse
wattage for standard parts (w/o Opt.P) is 50% less, max pulse voltage
is 50V less. Increased pulse levels available. For improved performance
and reliability, pulse derating factor is recommended (30-50% typ., refer
to #R-42). Verify selection by evaluating under worst-case conditions.
C
RT
De
p
y
C
Z
,
C
M
e
g
a
t
t
a
W
g
n
i
t
a
R
1
C
T
d
t
S
2
,
C
°
/
m
p
p
.
p
y
t
e
g
n
a
R
.
s
i
s
e
R
l
o
T
%
5
.
0
±
2
d
r
a
d
n
a
t
S
e
g
n
a
R
.
s
i
s
e
R
l
o
T
%
1
±
2
d
r
a
d
n
a
t
S
e
g
n
a
R
.
s
i
s
e
R
l
o
T
%
5
±
2
C
M
e
g
a
t
l
o
V
g
n
i
t
a
R
2
C
Z
E
P
Y
T
r
e
p
m
u
J
3
s
n
o
i
s
n
e
m
i
D
]
m
m
[
h
c
n
I
LW
T
t
1
0
2
0W
5
0
.
0
0
10
1
K
2
2
o
t
V
5
2
.
x
a
M
p
m
A
1
m
0
5
.
x
a
M
2
0
0
.
±
4
2
0
.
]
3
0
.
±
6
.
0
[
2
0
0
.
±
2
1
0
.
]
3
0
.
±
3
.
[
2
0
0
.
±
0
1
0
.
]
3
0
.
±
5
2
.
[
2
0
0
.
±
6
0
0
.
]
5
0
.
±
5
1
.
[
0
0
2M
1
o
t
K
1
.
2
2
0
1
M
1
o
t
0
0
41
.
9
-
1
M
2
.
2
-
M
1
.
1
,
2
0
4
0
m
e
t
i
k
c
o
t
S
W
3
6
0
.
0
0
1
0
1
M
1
o
t
V
0
5
.
x
a
M
p
m
A
1
m
0
5
.
x
a
M
4
0
0
.
±
0
4
0
.
1
.
±
0
0
.
1
[]
4
0
0
.
±
0
2
0
.
]
1
.
±
5
.
[
4
0
0
.
±
4
1
0
.
]
1
.
±
5
3
.
[
4
0
0
.
±
0
1
0
.
]
1
.
±
5
2
.
[
0
0
20
1
M
1
o
t
0
0
41
6
7
.
9
o
t
1
.
9
-
1
M
7
.
4
-
M
1
.
1
,
3
0
6
0
m
e
t
i
k
c
o
t
S
W
1
.
0
0
1
0
1
M
1
o
t0
1
M
1
o
t
V
0
5
p
m
A
5
.
1
.
x
a
M
m
0
5
.
x
a
M
5
0
0
.
±
1
6
0
.
]
2
1
.
±
5
5
.
1
[
4
0
0
.
±
1
3
0
.
]
1
.
±
8
.
[
6
0
0
.
±
6
1
0
.
]
5
1
.
±
0
4
.
[
6
0
0
.
±
0
1
0
.
]
5
1
.
±
5
2
.
[
0
0
20
1
M
1
o
t
0
0
41
6
7
.
9
o
t
1
.
9
-
1
M
0
1
-
M
1
.
1
,
5
0
8
0
m
e
t
i
k
c
o
t
S
W
5
2
1
.
0
0
1
0
1
M
1
o
t0
1
M
1
o
t
15 V
0
.
x
a
M
p
m
A
2
m
0
5
.
x
a
M
5
0
0
.
±
9
7
0
.
]
5
1
.
±
0
.
2
[
6
0
0
.
±
0
5
0
.
]
5
1
.
±
5
2
.
1
[
6
0
0
.
±
0
2
0
.
]
5
1
.
±
0
5
.
[
8
0
0
.
±
6
1
0
.
]
2
.
±
4
.
[
0
0
20
1
M
1
o
t
0
0
46
7
.
9
-
1
.
0
M
0
1
-
M
2
0
.
1
,1
.
9
-
1
.
0
M
0
2
-
M
1
.
1
,
6
0
2
1
m
e
t
i
k
c
o
t
S
B
6
0
2
1
W
5
2
.
W
0
5
.
0
0
1
0
1
M
1
o
t0
1
M
1
o
t
V
0
0
2
.
x
a
M
p
m
A
2
m
0
5
.
x
a
M
8
0
0
.
±
6
2
1
.
]
2
.
±
2
.
3
[
6
0
0
.
±
1
6
0
.
]
5
1
.
±
5
5
.
1
[
6
0
0
.
±
4
2
0
.
]
5
1
.
±
1
6
.
[
8
0
0
.
±
0
2
0
.
]
2
.
±
1
5
.
[
0
0
2M
6
.
5
o
t
M
2
0
.
10
1
M
6
.
5
o
t
0
0
46
7
.
9
-
1
.
0
,
M
0
1
-
M
2
6
.
51
.
9
-
1
.
0
M
2
2
-
M
2
.
6
,
0
1
2
1W
3
3
.
0
0
1
0
1
M
1
o
t0
1
M
1
o
t
V
0
0
2
.
x
a
M
p
m
A
3
m
0
5
.
x
a
M
8
0
0
.
±
6
2
1
.
]
2
.
±
2
.
3
[
8
0
0
.
±
8
9
0
.
]
2
.
±
5
.
2
[
8
0
0
.
±
4
2
0
.
]
2
.
±
6
.
[
0
1
0
.
±
0
2
0
.
]
5
2
.
±
5
.
[
0
0
2M
6
.
5
o
t
M
2
0
.
10
1
M
6
.
5
o
t
0
0
46
7
.
9
-
1
.
0
,
M
0
1
-
M
2
6
.
51
.
9
-
1
.
0
M
2
2
-
M
2
.
6
,
0
1
0
2W
5
7
.
0
0
1
0
1
M
1
o
t0
1
M
1
o
t
V
0
0
2
(V
0
5
2
)
P
.
t
p
O
.
x
a
M
p
m
A
3
m
0
5
.
x
a
M
8
0
0
.
±
7
9
1
.
]
2
.
±
0
.
5
[
8
0
0
.
±
2
0
1
.
]
2
.
±
6
.
2
[
8
0
0
.
±
4
2
0
.
]
2
.
±
6
.
[
0
1
0
.
±
0
2
0
.
]
5
2
.
±
0
5
.
[
0
0
2M
6
.
5
o
t
M
2
0
.
10
1
M
6
.
5
o
t
0
0
46
7
.
9
-
1
.
0
,
M
0
1
-
M
2
6
.
51
.
9
-
1
.
0
M
2
2
-
M
2
.
6
,
2
1
5
2
B
2
1
5
2
W
0
.
1
W
0
.
2
0
0
1
0
1
M
1
o
t0
1
M
1
o
t
V
0
5
2
5
3
(V
0
)
P
.
t
p
O
.
x
a
M
p
m
A
4
m
0
5
.
x
a
M
1
0
.
±
0
5
2
.
]
5
2
.
±
5
3
.
6
[
0
1
0
.
±
5
2
1
.
]
5
2
.
±
2
.
3
[
8
0
0
.
±
4
2
0
.
]
2
.
±
6
.
[
2
1
0
.
±
6
2
0
.
.
[6
3
.
±
5]
4
0
0
2M
6
.
5
o
t
M
2
0
.
10
1
M
6
.
5
o
t
0
0
46
7
.
9
-
1
.
0
,
M
0
1
-
M
2
6
.
51
.
9
-
1
.
0
M
2
2
-
M
2
.
6
,
0
4
0
2*
0
.
3
/
0
.
2
0
0
1
0
1
M
1
o
t
V
0
5
3A
/
N
8
0
0
.
±
1
0
2
.
]
2
.
±
1
.
5
[
8
0
0
.
±
2
0
4
.
]
2
.
±
2
.
0
1
[
8
0
0
.
±
4
2
0
.
]
2
.
±
6
.
[
5
5
0
.8
1
0
.
±
]
6
4
.
±
4
.
1
[
0
0
20
1
M
1
o
t
0
0
41
.
9
-
1
)
C
°
5
2
1
+
o
t
°
5
5
-
(
k
c
o
h
S
l
a
m
r
e
h
T%
2
.
0
∆R
)
V
d
e
t
a
r
x
2
E
T
N
,
S
5
,
W
x
5
.
2
(
d
a
o
l
r
e
v
O%
1
∆R
)
C
°
5
5
-
(
n
o
i
t
a
r
e
p
O
.
p
m
e
T
w
o
L%
2
.
0
∆R
)
s
r
h
0
0
1
,
C
°
5
2
1
(
e
r
u
s
o
p
x
E
.
p
m
e
T
h
g
i
H%
5
.
0
∆R
t
a
e
H
r
e
d
l
o
S
o
t
e
c
n
a
t
s
i
s
e
R%
2
.
0
∆R
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
5
.
0
∆R
)
.
s
r
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
0
.
1
∆R
.
p
m
e
T
g
n
i
t
a
r
e
p
O)
V
.
t
p
O
C
°
5
7
1
+
(C
°
5
5
1
+
o
t
5
5
-
)
C
°
0
7
e
v
o
b
a
(
g
n
i
t
a
r
e
DC
°
/
%
8
1
.
1
y
b
V
&
W
e
t
a
r
e
D
PULSE WITHSTAND CHART (increased pulse levels avail.)
1uS
10uS
100uS
1mS
10mS
100mS
Pulse Duration
MC2512P
MC2010P
MC1210P
MC1206P
MC0805P
MC0603P
MC0402P
500
100
10
1
FA033F
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible
P/N DESIGNATION:
Optional TC: 50=50ppm, 101=100ppm, 201=200ppm (leave blank if std)
RCD Type: MC or ZC
Chip Size: 0201 to 2040
Resis. Code 0.25% to 1% Tol: 3 signif. digits & multiplier
(R100= .1
Ω, 1R00=1Ω, 10R0=10Ω,1000=100Ω, 1001=1KΩ)
5% Tol: 2 signif. digits & multiplier (R10=.1
Ω, 1R0=1Ω, 100=10Ω,
101=100
Ω, 102=1KΩ). Leave blank on ZC zero-ohm chips.
Tolerance:J=5%, F=1%, D=0.5%, C=0.25% Leave blank on ZC
zero-ohm chips. Opt.U trimmable chips W=±15%, M=±20%, U=0 to -30%.
Packaging: B=Bulk, T=Tape & Reel
MC 1206
- 2210 - F T
W
Options: U, P, etc. (leave blank if std)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
16


Similar Part No. - ZC0201U

ManufacturerPart #DatasheetDescription
logo
Zhengzhou Winsen Electr...
ZC02 WINSEN-ZC02 Datasheet
354Kb / 5P
   Methane Module for Mine Use
More results

Similar Description - ZC0201U

ManufacturerPart #DatasheetDescription
logo
Rohm
MCR03EZPFX1002 ROHM-MCR03EZPFX1002 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR03EZPJ133 ROHM-MCR03EZPJ133 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR01MZPF1000 ROHM-MCR01MZPF1000 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
MCR18EZPF56R0 ROHM-MCR18EZPF56R0 Datasheet
143Kb / 7P
   Thick Film Chip Resistors
logo
Panasonic Semiconductor
ERJ-6GEYJ241V PANASONIC-ERJ-6GEYJ241V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-6GEYJ4R7V PANASONIC-ERJ-6GEYJ4R7V Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-12Y0R00U PANASONIC-ERJ-12Y0R00U Datasheet
84Kb / 2P
   Thick Film Chip Resistors
ERJ-1TRQFR33U PANASONIC-ERJ-1TRQFR33U Datasheet
109Kb / 4P
   Thick Film Chip Resistors
ERJ-12ZYJ331U PANASONIC-ERJ-12ZYJ331U Datasheet
218Kb / 2P
   Thick Film Chip Resistors
logo
NIC-Components Corp.
NRCA NIC-NRCA Datasheet
107Kb / 5P
   Thick Film Chip Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com