Electronic Components Datasheet Search |
|
PDM60US30 Datasheet(PDF) 2 Page - XP Power Limited |
|
PDM60US30 Datasheet(HTML) 2 Page - XP Power Limited |
2 / 2 page 17-Apr-07 5.31 (135.0) 2.56 (65.0) 2.75±0.20 (70.0±5.0) DC OUTPUT POLARITY 0.37±0.01 (9.5±0.3) ø0.22 (ø5.5) ø0.10 (ø2.5) CORE AC INPUT IEC 320-C8 INLET AC INPUT IEC 320-C18 INLET 1.61 (41.0) LED Derating Curve PDM60 Mechanical Details Models and Ratings Output Power Output Voltage Output Current Model Number(1) 55 W 12 V 4.60 A PDM60US12 60 W 15 V 4.00 A PDM60US15 60 W 18 V 3.30 A PDM60US18 60 W 24 V 2.50 A PDM60US24 60 W 30 V 2.00 A PDM60US30 60 W 36 V 1.70 A PDM60US36 60 W 48 V 1.25 A PDM60US48 Notes 1. IEC320-C18 input connector fitted as standard. For IEC320-C8 input connector add suffix ‘-C8’ to model number. 2. Measured at output connector, decoupled by 0.47 µF capacitor. Notes 1. Dimensions shown in inches (mm). 2. Tolerance specified is ±0.04 (1.0). 3. Cable length is 72” (1830mm) approx. 4. Weight 1.28 lbs (580 g). -10 0 10 20 30 40 50 60 70 20 40 60 80 100 0 Ambient Temp (˚C) |
Similar Part No. - PDM60US30 |
|
Similar Description - PDM60US30 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |