Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMR800PS24 Datasheet(PDF) 2 Page - XP Power Limited

Part # SMR800PS24
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SMR800PS24 Datasheet(HTML) 2 Page - XP Power Limited

  SMR800PS24 Datasheet HTML 1Page - XP Power Limited SMR800PS24 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
Supply 1
Output
V1
Comm
Return
CN3 Pin 2 Current Share
Supply 2
LOAD
Output
Return
CN3 Pin 2 Current Share
SMR Series
Models and Ratings
Output
Power
Output
Voltage(3,4)
Output Current
Ripple & Noise(2)
Model
Number
Maximum
Peak(1)
750 W
12 V
62.50 A
75.00 A
120 mV
SMR800PS12
15 V
50.00 A
56.00 A
150 mV
SMR800PS15
18 V
41.67 A
50.00 A
180 mV
SMR800PS18
800 W
24 V
33.39 A
37.50 A
240 mV
SMR800PS24
27 V
29.62 A
33.33 A
270 mV
SMR800PS27
36 V
25.00 A
29.60 A
360 mV
SMR800PS36
48 V
16.67 A
18.75 A
480 mV
SMR800PS48
54 V
14.81 A
16.67 A
540 mV
SMR800PS54
60 V
13.33 A
15.00 A
600 mV
SMR800PS60
Notes
2.00
(50.8) 2.50
(63.5)
1.59
(40.4)
BA
4.25
(108.0)
Terminal Blocks
M3.5 Screw 8 Pins 9.5 mm center
5.00 (127.0)
6.00 (152.4)
2.09
(53.0)
1.59
(40.3)
9.17 (233.0)
0.88 (22.25)
2.50
(63.6)
1.75
(44.45)
1.25 (31.9)
A
B
A
A
A
A
B
B
B
B
0.59
(15.0)
1.62
(41.25)
0.32 (8.25)
2.50 (63.5)
STANDARD
Terminal Block
M3 Screw
3 Pins 8.25 mm center
2.50 (63.5)
OPTION ‘-D’
IEC320 or equivalent
A
B
B
A
9.17 (233.0)
2.00
(50.8)
2.50
(63.5)
2.50 (63.5)
Pin 1
Pin 7
A Mounting Hole 8 Places
0.22 (5.6)
0.25 (6.4)
UNC6-32
(Zn-plated)
B Mounting Hole 8 Places
0.22 (5.6)
0.25 (6.4)
(Zn (yellow) -plated)
M4
For SMS
Version
only
CN3
Mechanical Details
All dimensions are in inches (mm).
Weight: 3.30 lbs (1.5 kg) approx.
Logic connector CN3 mates with:
JST XHP-7 or equivalent &
JST SXH-002T-P0.6 crimp terminals.
Maximum mounting screw penetration:
0.12 (3.0) on base & 0.25 (6.3) on each side.
CN3 (Signals)
Pin
Function
1
Current monitor
2*
Current share
3
Return
4
Power good
5
Remote On/Off
6*
-Remote sense
7*
+Remote sense
Options
• Current share and internal oring diode add suffix ‘-I’ to model number. Note that this option includes output blocking diodes.
Remote sense is not available with current share.
• Optional IEC320 inlet add suffix‘-D’ to model number.
• Optional Molex output connector add suffix ‘-E’ to model number.
• For U-Channel version replace ‘SMR’ in the model number with ‘SMS’ e.g. SMS800PS12 (note that 25 CFM cooling air is required).
Dimensions are 8.00(l) x 4.33(w) x 2.56(h) (203.2 x 110.0 x 65.0).
• For top mounting fan version replace ‘SMR’ in the model number with ‘SMT’ e;g; SMT800PS12.
Dimensions are 8.00(l) x 4.33(w) x 3.40(h) (203.2 x 110.0 x 86.4).
• For multiple option codes place codes in alphabetical order. e.g. SMR800PS12-DI.
Application Notes
Remote On/Off
Power Good
CN3 Pin 5,
control connector
ON/OFF
PSU
CN3 Pin 3,
control connector
Return
Note:
Applying <0.3 V or short between pins 5 and 3 turns
the output OFF. Applying >4.5 V or open circuit
between pins 5 and 3 turns output ON.
Parallel Connect with
Current Share Option
CN3 Pin 4,
control connector
Power Good
+5 V
1 K
CN3 Pin 3,
control connector
Return
POWER NOT GOOD
POWER GOOD
1. This peak can be taken for 500 µs only, average power should not exceed the maximum power.
2. Ripple & Noise is measured using 0.1 µF ceramic and 22 µF electrolytic capacitor, 20 MHz bandwidth.
3. Alternative output voltages available. Consult sales.
4. Load regulation increases to 2% for 0-100% load change.
Sink current = 6 mA
Source current = 4 mA
*If optional current share if
fitted then remote sense
function is excluded.


Similar Part No. - SMR800PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SMR800PS24 XPPOWER-SMR800PS24 Datasheet
729Kb / 4P
   600-800 Watts SMR Series
More results

Similar Description - SMR800PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com