Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMC600PS05-C Datasheet(PDF) 4 Page - XP Power Limited

Part # SMC600PS05-C
Description  AC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SMC600PS05-C Datasheet(HTML) 4 Page - XP Power Limited

  SMC600PS05-C Datasheet HTML 1Page - XP Power Limited SMC600PS05-C Datasheet HTML 2Page - XP Power Limited SMC600PS05-C Datasheet HTML 3Page - XP Power Limited SMC600PS05-C Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
14-Jan-08
Application Notes
SMC/SMD Series
Remote Sense
Remote On/Off
Power Good
Parallel Connection with Current Share Option
CL
CD
CD
Supply
S
CN3 Pin 7
CN3 Pin 4, control connector
DC OK
+5 V
1 K
CN3 Pin 3, control connector
Return
CN3 Pin 6
Output
O
Output
Sense
Sense
LOAD
Twisted Pair
+
+
-
+
-
-
POWER NOT GOOD
POWER GOOD
PS
CN1 Pin 1, control connector
Fan Fail
+5 V
1 K
CN1 Pin 2, control connector
Return
FAN FAILED
FAN OK
CL
C
Supply 1
C
Output
V1
Comm
Return
CN3 Pin 2 Current Share
O
Supply 2
LOAD
Output
Return
CN3 Pin 2 Current Share
POWER NOT GOOD
POWER GOOD
CN3 Pin 5, control connector
ON/OFF
PSU
CN3 Pin 3, control connector
Return
OFF
ON
FAN FAILED
FAN OK
CL
CD
CD
Supply
Supply 1
CN3 Pin 7
CN3 Pin 4, control connector
DC OK
+5 V
1 K
CN3 Pin 3, control connector
Return
CN3 Pin 6
Output
O
CN3 Pin 2 Curre
Output
Sense
Sense
LOAD
Twisted Pair
+
+
-
+
-
-
Supply 2
L
CN3 Pin 2 Curre
POWER NOT GOOD
POWER GOOD
PSU
C
CN1 Pin 1, control connector
Fan Fail
+5 V
1 K
CN1 Pin 2, control connector
Return
FAN FAILED
FAN OK
CL
C
Supply 1
C
Output
V1
Comm
Return
CN3 Pin 2 Current Share
O
Supply 2
LOAD
Output
Return
CN3 Pin 2 Current Share
P
Note:
1. CL is 47 µF electrolytic capacitor.
2. CD is 0.1 µF ceramic capacitor.
Note:
1. Applying <0.3 V or short between
pins 5 and 3 turns the output OFF.
2. Applying >4.5 V or open circuit between
pins 5 and 3 turns output ON.


Similar Part No. - SMC600PS05-C

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SMC60 SUNMATE-SMC60 Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC60A SUNMATE-SMC60A Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC60C SUNMATE-SMC60C Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
SMC60CA SUNMATE-SMC60CA Datasheet
1Mb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPESSOR DIODE
More results

Similar Description - SMC600PS05-C

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com