Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WA102 Datasheet(PDF) 2 Page - XP Power Limited

Part # WA102
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

WA102 Datasheet(HTML) 2 Page - XP Power Limited

  WA102 Datasheet HTML 1Page - XP Power Limited WA102 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WA Series
25-Oct-05
Mechanical Details
Models and Ratings
Input
Voltage (1,2,5)
Output
Voltage
Output
Current
Input Current (6)
Efficiency
Model
Number (3,4)
No Load
Full Load
4.5-6.0 VDC
3.3 VDC
600 mA
15.0 mA
619 mA
64%
WA100
5.0 VDC
600 mA
15.0 mA
850 mA
70%
WA101
12.0 VDC
250 mA
15.0 mA
800 mA
75%
WA102
15.0 VDC
200 mA
15.0 mA
800 mA
75%
WA103
±5.0 VDC
±250 mA
25.0 mA
850 mA
70%
WA104
±12.0 VDC
±125 mA
25.0 mA
800 mA
75%
WA105
±15.0 VDC
±100 mA
25.0 mA
800 mA
75%
WA106
9-18 VDC
3.3 VDC
600 mA
7.5 mA
236 mA
70%
WA200
5.0 VDC
600 mA
7.5 mA
340 mA
73%
WA201
12.0 VDC
250 mA
7.5 mA
320 mA
78%
WA202
15.0 VDC
200 mA
7.5 mA
320 mA
78%
WA203
±5.0 VDC
±250 mA
12.0 mA
340 mA
73%
WA204
±12.0 VDC
±125 mA
12.0 mA
320 mA
78%
WA205
±15.0 VDC
±100 mA
12.0 mA
320 mA
78%
WA206
18-36 VDC
3.3 VDC
600 mA
5.0 mA
113 mA
73%
WA300
5.0 VDC
600 mA
5.0 mA
168 mA
74%
WA301
12.0 VDC
250 mA
5.0 mA
156 mA
80%
WA302
15.0 VDC
200 mA
5.0 mA
156 mA
80%
WA303
±5.0 VDC
±250 mA
7.5 mA
168 mA
74%
WA304
±12.0 VDC
±125 mA
7.5 mA
156 mA
80%
WA305
±15.0 VDC
±100 mA
7.5 mA
156 mA
80%
WA306
36-72 VDC
3.3 VDC
600 mA
3.0 mA
58 mA
71%
WA400
5.0 VDC
600 mA
2.0 mA
82 mA
76%
WA401
12.0 VDC
250 mA
2.0 mA
78 mA
80%
WA402
15.0 VDC
200 mA
2.0 mA
78 mA
80%
WA403
±5.0 VDC
±250 mA
3.0 mA
82 mA
76%
WA404
±12.0 VDC
±125 mA
3.0 mA
80 mA
78%
WA405
±15.0 VDC
±100 mA
3.0 mA
80 mA
78%
WA406
Notes
1. Nominal input voltage 5, 12, 24 or 48 VDC.
2. For optional 4:1 input range: 9-36 VDC: Add suffix ‘A’ to WA2xx model number, 18-72 VDC: Add suffix ‘A’ to WA3xx model number.
3. For 3000 VDC isolation add suffix ‘X’ to model number.
4. For UL1950 approval, add suffix ‘XU’ to model number. UL approved product is only available with 3000 VDC isolation and option ‘X’ pinout.
5. ‘X’ or ‘XU’ versions are not available with optional 4:1 input range.
6. Input current is at nominal input voltage.
0.02
(0.5)
0.08 (2.0)
0.10
(2.5)
1.25
(31.8)
0.5
(12.7)
Max
0.15
(3.8)
24
23
22
1
2
3
9
10
11
12
16
15
14
13
0.60 (15.2)
0.80 (20.3)
BOTTOM
VIEW
PIN CONNECTIONS
Pin
Single Output
Dual Output
1
+V input
+V input
2
N/C
-V output
3
N/C
Common
9
No pin
No pin
10
-V output
Common
11
+V output
+V output
12
-V input
-V input
13
-V input
-V input
14
+V output
+V output
15
-V output
Common
16
No pin
No pin
22
N/C
Common
23
N/C
-V output
24
+V input
+V input
OPTION ‘X’ PIN CONNECTIONS
Pin
Single Output
Dual Output
1
No pin
No pin
2
-V input
-V input
3
-V input
-V input
9
N/C
Common
10
N/C
N/C
11
N/C
-V output
12
No pin
No pin
13
No pin
No pin
14
+V output
+V output
15
N/C
N/C
16
-V output
Common
22
+V input
+V input
23
+V input
+V input
24
No pin
No pin
All dimensions are in inches (mm)
Weight: 0.04 lbs (20 g) approx.


Similar Part No. - WA102

ManufacturerPart #DatasheetDescription
logo
RFE international
WA10N0018k RFE-WA10N0018k Datasheet
4Mb / 6P
   Zinc Oxide Varistor
WA10N0022k RFE-WA10N0022k Datasheet
4Mb / 6P
   Zinc Oxide Varistor
WA10N0027k RFE-WA10N0027k Datasheet
4Mb / 6P
   Zinc Oxide Varistor
WA10N0033k RFE-WA10N0033k Datasheet
4Mb / 6P
   Zinc Oxide Varistor
WA10N0039k RFE-WA10N0039k Datasheet
4Mb / 6P
   Zinc Oxide Varistor
More results

Similar Description - WA102

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com