Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDS60UT06 Datasheet(PDF) 2 Page - XP Power Limited

Part # SDS60UT06
Description  AC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SDS60UT06 Datasheet(HTML) 2 Page - XP Power Limited

  SDS60UT06 Datasheet HTML 1Page - XP Power Limited SDS60UT06 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
17-Apr-07
Maximum
Output Power
Output
(2,3,4)
V1
Output
(2,3,4)
V2
Output
(3)
V3
Output
(3)
V4
Model
Number
(5,6)
63.0 W
5.0 V/7.0 A
12.0 V/3.0 A
SDS60UD01
48.1 W
3.3 V/7.0 A
5.0 V/5.0 A
SDS60UD04
63.0 W
3.3 V/6.0 A
12.0 V/3.0 A
-12.0 V/0.8 A
SDS60UT00
63.0 W
3.3 V/6.0 A
12.0 V/3.0 A
-5.0 V/0.8 A
SDS60UT01
63.0 W
3.3 V/6.0 A
12.0 V/3.0 A
+5.0 V/0.8 A
SDS60UT02
53.5 W
3.3 V/5.0 A
5.0 V/5.0 A
+12.0 V/1.0 A
SDS60UT03
53.5 W
3.3 V/5.0 A
5.0 V/5.0 A
-12.0 V/1.0 A
SDS60UT04
63.0 W
5.0 V/6.0 A
12.0 V/3.0 A
-12.0 V/0.8 A
SDS60UT05
63.0 W
5.0 V/6.0 A
12.0 V/3.0 A
-5.0 V/0.8 A
SDS60UT06
63.0 W
5.0 V/6.0 A
15.0 V/3.0 A
-15.0 V/0.8 A
SDS60UT07
63.0 W
5.0 V/6.0 A
24.0 V/2.0 A
-24.0 V/0.5 A
SDS60UT08
63.0 W
5.0 V/6.0 A
24.0 V/2.0 A
-12.0 V/0.8 A
SDS60UT09
63.0 W
5.0 V/6.0 A
24.0 V/2.0 A
+12.0 V/0.8 A
SDS60UT10
63.0 W
3.3 V/6.0 A
12.0 V/3.0 A
-12.0 V/0.8 A
-5.0 V/0.8 A
SDS60UQ00
63.0 W
3.3 V/6.0 A
12.0 V/3.0 A
-12.0 V/0.8 A
+5.0 V/0.8 A
SDS60UQ01
63.0 W
5.0 V/6.0 A
12.0 V/3.0 A
-12.0 V/0.8 A
-5.0 V/0.8 A
SDS60UQ02
63.0 W
5.0 V/6.0 A
12.0 V/3.0 A
-12.0 V/0.8 A
+24.0 V/0.8 A
SDS60UQ03
63.0 W
5.0 V/6.0 A
12.0 V/3.0 A
-12.0 V/0.8 A
-24.0 V/0.8 A
SDS60UQ04
63.0 W
5.0 V/6.0 A
15.0 V/3.0 A
-15.0 V/0.8 A
-5.0 V/0.8 A
SDS60UQ05
59.3 W
5.0 V/6.0 A
24.0 V/1.8 A
-15.0 V/0.1 A
+12.0 V/0.8 A
SDS60UQ06
0.157 (4.0) DIA MOUNTING HOLE (4PL.)
AC
INPUT
P1
P2
DC
OUTPUT
L
1
6
7
(multi output only)
8
ADJ
DC OK
LED
N
G
4.56 (115.8)
5.00 (127.0)
0.22 (5.6)
0.22 (5.6)
0.12 (3.0)
max
SDS60
Mechanical Details
PIN CONNECTIONS
Pin
Single Output
Dual Output
Triple Output
Quad Output
1
Output 1
Output 2
Output 2
Output 2
2
Output 1
Output 1
Output 1
Output 1
3
Output 1
Output 1
Output 1
Output 1
4
Return
Common
Common
Common
5
Return
Common
Common
Common
6
Return
N/C
Output 3
Output 3
7
Output 4
8
Output 4
Models and Ratings
Notes
1. If an output voltage within the factory-set voltage range is required, a model number will be allocated at the time of order.
2. 10% minimum load required on V1 & V2 of multi-output units to maintain regulation of ±5%. Regulation increases to ±10% with no load.
3. Other output combinations are available - contact sales for more information.
4. On multi-output units V2 tracks V1, if V1 is adjusted by 5%, V2 changes by 5%.
5. For optional U-bracket, add suffix ‘B’ to model number. For optional cover, add suffix ‘-C’ to model number (only available with ‘B’ version).
6. For optional 2 pin AC input use suffix ‘C’ (open frame) or change ‘B’ suffix to ‘D’ (U bracket)
Available from Farnell. See pages 204-206.
Notes:
1. Input connector mates with Molex housing 09-50-3051 and Molex 2878 series crimp terminal.
2. Output connector mates with Molex housing 09-50-3061 or 9-50-3081 and
Molex 2878 series crimp terminal.
3. For optional cover kit order part number SDS60 COVER KIT, to receive unit with cover fitted
add suffix ‘-C’ to model number. Cover size: 5.46 x 3.55 x 1.55 (140 x 91 x 39.7mm).
4. For mating connectors and cable harness order part numbers:
SDS60 CON KIT
- Single, dual and triple output models
SDS60Q CON KIT
- Quad output models
SDS60 LOOM KIT
- Single output models cable harness
SDS60DT LOOM KT
- Dual and triple output models cable harness
SDS60Q LOOM KIT
- Quad output models cable harness
All dimensions are in inches (mm)
Weight: 0.52 lbs (240 g) approx
Maximum
Output Power
Output
Voltage
Output
Current
Factory-Set
Voltage Range
(1)
Current
Range
Total
Regulation
Model
Number
(5,6)
50 W
3.3 V
15.1 A
3.0-5.0 VDC
16.6-10.0 A
5%
SDS60US03
55 W
5.0 V
11.0 A
5.0-6.0 VDC
11.0-9.1 A
5%
SDS60US05
60 W
7.0 V
8.6 A
6.0-8.0 VDC
10.0-7.5 A
4%
SDS60US07
63 W
9.0 V
7.0 A
8.0-11.0 VDC
7.8-5.7 A
3%
SDS60US09
63 W
12.0 V
5.2 A
11.0-13.0 VDC
5.7-4.8 A
3%
SDS60US12
63 W
15.0 V
4.2 A
13.0-16.0 VDC
4.8-3.9 A
3%
SDS60US15
63 W
19.0 V
3.3 A
16.0-21.0 VDC
3.9-3.0 A
3%
SDS60US19
63 W
24.0 V
2.6 A
21.0-27.0 VDC
3.0-2.3 A
2%
SDS60US24
63 W
30.0 V
2.1 A
27.0-33.0 VDC
2.3-1.9 A
2%
SDS60US30
63 W
36.0 V
1.7 A
33.0-40.0 VDC
1.9-1.5 A
2%
SDS60US36
63 W
48.0 V
1.3 A
40.0-50.0 VDC
1.5-1.2 A
2%
SDS60US48
Tolerance: ±0.02 (0.5)


Similar Part No. - SDS60UT06

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SDS60UT06 XPPOWER-SDS60UT06 Datasheet
152Kb / 2P
   60 Watts SDS Series
More results

Similar Description - SDS60UT06

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
logo
Touchstone Semiconducto...
TIW TOUCHSTONE-TIW Datasheet
233Kb / 3P
   AC/DC Power Supplies
logo
XP Power Limited
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
   AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
   AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
   AC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com