Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWX1524S1V5 Datasheet(PDF) 4 Page - XP Power Limited

Part # SWX1524S1V5
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SWX1524S1V5 Datasheet(HTML) 4 Page - XP Power Limited

  SWX1524S1V5 Datasheet HTML 1Page - XP Power Limited SWX1524S1V5 Datasheet HTML 2Page - XP Power Limited SWX1524S1V5 Datasheet HTML 3Page - XP Power Limited SWX1524S1V5 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
SWX
11-Nov-05
Mechanical Details
ALM
RC
PO
+Vin
+Vin
-Vin
16 -Vin
NC
NC
NC
+Vout
+Vout
+Vout
-Vout
NC
-Vout
Weight : 20g
Tolerance : ±0.5
Dimensions in mm
8m
3.5
0.6 ±0.1
ax
38.7
37.6 ±0.6
17
1
8
7
ALM
RC
PO
+Vin
+Vin
-Vin
16 -Vin
NC
NC
NC
+Vout
+Vout
+Vout
-Vout
NC
-Vout
Weight : 20g
Tolerance : ±0.5
Dimensions in mm
8 m
3.5
0.6 ±0.1
ax
38.7
37.6 ±0.6
17
1
8
7
30 Watt Model - Through Hole
-Vout
NC
-Vout
+Vout
+Vout
+Vout
NC
NC
NC
-Vin
-Vin
+Vin
+Vin
NC
PO
RC
ALM
1.3 ±0.3
39.9 ±0.6
38.7
8max
Weight : 20g
Tolerance : ±0.5
Dimensions in mm
Coplanarity within 0.1
Terminal
PCB
-Vout
NC
-Vout
+Vout
+Vout
+Vout
NC
NC
NC
-Vin
-Vin
+Vin
+Vin
NC
PO
RC
ALM
1.3 ±0.3
39.9 ±0.6
38.7
8max
Weight : 20g
Tolerance : ±0.5
Dimensions in mm
Coplanarity within 0.1
Terminal
PCB
Pin
Pin Name
Function
1
NC
Position for SM Adhesive
2
+Vout
+DC Output
3
+Vout
+DC Output
4
+Vout
+DC Output
5
-Vout
-DC Output
6
-Vout
-DC Output
7
NC
Position for SM Adhesive
8
NC
Position for SM Adhesive
9
ALM
Alarm
10
RC
Remote On/Off
11
PO
Start In/Out
12
NC
-
13
+Vin
+DC Input
14
+Vin
+DC Input
15
-Vin
-DC Input
16
-Vin
-DC Input
17
NC
Position for SM Adhesive
30 Watt Model - Surface Mount


Similar Part No. - SWX1524S1V5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWXHHN300 ETC1-SWXHHN300 Datasheet
344Kb / 2P
   RECTIFIER DIODES STUD AND FLAT BASE TYPES
SWXHHN320 ETC1-SWXHHN320 Datasheet
344Kb / 2P
   RECTIFIER DIODES STUD AND FLAT BASE TYPES
SWXHHN380 ETC1-SWXHHN380 Datasheet
344Kb / 2P
   RECTIFIER DIODES STUD AND FLAT BASE TYPES
SWXHHN400 ETC1-SWXHHN400 Datasheet
344Kb / 2P
   RECTIFIER DIODES STUD AND FLAT BASE TYPES
SWXKBR515 ETC1-SWXKBR515 Datasheet
344Kb / 2P
   RECTIFIER DIODES STUD AND FLAT BASE TYPES
More results

Similar Description - SWX1524S1V5

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com