Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WR306 Datasheet(PDF) 1 Page - XP Power Limited

Part # WR306
Description  DC-DC Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

WR306 Datasheet(HTML) 1 Page - XP Power Limited

  WR306 Datasheet HTML 1Page - XP Power Limited WR306 Datasheet HTML 2Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specification
7.5 Watts
2:1 Input Range
DIP-24 Metal Package
-25 °C to +100 °C Operating Temperature
1500 VDC Isolation
Efficiency to 83%
Input Pi Filter
Continuous Short Circuit Protection
WR Series
Input
Input Voltage Range
• 12 V (9-18 VDC)
24 V (18-36 VDC)
48 V (36-72 VDC)
Input Current (no load) • See table
Input Filter
• Pi network
Undervoltage Lockout
• Turn On >70% nominal input
Turn Off <65% nominal input
Output
Output Voltage
• See table
Start Up Delay
• 900 ms max
Initial Set Accuracy
• ±2.0% max
Line Regulation
• ±0.2% max
Load Regulation
• ±0.5% max single output models,
±1.0% max dual output models,
for 75% load change
Cross Regulation
• ±1.5% on dual output models
Transient Response
• <1% max deviation, recovery to within
1% in 200 µs for a 50% load change
Ripple & Noise
• 100 mV max pk-pk, 20 MHz BW
Overload
• 110-130% constant current
Characteristics
Short Circuit Protection • Continuous with auto recovery
Temperature
• 0.05%/˚C max
Coefficient
xppower.com
General
Efficiency
• See table
Isolation Voltage
• 1500 VDC min Input to Output (1000 M
Ω)
Switching Frequency
• 300 kHz typical
MTBF
• 900 kHrs to MIL-HDBK-217F
Environmental
Operating Temperature • -25 ˚C to +100 ˚C (see derating curve)
Case Temperature
• +100 ˚C max
Storage Temperature
• -40 ˚C to +100 ˚C
EMC
Emissions
• EN55022, level A conducted
EN55022, level A radiated
ESD Immunity
• EN61000-4-2, level 2
Perf Criteria A
Radiated Immunity
• EN61000-4-3 3 V/m
Perf Criteria A
Conducted Immunity
• EN61000-4-6 3 V rms
Perf Criteria A


Similar Part No. - WR306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR306 ETC1-WR306 Datasheet
516Kb / 2P
   DC/DC Converters 7.5 Watts WR Series
More results

Similar Description - WR306

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
SWX1048S1V2 XPPOWER-SWX1048S1V2 Datasheet
177Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com