Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP25-10R0F Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # LP25-10R0F
Description  TEMPERATURE SENSITIVE METAL FILM RESISTORS TC?셎 FROM 150 TO 7000 PPM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

LP25-10R0F Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  LP25-10R0F Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEMPERATURE SENSITIVE METAL FILM RESISTORS
TC’S FROM +150 TO +7000 PPM
Linear positive temperature coefficients:
LP & MLP temperature sensitive resistors feature linear positive
T.C.’s in a wide range of R/T slopes. The series was developed as
a low cost substitute for wirewound sensors. Various temperature
coefficients are obtained by adjusting the film composition. LPT
features platinum film for improved linearity, interchangeability and
+300°C operating temp. Small sizes result in fast response
times, typically 6 seconds for LP/MLP12 & LPT, 9 seconds for
LP/MLP25 (in still air).
Economically priced PTC sensors
Wide resistance range: 1.5
Ω - 100K
High stability, excellent linearity
Standard tolerance: ±5% (1%1, 2%, 10% available)
Marked with color bands or alpha-numeric
Resistance value is measured at 25°C (0°C available)
Flat chip available, refer to FLP series
FEATURES
MLP SERIES +155°C MELF
LP SERIES +155°C AXIAL
LPT SERIES +300°C AXIAL
PERFORMANCE
STANDARD TEMPERATURE COEFFICIENTS
(Boldfaced items indicate most popular TC’s)
1
1% tol avail in limited resis.range
2
LPT resis. may also be specified at 0°C (e.g. “101@0”, “1001@0”)
* T.C. measured at 25°C and 65°C.
** 7000 ppm parts are marked alphanumerically. Operating temp. range is
-65 to +125°C, resis. tol. is 5% or 10%, hermetically sealed silicon
*
R
C
T
)
C
°
/
m
p
p
(
*
R
C
T
e
c
n
a
r
e
l
o
T
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
d
r
a
d
n
a
t
S
2
1
P
L
M
&
2
1
P
L5
2
P
L
M
&
5
2
P
L
0
5
1C
°
/
m
p
p
0
5
±1
5
K
1
5
-
0
0
1
K
0
0
1
-
0
5
21
5
K
1
5
-
0
0
1
K
0
0
1
-
0
5
31
5
K
1
5
-
0
0
1
K
0
0
1
-
0
5
41
5
K
1
5
-
0
0
1
K
0
0
1
-
0
5
51
5
K
1
5
-
0
0
1
K
0
0
1
-
0
5
6%
0
1
±1
5
K
3
4
-
0
0
1
K
2
8
-
0
5
71
5
K
3
4
-
0
0
1
K
2
8
-
0
5
81
5
K
3
4
-
0
0
1
K
2
8
-
0
5
91
5
K
3
4
-
0
0
1
K
2
8
-
0
0
0
11
5
K
7
2
-
0
0
1
K
1
5
-
0
0
2
11
5
K
7
2
-
0
0
1
K
1
5
-
0
0
4
11
5
K
7
2
-
0
0
1
K
1
5
-
0
0
6
11
5
K
0
1
-
0
0
1
K
7
2
-
0
0
8
11
5
K
0
1
-
0
0
1
K
7
2
-
0
0
0
21
5
K
1
.
9
-
0
0
1
K
2
2
-
0
0
2
21
5
K
1
.
9
-
0
0
1
K
2
2
-
0
0
5
2
%
5
±
1
5
K
1
.
9
-
0
0
1
K
2
2
-
0
0
0
30
1
K
1
.
5
-
0
2
K
0
1
-
0
0
3
30
1
K
1
.
5
-
0
2
K
0
1
-
0
0
6
30
1
K
1
.
5
-
5
.
1
K
0
1
-
0
0
0
4
0
1
K
3
.
3
-
5
.
1
K
0
1
-
0
0
5
4
0
1
0
8
6
-
0
1
K
0
1
-
0
0
0
5
0
1
0
8
6
-
0
1
K
0
1
-
*
*
0
0
0
7%
0
1
±0
1
K
0
1
-
2
1
P
L
M
&
2
1
P
L5
2
P
L
M
&
5
2
P
LT
P
L
)
C
°
5
6
-
5
2
(
C
T
~
0
5
1
+
/
m
p
p
0
0
0
5
+C
°
~
0
5
1
+
/
m
p
p
0
0
0
5
+C
°
/
m
p
p
0
0
5
3
+C
°
e
g
n
a
R
.
s
i
s
e
RK
1
5
o
t
m
h
o
0
1K
0
0
1
o
t
m
h
o
5
.
1m
h
o
0
0
5
o
t
0
1
C
°
5
2
@
e
g
a
t
t
a
WW
8
/
1W
4
/
1W
6
1
/
1
g
n
i
t
a
R
e
g
a
t
l
o
VV
0
5
1V
0
5
2V
0
5
1
.
p
m
e
T
g
n
i
t
a
r
e
p
OC
°
5
5
1
+
o
t
C
°
5
5
-C
°
5
5
1
+
o
t
C
°
5
5
-C
°
0
0
3
+
o
t
C
°
5
5
-
C
°
5
2
>
g
n
i
t
a
r
e
D)
V
&
W
(
C
°
/
%
7
7
.)
V
&
W
(
C
°
/
%
7
7
.)
V
&
W
(
C
°
/
%
4
6
3
.
.
s
s
i
D
l
a
m
r
e
h
TC
°
/
W
m
5
.
2C
°
/
W
m
5
.
4C
°
/
W
m
2
e
f
i
L
d
a
o
L
r
h
-
0
0
0
1.
x
a
M
%
0
.
1.
x
a
M
%
0
.
1.
x
a
M
%
5
.
0
e
f
i
L
f
l
e
h
S
r
a
e
Y
1.
x
a
M
%
3
.
0.
x
a
M
%
3
.
0.
x
a
M
%
2
.
0
.
p
m
e
T
h
g
i
H
e
r
u
s
o
p
x
E
r
e
t
f
a
%
1
±
C
°
5
2
1
@
s
r
h
0
0
0
1
r
e
t
f
a
%
1
±
C
°
5
2
1
@
s
r
h
0
0
0
1
r
e
t
f
a
%
5
.
0
±
C
°
0
5
1
@
s
r
h
0
0
0
1
y
t
i
r
a
e
n
i
L
C
°
0
0
1
~
0
%
5
.
0
±
C
°
0
5
1
~
0
5
-
%
5
.
1
±
C
°
0
0
1
~
0
%
5
.
0
±
C
°
0
5
1
~
0
5
-
%
5
.
1
±
C
°
0
0
1
~
0
%
2
.
0
±
C
°
0
5
1
~
0
5
-
%
5
.
0
±
C
°
0
0
3
~
0
5
-
%
5
.
1
±
FA089A
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
E
P
Y
T]
5
2
.
[
1
0
.
±
L]
2
.
[
8
0
0
.
±
D)
.
n
i
M
(
W)
.
x
a
M
(
t
2
1
P
L
M]
4
.
3
[
5
3
1
.]
5
4
.
1
[
7
5
0
.]
3
.
[
2
1
0
.]
5
1
.
[
6
0
0
.
5
2
P
L
M]
7
.
5
[
5
2
2
.]
5
1
.
2
[
5
8
0
.]
5
.
[
0
2
0
.]
2
.
[
8
0
0
.
t
Inch [mm]
L
W
D
E
P
Y
T]
8
.
[
1
3
0
.
±
L]
5
.
[
2
0
.
±
D]
8
0
.
[
3
0
0
.
±
d.
n
i
M
H
2
1
P
L]
6
5
.
3
[
0
4
1
.]
6
.
1
[
4
6
0
.]
5
.
[
0
2
0
.]
4
.
5
2
[
0
0
.
1
5
2
P
L]
6
8
.
6
[
0
7
2
.]
3
.
2
[
0
9
0
.]
6
.
[
4
2
0
.]
0
3
[
8
1
.
1
T
P
L]
4
[
7
5
1
.]
6
.
1
[
4
6
0
.]
6
4
.
[
8
1
0
.]
4
.
5
2
[
0
0
.
1
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
84
d
Inch [mm]
D
L
H
P/N DESIGNATION:
LP25 - 101 - J T 151 W
RCD Type (LP12, MLP12, LP25, MLP25,LPT)
Packaging: B = Bulk, T = Tape & Reel
Tolerance: F=1%, G= 2%, J= 5% (std), K=10%
TC: Use 3-digit code (151=150ppm, 102=1000ppm, 452=4500ppm)
Resis.@25°C2: If
≥≥≥≥≥2% tol. use 2 signif.figures &multiplier,
(1R0=1
Ω, 100=10Ω,101=100Ω, 102=1K,103=10K, etc.);
If
≤≤≤≤≤1% tol. use 3 signif. digits & multiplier (1R00=1Ω,
10R0=10
Ω, 1000=100Ω,1001=1K, 1002=10K, 1003=100K)
Termination: W=Pb-free, Q=SnPb (leave blank if either is acceptable)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - LP25-10R0F

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
LP2500E0805AT FRONTIER-LP2500E0805AT Datasheet
153Kb / 2P
   LP2500E0805AT LOWPASS FILTER SPECIFICATION
LP2500K0603AT FRONTIER-LP2500K0603AT Datasheet
261Kb / 2P
   LP2500K0603AT LOWPASS FILTER SPECIFICATION
LP2500K0603BT FRONTIER-LP2500K0603BT Datasheet
251Kb / 2P
   LP2500K0603BT LOWPASS FILTER SPECIFICATION
LP2500K0603CT FRONTIER-LP2500K0603CT Datasheet
240Kb / 2P
   LP2500K0603CT LOWPASS FILTER SPECIFICATION
LP2500M0402AT FRONTIER-LP2500M0402AT Datasheet
209Kb / 2P
   LP2500M0402AT LOWPASS FILTER SPECIFICATION
More results

Similar Description - LP25-10R0F

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
ATS135-1R00-JB RCD-ATS135-1R00-JB Datasheet
56Kb / 1P
   TEMPERATURE SENSITIVE PRECISION WIREWOUND RESISTORS TCR?셎 FROM 80 TO 6000 PPM
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
RCD COMPONENTS INC.
FC1206-10R0-GB302 RCD-FC1206-10R0-GB302 Datasheet
25Kb / 1P
   TEMPERATURE SENSITIVE CHIP RESISTORS
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
logo
RCD COMPONENTS INC.
GP55SP1R0 RCD-GP55SP1R0 Datasheet
100Kb / 1P
   METAL FILM RESISTORS
logo
List of Unclassifed Man...
MF0 ETC2-MF0 Datasheet
405Kb / 8P
   Metal Film Resistors
logo
Vishay Siliconix
RN50 VISHAY-RN50 Datasheet
160Kb / 5P
   Metal Film Resistors
Revision: 28-Aug-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com