Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QUS20-120-NVDRC Datasheet(PDF) 6 Page - C&D Technologies

Part # QUS20-120-NVDRC
Description  BUS CONVERTER 48Vin, 12Vout @ 20A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

QUS20-120-NVDRC Datasheet(HTML) 6 Page - C&D Technologies

  QUS20-120-NVDRC Datasheet HTML 1Page - C&D Technologies QUS20-120-NVDRC Datasheet HTML 2Page - C&D Technologies QUS20-120-NVDRC Datasheet HTML 3Page - C&D Technologies QUS20-120-NVDRC Datasheet HTML 4Page - C&D Technologies QUS20-120-NVDRC Datasheet HTML 5Page - C&D Technologies QUS20-120-NVDRC Datasheet HTML 6Page - C&D Technologies QUS20-120-NVDRC Datasheet HTML 7Page - C&D Technologies QUS20-120-NVDRC Datasheet HTML 8Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
BUS CONVERTER
48Vin, 12Vout @ 20A
4118 14th Avenue, Suite 4
4607 S.E. International Way
Markham, Ontario L3R 0J3
Milwaukie, Oregon 97222
1-905-944-2850
www.cd4power.com
1-971-206-2800
QUS20-120_084-20868-40_RevB_Jan18-2006.fm
6 of 8
Start up from Enable
Figure 5
T
ransient Response
Figure 6
Vin = 48V, Iout = 20A
Vin = 48V, Iout = 0A
Iout 10A to 15A at 0.1A/µS
CH1 Vout 50mV/div, CH2 Iout 5A/div


Similar Part No. - QUS20-120-NVDRC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
QUS20-120-NHDR CANDD-QUS20-120-NHDR Datasheet
406Kb / 9P
   DC/DC Converter Output, 1.1V - 1.85Vout @ 60A
More results

Similar Description - QUS20-120-NVDRC

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
V48B12C250B VICOR-V48B12C250B Datasheet
179Kb / 8P
   48Vin / 12Vout / 250Watts DC-DC Converter Module
V48A12C500A VICOR-V48A12C500A Datasheet
192Kb / 8P
   48Vin / 12Vout / 500Watts DC-DC Converter Module
V48A12C500B VICOR-V48A12C500B Datasheet
150Kb / 8P
   48Vin / 12Vout / 500Watts DC-DC Converter Module
V48C12C150B VICOR-V48C12C150B Datasheet
173Kb / 8P
   48Vin / 12Vout / 150Watts DC-DC Converter Module
logo
Bel Fuse Inc.
07CM-20S BEL-07CM-20S Datasheet
71Kb / 2P
   Bus Converter 48V Input / 12V Output / 20A
logo
Vicor Corporation
V24A12C400B VICOR-V24A12C400B Datasheet
150Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V375A12C600B VICOR-V375A12C600B Datasheet
150Kb / 8P
   375Vin / 12Vout / 600Watts DC-DC Converter Module
V24B12C200B VICOR-V24B12C200B Datasheet
146Kb / 8P
   24Vin / 12Vout / 200Watts DC-DC Converter Module
V24A12C400A VICOR-V24A12C400A Datasheet
195Kb / 8P
   24Vin / 12Vout / 400Watts DC-DC Converter Module
V300A12C500B VICOR-V300A12C500B Datasheet
152Kb / 8P
   300Vin / 12Vout / 500Watts DC-DC Converter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com