Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7812SRH-C Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # 7812SRH-C
Description  3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

7812SRH-C Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  7812SRH-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 7812SRH-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 7812SRH-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 7812SRH-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. 7812SRH-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. 7812SRH-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MDC_78xxSR Series.B03 Page 5 of 6
78xxSR Series
3.3V/5V/12V Outputs High-Efficiency
Switching Regulators with LM78xx Pinouts
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
7812SR-C Efficiency
7812SR-C Input Current
7805SR-C Efficiency
7803SR-C Efficiency
7803SR-C Input Current
7805SR-C Input Current
50
55
60
65
70
75
80
85
90
8
10 1214 1618 202224 2628 3032 3436
INPUT VOLTAGE
0.00
0.05
0.10
0.15
0.20
0.25
8
10 12141618 202224 26283032 3436
INPUT VOLTAGE
25% LOAD
100% LOAD
50% LOAD
25% LOAD
100% LOAD
50% LOAD
60
65
70
75
80
85
90
95
8
1012 1416182022 24262830 323436
INPUT VOLTAGE
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
8
10 1214 1618 202224 2628 3032 3436
INPUT VOLTAGE
25% LOAD
100% LOAD
50% LOAD
25% LOAD
100% LOAD
50% LOAD
70
75
80
85
90
95
100
14
16
18
20
22
24
26
28
30
32
34
36
INPUT VOLTAGE
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
14
16
18
20
22
24
26
28
30
32
34
36
INPUT VOLTAGE
25% LOAD
100% LOAD
50% LOAD
25% LOAD
100% LOAD
50% LOAD
Efficience Curves


Similar Part No. - 7812SRH-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
7812SRH-C MURATA-PS-7812SRH-C Datasheet
398Kb / 6P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
7812SRH-C MURATA-PS-7812SRH-C Datasheet
406Kb / 7P
   Piezoelectric Diaphragms
2015
More results

Similar Description - 7812SRH-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
78SR ETC-78SR Datasheet
368Kb / 5P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78XX Pinouts
logo
Murata Power Solutions ...
7803SR-C MURATA-PS-7803SR-C Datasheet
398Kb / 6P
   3.3V/5V/12V Outputs High-Effi ciency Switching Regulators with LM78xx Pinouts
logo
Murata Manufacturing Co...
78SR-3.3 MURATA1-78SR-3.3 Datasheet
418Kb / 6P
   2 Amp, 3.3V, 5.0V, & 5.2V Output, High Effi ciency, Synchronous Switching Regulators
logo
Linear Technology
LTC3727A-1 LINER-LTC3727A-1_15 Datasheet
339Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulators
logo
MicroPower Direct, LLC
MSR7805WUP MPD-MSR7805WUP Datasheet
1Mb / 4P
   Effi ciency to 95%
LSR7810 MPD-LSR7810 Datasheet
529Kb / 2P
   Effi ciency to 93%
logo
Linear Technology
LTC3707 LINER-LTC3707 Datasheet
399Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC_15 Datasheet
400Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707 LINER-LTC3707_15 Datasheet
394Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
LTC3707-SYNC LINER-LTC3707-SYNC Datasheet
405Kb / 32P
   High Effi ciency, 2-Phase Synchronous Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com