Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RH2P-1005 Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # RH2P-1005
Description  HIGH VALUE & HIGH VOLTAGE CYLINDRICAL RESISTORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

RH2P-1005 Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  RH2P-1005 Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
U U U U U
Industry’s widest range of high value/ high voltage resistors-
1/8 ~ 20W, 1K
Ω~ 1013Ω, 300V~ 90KV, TC’s to ±15ppm, ±0.05%~ 10%
Available on Tape & Reel (sizes <2.5” long)
RCD’s high voltage thick-film resistors represent the most advanced technology in the
industry. Series RG is designed for semi-precision applications, offering a low cost
solution up to 15KV. Series RH features a special composition and processing to
achieve improved tolerance, TC, & voltage (60KV). Series RP utilize highest grade
materials enabling tightest tolerances, lowest VC’s, TC’s to 15ppm, and superior
power/temp/voltage levels (90KV). RP utilize serpentine film pattern for lowest
inductance. Units are printed or banded with resistance value and tolerance as
minimum.
The ruggedness of these models enables superior long term reliability, especially in
demanding applications such as military, space, and medical equipment, as well as
electron microscopes, high impedance amplifiers, electrometer, radiation testers, etc.
* Maximum working voltage is DC or AC RMS (50-60Hz sinusoidal) and is determined by E= (PR)1/2, E not to exceed value listed in column above. **Consult factory for res. values outside the standard range
OPTIONS
Options include formed leads, matched sets, custom marking, burn-in,
vacuum/space operation, custom sizes, etc. Opt. P = high pulse design,
Opt.H= increased voltage, Opt.B=increased power, Opt.58=hermetic
seal.
* Extended temperature range available ** Tinned copper leads avail. on Series RP (specify Opt.25)
DERATING
100
75
50
25
0
25
50
75
100
125
150
175
200
225
AMBIENT TEMPERATURE (°C)
RP
RG,RH
Increased Ratings - increased power and voltage ratings are available with
special processing. By specifying Opt.H on RG series, voltage ratings are
increased by 100% (by 50% on sizes 2W-4W).
Matched Sets and Networks - cost savings up to 50% can often be achieved
by specifying tight matching requirements instead of tight tol. and TC reqts.
Resistance matching to 0.02% and TC tracking to 5ppm is available.
Threaded Terminations - resistors are available with tapped end caps for
series combination into virtually any voltage or resis. value.
Hermetic-Sealed Construction (Opt. 58) - Available on RH1, RH2, & RH3
for use in harshest environments. Add .08” to dia. & .18” to length.
CUSTOM DESIGNS
SPECIFICATIONS (Typ.)
1 RH2 is available in 400ppm TCR from 100G to 300G, 300G-600G is 1000ppm, 600G-3T is 1500ppm 2 RH3 is available in 400ppm TCR from 100G-600g, 600G-1T is 1000ppm, 1T-10T is 1500ppm
G
RW
e
g
a
t
t
ae
g
a
t
l
o
Vc
i
r
t
c
e
l
e
i
D]
m
m
[
h
c
n
I
s
n
o
i
s
n
e
m
i
D
0
1
=
K
(
*
*
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
d
r
a
d
n
a
t
S
3
0
1
=
M
,
6
0
1
=
G
,
9)
s
e
i
r
e
SC
°
5
2
@*
g
n
i
t
a
Rh
t
g
n
e
r
t
SL
D
d
m
p
p
5
2m
p
p
0
5m
p
p
0
0
1m
p
p
0
0
2m
p
p
0
5
3
8
/
1
G
RW
8
/
1V
0
0
3V
0
0
5]
0
.
1
±
4
.
3
[
4
0
.
±
4
3
1
.]
4
6
.
0
±
7
.
1
[
5
2
0
.
±
7
6
0
.]
5
.
[
0
2
0
.A
/
NM
0
1
-
M
1M
0
0
3
-
M
1M
0
0
3
-
M
1M
0
0
3
-
M
1
4
/
1
G
RW
4
/
1V
0
0
5V
0
0
5]
0
.
1
±
5
.
6
[
4
0
.
±
6
5
2
.]
4
6
.
0
±
5
.
2
[
5
2
0
.
±
8
9
0
.]
6
.
[
4
2
0
.A
/
NM
0
5
-
K
0
0
1G
3
-
K
0
0
1G
3
-
K
0
0
1G
3
-
K
0
0
1
2
/
1
G
RW
2
/
1V
K
1V
0
0
5]
0
.
1
±
4
.
9
[
4
0
.
±
8
6
3
.]
1
8
.
0
±
4
.
3
[
2
3
0
.
±
4
3
1
.]
4
6
.
[
5
2
0
.A
/
NM
0
5
-
K
0
0
1G
3
-
K
0
0
1G
3
-
K
0
0
1G
3
-
K
0
0
1
S
1
G
RW
1V
K
5
.
1V
0
0
5]
3
.
1
±
0
.
2
1
[
5
0
.
±
2
7
4
.]
1
8
.
0
±
0
.
4
[
2
3
0
.
±
8
5
1
.]
7
.
[
8
2
0
.A
/
NM
0
5
-
k
0
0
2M
0
0
1
-
K
0
0
2M
0
0
3
-
K
0
0
2M
0
0
3
-
K
0
0
2
1
G
RW
1V
K
2V
K
1]
3
.
1
±
8
.
4
1
[
5
0
.
±
1
8
5
.]
1
8
.
0
±
5
.
5
[
2
3
0
.
±
6
1
2
.}
8
.
[
1
3
0
.A
/
NM
0
5
-
k
0
0
2M
0
0
1
-
K
0
0
2M
0
0
5
-
K
0
0
2M
0
0
5
-
K
0
0
2
2
G
RW
2V
K
5V
K
1]
6
.
1
±
9
.
6
2
[
2
6
0
.
±
6
0
.
1]
1
8
.
0
±
0
.
7
[
2
3
0
.
±
5
7
2
.}
8
.
[
1
3
0
.A
/
NA
/
N*
**
*G
5
.
1
-
M
1
3
G
RW
3V
K
0
1V
K
1]
6
.
1
±
4
.
2
4
[
2
6
0
.
±
7
6
.
1]
1
8
.
0
±
0
.
7
[
2
3
0
.
±
5
7
2
.}
8
.
[
1
3
0
.A
/
NA
/
N*
**
*G
5
.
1
-
M
1
4
G
RW
4V
K
5
1V
K
1]
6
.
1
±
1
.
2
5
[
2
6
0
.
±
5
0
.
2]
2
0
.
1
±
5
.
8
[
2
3
0
.
±
5
3
3
.]
1
[
0
4
0
.A
/
NA
/
N*
**
*G
5
.
1
-
M
1
P
RW
e
g
a
t
t
ae
g
a
t
l
o
Vc
i
r
t
c
e
l
e
i
D]
m
m
[
h
c
n
I
s
n
o
i
s
n
e
m
i
D
0
1
=
K
(
*
*
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
d
r
a
d
n
a
t
S
3
0
1
=
M
,
6
0
1
=
G
,
9)
s
e
i
r
e
SC
°
0
4
@*
g
n
i
t
a
Rh
t
g
n
e
r
t
SL
D
d
m
p
p
5
1m
p
p
5
2m
p
p
0
5m
p
p
0
0
1m
p
p
0
0
2
4
P
RW
8
.
3V
K
5
1V
K
1]
0
.
1
±
0
.
7
2
[
4
0
.
±
3
6
0
.
1]
4
6
.
±
0
.
8
[
5
2
0
.
±
5
1
3
.]
9
7
.
[
1
3
0
.G
1
-
K
1G
0
1
-
K
1G
0
1
-
K
1G
0
1
-
K
1G
0
1
-
K
1
5
P
RW
5V
K
1
2V
K
1]
0
.
1
±
0
.
7
3
[
4
0
.
±
7
5
4
.
1]
4
6
.
±
0
.
8
[
5
2
0
.
±
5
1
3
.]
9
7
.
[
1
3
0
.G
1
-
K
1G
5
1
-
K
1G
5
1
-
K
1G
5
1
-
K
1G
5
1
-
K
1
8
P
RW
5
.
7V
K
0
3V
K
1]
3
.
1
±
0
.
2
5
[
5
0
.
±
7
4
0
.
2]
4
6
.
±
0
.
8
[
5
2
0
.
±
5
1
3
.]
9
7
.
[
1
3
0
.G
1
-
K
1G
0
2
-
K
1G
0
2
-
K
1G
0
2
-
K
1G
0
2
-
K
1
0
1
P
RW
0
1V
K
5
4V
K
1]
5
.
1
±
0
.
8
7
[
6
0
.
±
1
7
0
.
3]
4
6
.
±
0
.
8
[
5
2
0
.
±
5
1
3
.]
9
7
.
[
1
3
0
.G
1
-
K
1G
0
3
-
K
1G
0
3
-
K
1G
0
3
-
K
1G
0
3
-
K
1
1
P
R4
W
5
.
3
1V
K
0
6V
K
1]
5
.
1
±
6
.
1
0
1
[
6
0
.
±
0
0
0
.
4]
4
6
.
±
0
.
8
[
5
2
0
.
±
5
1
3
.]
9
7
.
[
1
3
0
.G
1
-
K
1G
0
4
-
K
1G
0
4
-
K
1G
0
4
-
K
1G
0
4
-
K
1
6
1
P
RW
6
1V
K
2
7V
K
1]
5
.
1
±
9
.
1
2
1
[
6
0
.
±
0
0
8
.
4]
4
6
.
±
0
.
8
[
5
2
0
.
±
5
1
3
.]
9
7
.
[
1
3
0
.G
1
-
K
1G
0
5
-
K
1G
0
5
-
K
1G
0
5
-
K
1G
0
5
-
K
1
0
2
P
RW
0
2V
K
0
9V
K
1]
5
.
1
±
0
.
2
5
1
[
6
0
.
±
4
8
9
.
5]
4
6
.
±
0
.
8
[
5
2
0
.
±
5
1
3
.]
9
7
.
[
1
3
0
.G
1
-
K
1G
0
6
-
K
1G
0
6
-
K
1G
0
6
-
K
1G
0
6
-
K
1
s
e
i
r
e
S
G
Rs
e
i
r
e
S
H
Rs
e
i
r
e
S
P
R
e
g
n
a
R
.
p
m
e
T
g
n
i
t
a
r
e
p
O*
C
°
5
5
1
+
o
t
5
5
-*
C
°
5
5
1
+
o
t
5
5
-*
C
°
5
2
2
+
o
t
5
5
-
s
e
c
n
a
r
e
l
o
Tli
a
v
a
%
1
.
0
,
%
0
1
-
%
1%
5
-
%
1
.
0%
5
-
%
5
0
.
0
g
n
i
t
a
o
Cy
x
o
p
Ey
x
o
p
Ee
n
o
c
il
i
S
e
c
n
a
t
c
u
d
n
Iw
o
Lw
o
Le
v
i
t
c
u
d
n
I
-
n
o
N
)
V
x
5
.
1
e
t
n
,
S
5
,
W
x
5
.
1
(
d
a
o
l
r
e
v
O%
1
±
∆R%
5
.
0
±
∆R%
5
2
.
0
±
∆R
)
s
r
u
o
h
0
0
0
1
(
e
f
i
L
d
a
o
L%
2
±
∆R%
5
.
0
±
∆R%
4
.
0
±
∆R
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
2
±
∆R%
5
.
0
±
∆R%
5
2
.
0
±
∆R
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
VG
1
<
V
/
m
p
p
0
1
-V
/
m
p
p
5
-V
/
m
p
p
3
.
0
-
)
V
/
m
p
p
=
C
V
(G
1
G
0
1
-
V
/
m
p
p
0
3
-V
/
m
p
p
0
2
-V
/
m
p
p
5
.
1
-
T
7
-
G
0
1
A
/
NV
/
m
p
p
0
0
1
-V
/
m
p
p
2
-
H
RW
e
g
a
t
t
ae
g
a
t
l
o
Vc
i
r
t
c
e
l
e
i
D]
m
m
[
h
c
n
I
s
n
o
i
s
n
e
m
i
D
0
1
=
K
(
*
*
e
g
n
a
R
e
c
n
a
t
s
i
s
e
R
d
r
a
d
n
a
t
S
3
0
1
=
M
,
6
0
1
=
G
,
9
0
1
=
T
,
2
1 )
s
e
i
r
e
SC
°
5
2
@*
g
n
i
t
a
Rh
t
g
n
e
r
t
SL
D
d
m
p
p
5
2m
p
p
0
5m
p
p
0
0
1m
p
p
0
0
2
≥≥≥≥≥
m
p
p
0
0
4
8
/
1
H
RW
8
/
1V
0
0
5V
0
0
5]
0
.
1
±
1
.
6
[
4
0
.
±
0
4
2
.]
6
.
0
±
6
1
.
2
[
5
2
0
.
±
5
8
0
.]
6
.
[
4
2
0
.
0M
0
5
-
K
0
0
1M
0
0
1
-
K
0
5M
0
0
1
-
K
0
1M
0
0
5
-
K
0
1G
4
-
M
0
0
5
4
/
1
H
RW
4
/
1V
0
5
7V
0
0
5]
0
.
1
±
0
.
9
[
4
0
.
±
4
5
3
.]
0
.
1
±
0
0
.
3
[
4
0
.
±
8
1
1
.]
6
.
[
4
2
0
.
0M
0
0
1
-
K
0
0
1M
0
0
1
-
K
0
0
1M
0
0
3
-
K
0
1G
1
-
K
0
1G
5
-
G
1
2
/
1
H
RW
2
/
1V
0
0
5
1V
0
0
5]
0
.
1
±
7
.
2
1
[
4
0
.
±
0
0
5
.]
0
.
1
±
7
5
.
4
[
4
0
.
±
0
8
1
.]
8
.
[
1
3
0
.
0M
0
0
1
-
K
0
0
1M
0
0
1
-
K
0
0
1G
1
-
K
0
0
1G
5
-
K
0
0
1G
5
-
G
1
1
H
RW
1V
0
0
0
2V
K
1]
0
.
1
±
5
.
4
1
[
4
0
.
±
1
7
5
.]
0
.
1
±
7
5
.
4
[
4
0
.
±
0
8
1
.]
8
.
[
1
3
0
.
0M
0
0
1
-
K
0
0
1M
0
0
5
-
K
0
0
1G
2
-
K
0
0
1G
5
1
-
K
0
0
1G
0
5
-
G
5
1
2
H
RW
2V
0
0
0
5V
K
1]
0
.
2
±
4
.
5
2
[
8
0
.
±
0
0
.
1]
3
.
1
±
3
7
.
6
[
5
0
.
±
5
6
2
.]
1
/
8
.
[
4
0
.
/
1
3
0
.M
0
0
1
-
K
0
0
1M
0
0
5
-
K
0
0
1G
2
-
K
0
0
1G
0
0
1
-
K
0
0
1T
3
-
G
0
0
1
1
3
H
RW
3V
K
0
1V
K
1]
0
.
2
±
9
.
1
4
[
8
0
.
±
5
6
.
1]
3
.
1
±
3
7
.
6
[
5
0
.
±
5
6
2
.]
1
/
8
.
[
4
0
.
/
1
3
0
.M
0
0
1
-
K
0
0
1M
0
0
5
-
K
0
0
1G
2
-
K
0
0
1G
0
0
1
-
K
0
0
1T
0
1
-
G
0
0
1
2
4
H
RW
4V
K
5
1V
K
1]
0
.
2
±
1
.
2
5
[
8
0
.
±
5
0
.
2]
3
.
1
±
3
1
.
8
[
5
0
.
±
0
2
3
.]
1
/
8
.
[
4
0
.
/
1
3
0
.-
M
0
0
5
-
K
0
0
1G
2
-
K
0
0
1G
0
1
-
K
0
0
1-
6
H
RW
6V
K
0
2V
K
1]
0
.
2
±
7
7
[
8
0
.
±
3
0
.
3]
3
.
1
±
3
1
.
8
[
5
0
.
±
0
2
3
.]
1
/
8
.
[
4
0
.
/
1
3
0
.-
M
0
0
5
-
K
0
0
5G
2
-
K
0
0
5G
0
1
-
K
0
0
1-
0
1
H
RW
0
1V
K
5
3V
K
1]
1
.
3
±
4
.
9
1
1
[
2
1
.
±
0
7
.
4]
3
.
1
±
3
1
.
8
[
5
0
.
±
0
2
3
.]
1
/
8
.
[
4
0
.
/
1
3
0
.-
M
0
0
5
-
M
1G
2
-
M
1G
0
1
-
K
0
0
1-
6
1
H
RW
6
1V
K
0
6V
K
1]
1
.
3
±
0
9
1
[
2
1
.
±
8
4
.
7]
3
.
1
±
3
1
.
8
[
5
0
.
±
0
2
3
.]
0
.
1
[
4
0
.
0-
M
0
0
5
-
M
1G
2
-
M
1G
0
1
-
K
0
0
1-
FA036C
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
Internal construction of RP Series
(non-inductive serpentine film)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
RESISTORS CAPACITORS COILS DELAY LINES
HIGH VALUE & HIGH VOLTAGE CYLINDRICAL RESISTORS
RG SERIES - General Purpose
RH SERIES - High Precision
RP SERIES - Professional Grade
D
L
1.35” min (1.06” on
1/2W and smaller)
d ±.004
69
RH2
- 1005 - F T 50 W
TC: 15=15ppm, 25 =25ppm, 50 =50ppm, 80 = 80ppm, 101 =100ppm,
201=200ppm, 351=350ppm, 401=400ppm, 102=1000ppm, 152=1500ppm)
P/N DESIGNATION:
RCD Type
4-Digit Resis. Code 0.1%-1%: 1001=1K
, 1002=10K, 1003=100K,
1004=1M
,1005=10M,1006=100M, 1G00=1GΩ, 10G0=10G,
100G=100G, 1T00=1T
Ω, 10T0=10T
3-Digit Resis. Code 2%-10%: 102=1K
, 103=10K, 104=100K, 105=1M,
106=10M, 107=100M,1G0=1G
,10G=10G,100G=100G,1T0=1TΩ,10T=10T
Packaging: B = Bulk, T = Tape & Reel
Tolerance: J=5%,G=2%,F=1%,D=.5%,C=.25%,B=.1%,A=.05%
Options: P, H, B, 58, etc. (leave blank if std)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is acceptable)
RoHS
Term.W is
RoHS
compliant
& 260°C
compatible


Similar Part No. - RH2P-1005

ManufacturerPart #DatasheetDescription
logo
LEM
RH200-P LEM-RH200-P Datasheet
42Kb / 2P
   Coreless Coil Current Transducer RH 100~1000-P
RH200-S LEM-RH200-S Datasheet
73Kb / 2P
   Coreless Coil Current Transducer RH 100~1000-S
logo
Hammond Manufacturing L...
RH20000GY HAMMOND-RH20000GY Datasheet
235Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RH20000LG HAMMOND-RH20000LG Datasheet
235Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
RH20000SS HAMMOND-RH20000SS Datasheet
237Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results

Similar Description - RH2P-1005

ManufacturerPart #DatasheetDescription
logo
RCD COMPONENTS INC.
UHV3-1001-KB RCD-UHV3-1001-KB Datasheet
44Kb / 1P
   HIGH VOLTAGE AND HIGH VALUE RESISTORS
SRH2512H-1003-KB RCD-SRH2512H-1003-KB Datasheet
56Kb / 1P
   PRECISION HIGH VOLTAGE/ HIGH VALUE CHIP RESISTORS
logo
Willow Technologies Ltd
HTE WILLOW-HTE Datasheet
3Mb / 2P
   Cylindrical High Voltage Resistors,Thicker film,Non-Inductive
logo
American Accurate Compo...
RHAL100GFP AAC-RHAL100GFP Datasheet
100Kb / 1P
   Ultra High Value Resistors
logo
Tyco Electronics
RH73 MACOM-RH73 Datasheet
82Kb / 2P
   SMD High Value Resistors
logo
RHOPOINT COMPONENTS
CHS0402 RHOPOINT-CHS0402 Datasheet
47Kb / 2P
   High-Value Chip Resistors
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
List of Unclassifed Man...
HR ETC1-HR Datasheet
280Kb / 2P
   HIGH VALUE SURFACE MOUNTED RESISTORS
logo
RHOPOINT COMPONENTS
CHM0805 RHOPOINT-CHM0805 Datasheet
47Kb / 2P
   Precision High Value Chip Resistors
logo
American Accurate Compo...
CRH10107KM AAC-CRH10107KM_17 Datasheet
323Kb / 2P
   HIGH RESISTANCE VALUE CHIP RESISTORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com