Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-20-CP Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DMS-20-CP
Description  Self-Powered LED Display High-Voltage, 50/60/400Hz AC Line Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-20-CP Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DMS-20-CP Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-20-CP Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Dimensions in inches (millimeters)
Tolerances:
2 PL Dec ±0.02 (±0.51)
3 PL Dec ±0.010 (±0.254)
Recommended panel cutout dimensions:
1.336 (33.93)W × 0.838 (21.29)H
Internal corner radii 0.032 (0.81) Max.
0.75
(19.1)
#6-32
UNC THD
0.44
(11.2)
0.80
(20.3)
0.32
(8.1)
0.04
(1.016)
0.88
(22.4)
1.00
(25.4)
0.04
(1.016)
0.04
(1.016)
1.30
(33.0)
1.38
(35.1)
0.19
(4.8)
1.28
(32.5)
0.10
(2.5)
1.07
(27.2)
0.10
(2.5)
#2-56 INSERT
0.156 (3.96) DEEP
1.63 (41.4)
1.83 (46.5)
0.37
(9.4)
DMS-BZL3-C
Optional Bezel
MPM_DMS-20PC-2LM.B02 Page 2 of 2
DMS-20PC-2-LM
Self-Powered LED Display High-Voltage,
50/60/400Hz AC Line Monitor
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 and 14001 REGISTERED
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
11/24/08


Similar Part No. - DMS-20-CP

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
253Kb / 2P
   Self-Powered, 12V and 24V, LCD Display 2-Wire DC Voltage Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
525Kb / 2P
   Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
2022
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
237Kb / 6P
   4-20mA Input Loop-Powered Ultra-Low 1.8V Loop Drop 3쩍 Digit LCD Display Process Monitors
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
192Kb / 2P
   Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
2022
DMS-20-CP MURATA-PS-DMS-20-CP Datasheet
150Kb / 2P
   Self-Powered, 50V and 150V LCD Display 2-Wire DC Voltage Monitors
More results

Similar Description - DMS-20-CP

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DMS-LM3 MURATA-DMS-LM3 Datasheet
172Kb / 2P
   Self-Powered LED Display 480V AC Line Monitor
logo
Murata Power Solutions ...
DMS-20PC-1-LM MURATA-PS-DMS-20PC-1-LM Datasheet
267Kb / 2P
   Self-Powered 3 Digit, LED Display AC Line Voltage Monitors
DMS-20PC-4-DCM MURATA-PS-DMS-20PC-4-DCM Datasheet
192Kb / 2P
   Self-Powered LED Display, Negative Input DC Voltage Monitor
DMS-20PC-3-DCM MURATA-PS-DMS-20PC-3-DCM Datasheet
191Kb / 2P
   2 to 11Vdc, Self-Powered LED Display, DC Voltage Monitor
DMS-20PC-7-DCM MURATA-PS-DMS-20PC-7-DCM Datasheet
191Kb / 2P
   36 to 75Vdc, Self-Powered LED Display, DC Voltage Monitor
logo
Murata Manufacturing Co...
DMS20-FM MURATA-DMS20-FM Datasheet
122Kb / 2P
   Self-Powered, 3-Digit LED Display AC Line Frequency Monitors
logo
Murata Power Solutions ...
DMS-20PC-0-DCM MURATA-PS-DMS-20PC-0-DCM Datasheet
150Kb / 2P
   Self-Powered, Positive Input LED Display, DC Voltage Monitors
logo
Murata Manufacturing Co...
DMR20-10-DCM MURATA-DMR20-10-DCM Datasheet
274Kb / 4P
   2-Wire, Self-Powered, Auto-Ranging DC Voltage Monitor
DMR20-1-ACV MURATA-DMR20-1-ACV Datasheet
590Kb / 4P
   85 to 264Vac, LED Display Line Monitor
logo
Omron Electronics LLC
H7EC-NFV-B OMRON-H7EC-NFV-B Datasheet
1Mb / 12P
   Self-Powered Tachometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com