Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-PS3-CM Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # DMS-PS3-CM
Description  High Efficiency, AC/DC Instrumentation Power Supplies with Individually Isolated Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-PS3-CM Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  DMS-PS3-CM Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-PS3-CM Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMS-PS3-CM Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMS-PS3-CM Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DMS-PS3-CM Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DMS-PS3-CM Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DMS-PS3-CM Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DMS-PS3-CM Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
The ac-mains circuit supplying power to DMS-PS-CM supplies must be fused
according to the current rating of the wire gauge used, in accordance with
applicable regulatory codes. The built-in 1ampere line fuse (F1) only protects
the module itself from destructive over currents.
5. AC Mains Connections (TB4): To ensure EMI-compliant operation, all three
ac-supply inputs must be properly connected to TB4. Never operate any DMS-
PS-CM power supply without a ground connection to TB4’s ‘FG’ terminal.
On 120Vac 50/60Hz mains, connect the black or "hot" lead to ‘AC(L)’, the
white or “neutral” lead to ‘AC(N)’, and the supply ground (earth) to ‘FG’ (Frame
Ground). On 220V 50/60Hz ac mains with line and neutral conductor-designa-
tions, connect the line to AC(L), the neutral to AC(N), and the ground to ‘FG’.
6. Connector Torque Ratings: It is extremely important to tighten all input and
output terminal blocks securely. TB4’s screw terminals must be torqued to
4.4 pound-inches (0.5Nm). TB1, TB2, and TB3 must be torqued to 3.6 pound-
inches (0.4Nm). Proper tightening will minimize losses and ensure safe,
reliable operation.
7. ‘Power On’ LED: The Power On LED indicates that the unit has ac-power
applied and its V1 dc-output is operational. However, the power-on LED’s
illumination does not imply nor guarantee that the unit’s dc-outputs are within
their specified accuracy.
8. Output Adjustment: The main output, V1, on all 5, 10, and 16W models is
adjustable by approximately –10% to +15%. V1’s adjustment potentiometer
is accessed via a small hole located next to the Power-On LED. While not
recommended, field adjustment of single-output models can be performed
within the tolerance window noted above. However, keep in mind that the
unit’s maximum output power capability must not be exceeded. For example,
increasing V1’s output voltage by 10% produces a corresponding 10% reduc-
tion in V1’s maximum output current.
On dual-and triple-output units, V1 is factory calibrated with all outputs
simultaneously loaded to 100% of their rated current. On all dual- and
triple output models, adjusting V1 under any condition other than
those just noted (i.e., all outputs loaded to their full rated current) will
adversely affect the operation and stability of auxiliary outputs V2 and
V3. On these models, V1 must be adjusted to within ±2 % of its nominal
value (+5.0V, +12.0V, or +24.0V, depending on model).
9. Temperature Derating (See Figure 3): All DMS-PS-CM supplies are speci-
fied to operate at their full rated power over the temp range of 0°C to +50°C
in still air (convection cooling) without any thermal derating. For operation
over +50°C in still air, derate the output power linearly by 2.5% per °C down
to 50% rated power at +70°C. To operate the units at full rated power between
+50°C and +70°C, a minimum forced-airflow of 100 LFM is required. For
operation below 0°C, derate the output power linearly by 2.0% per °C down
to 50% rated power at –25°C.
Unless forced air with the velocity noted above is employed, DMS-PS-CM
supplies should never be mounted upside down (terminal blocks facing
down). Also, always provide sufficient clearances in order to ensure adequate
airflow around the supply.
10. V1 Peak Capabilities: DMS-PS-CM power supplies have a maximum
continuous output-current rating that’s specified in the Ordering and Selection
Guide. In addition, each model’s V1 output can intermittently supply 120% of
its continuous rated current for short periods of time if the duty cycle is less
than 10%. Peak current ratings do not apply to the auxiliary outputs V2 or V3.
11. Isolated Outputs: Unlike the majority of competitive ac/dc power supplies,
all dual- and triple-output DMS-PS-CM power supplies feature fully-isolated
outputs. This is an important feature when, for reasons of high common mode
voltages, an instrument’s input circuit must be isolated from the system ground.
All V1 outputs are isolated from the ac mains by a minimum of 3000Vac, while
auxiliary outputs V2 and V3 are isolated from one another by 2000Vdc, and
fromV1 by 1000Vdc. The low noise, double-isolated auxiliaries are ideal for
powering sensitive instrumentation that requires low ac leakage-currents.
All ac/dc and dc/dc power components utilized in the construction of DMS-
PS-CM power supplies are 100% hi-pot tested during their manufacturing pro-
cesses. In addition, after final assembly by MPS, all models are subjected to an
additional hi-pot testing consisting of 1000Vac sequentially applied between the
ac mains input and each output, and between each output and all other outputs.
100
75
50
25
0
–25
–10
0
10152025303540455055606570
70ºC
2.5% / ºC
2.0% / ºC
75
Figure 3. Temperature Derating
DMS-PS-CM Series
High Efficiency, AC/DC Instrumentation Power
Supplies with Individually Isolated Outputs
MPM_DMS-PS-CM.B02 Page 4 of 8
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - DMS-PS3-CM

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMS-PS1-CM ETC1-DMS-PS1-CM Datasheet
230Kb / 6P
   4 1/2Digit, LED Display Precision, Miniature Digital Panel Voltmeters
logo
Murata Power Solutions ...
DMS-PS1-CM-C MURATA-PS-DMS-PS1-CM-C Datasheet
210Kb / 6P
   3쩍 Digit, LED Display, Low-Cost, Subminiature Digital Panel Voltmeters
DMS-PS1-CM-C MURATA-PS-DMS-PS1-CM-C Datasheet
205Kb / 6P
   3쩍 Digit, LED Display Low-Power, Miniature Digital Panel Voltmeters
logo
Murata Manufacturing Co...
DMS-PS1-CM-C MURATA-DMS-PS1-CM-C Datasheet
210Kb / 4P
   0-5V and 0-10V Input 3쩍 Digit, LED Display Process Control Monitors
logo
Murata Power Solutions ...
DMS-PS4-CM MURATA-PS-DMS-PS4-CM Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
More results

Similar Description - DMS-PS3-CM

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TW150 TRUMPOWER-TW150 Datasheet
267Kb / 3P
   150W Multiple Outputs AC/DC Power Supplies
logo
SynQor Worldwide Headqu...
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com