Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SWX3048S15 Datasheet(PDF) 2 Page - XP Power Limited

Part # SWX3048S15
Description  DC-DC Power Supplies
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

SWX3048S15 Datasheet(HTML) 2 Page - XP Power Limited

  SWX3048S15 Datasheet HTML 1Page - XP Power Limited SWX3048S15 Datasheet HTML 2Page - XP Power Limited SWX3048S15 Datasheet HTML 3Page - XP Power Limited SWX3048S15 Datasheet HTML 4Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SWX
Models and Ratings
Input
Voltage
Output
Power
Output
Voltage
Output
Current
Efficiency(1)
Model
Number(3)
36-72 VDC
4.20 W
1.2 V
3.50 A
80%
SWX1048S1V2
5.25 W
1.5 V
3.50 A
82%
SWX1048S1V5
5.40 W
1.8 V
3.00 A
84%
SWX1048S1V8
6.00 W
2.0 V
3.00 A
85%
SWX1048S2V0
7.50 W
2.5 V
3.00 A
86%
SWX1048S2V5
9.90 W
3.3 V
3.00 A
88%
SWX1048S3V3
10.00 W
5.0 V
2.00 A
89%
SWX1048S5V0
10.80 W
12.0 V
0.90 A
88%
SWX1048S12
10.50 W
15.0 V
0.70 A
88%
SWX1048S15
18-36 VDC
7.80 W
1.5 V
5.20 A
82%
SWX1524S1V5
8.10 W
1.8 V
4.50 A
85%
SWX1524S1V8
11.25 W
2.5 V
4.50 A
87%
SWX1524S2V5
14.85 W
3.3 V
4.50 A
89%
SWX1524S3V3
15.00 W
5.0 V
3.00 A
90%
SWX1524S5V0
15.00 W
12.0 V
1.25 A
89%
SWX1524S12
15.00 W
15.0 V
1.00 A
89%
SWX1524S15
36-76 VDC
6.24 W
1.2 V
5.20 A
80%
SWX1548S1V2
7.80 W
1.5 V
5.20 A
82%
SWX1548S1V5
8.10 W
1.8 V
4.50 A
85%
SWX1548S1V8
9.00 W
2.0 V
4.50 A
86%
SWX1548S2V0
11.25 W
2.5 V
4.50 A
87%
SWX1548S2V5
14.85 W
3.3 V
4.50 A
89%
SWX1548S3V3
15.00 W
5.0 V
3.00 A
90%
SWX1548S5V0
15.00 W
12.0 V
1.25 A
89%
SWX1548S12
15.00 W
15.0 V
1.00 A
89%
SWX1548S15
36-76 VDC
13.50 W
1.5 V
9.00 A
86%
SWX2048S1V5
14.40 W
1.8 V
8.00 A
85%
SWX2048S1V8
17.50 W
2.5 V
7.00 A
88%
SWX2048S2V5
19.80 W
3.3 V
6.00 A
90%
SWX2048S3V3
20.00 W
5.0 V
4.00 A
90%
SWX2048S5V0
18-36 VDC
12.50 W
1.2 V
10.40 A
81%
SWX3024S1V2
15.60 W
1.5 V
10.40 A
83%
SWX3024S1V5
16.20 W
1.8 V
9.00 A
86%
SWX3024S1V8
22.50 W
2.5 V
9.00 A
88%
SWX3024S2V5
29.70 W
3.3 V
9.00 A
90%
SWX3024S3V3
30.00 W
5.0 V
6.00 A
90%
SWX3024S5V0
30.00 W
12.0 V
2.50 A
89%
SWX3024S12
30.00 W
15.0 V
2.00 A
89%
SWX3024S15
36-76 VDC
12.50 W
1.2 V
10.40 A
81%
SWX3048S1V2
15.60 W
1.5 V
10.40 A
83%
SWX3048S1V5
16.20 W
1.8 V
9.00 A
86%
SWX3048S1V8
18.00 W
2.0 V
9.00 A
87%
SWX3048S2V0
22.50 W
2.5 V
9.00 A
88%
SWX3048S2V5
29.70 W
3.3 V
9.00 A
90%
SWX3048S3V3
30.00 W
5.0 V
6.00 A
90%
SWX3048S5V0
30.00 W
10.0 V
3.00 A
90%
SWX3048S10
30.00 W
12.0 V
2.50 A
89%
SWX3048S12
30.00 W
15.0 V
2.00 A
89%
SWX3048S15
Notes
1. Measured at Vnom input, rated load and +25 ºC.
2. For SWX10 and SWX15 models, a 1 A fast blow fuse and 10 µF capacitor are recommended across the input pins.
For SWX30 models, a 2 A fast blow fuse and 20 µF capacitor are recommended across the input pins.
3. For surface mount package add suffix ‘-SMB’ to model number.
4. Contact sales for full application notes or visit www.xppower.com.


Similar Part No. - SWX3048S15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SWXHHN300 ETC1-SWXHHN300 Datasheet
344Kb / 2P
   RECTIFIER DIODES STUD AND FLAT BASE TYPES
SWXHHN320 ETC1-SWXHHN320 Datasheet
344Kb / 2P
   RECTIFIER DIODES STUD AND FLAT BASE TYPES
SWXHHN380 ETC1-SWXHHN380 Datasheet
344Kb / 2P
   RECTIFIER DIODES STUD AND FLAT BASE TYPES
SWXHHN400 ETC1-SWXHHN400 Datasheet
344Kb / 2P
   RECTIFIER DIODES STUD AND FLAT BASE TYPES
SWXKBR515 ETC1-SWXKBR515 Datasheet
344Kb / 2P
   RECTIFIER DIODES STUD AND FLAT BASE TYPES
More results

Similar Description - SWX3048S15

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
WT200 XPPOWER-WT200 Datasheet
82Kb / 2P
   DC-DC Power Supplies
ICH5012S2V5 XPPOWER-ICH5012S2V5 Datasheet
371Kb / 4P
   DC-DC Power Supplies
IW0503SA XPPOWER-IW0503SA Datasheet
260Kb / 2P
   DC-DC Power Supplies
JCL3012S3V3 XPPOWER-JCL3012S3V3 Datasheet
69Kb / 2P
   DC-DC Power Supplies
JPM80PS03 XPPOWER-JPM80PS03 Datasheet
420Kb / 4P
   DC-DC Power Supplies
JTB0324S3V3 XPPOWER-JTB0324S3V3 Datasheet
87Kb / 2P
   DC-DC Power Supplies
RDC40 XPPOWER-RDC40 Datasheet
463Kb / 4P
   DC-DC Power Supplies
IB0503S XPPOWER-IB0503S Datasheet
53Kb / 1P
   DC-DC Power Supplies
IF0503S XPPOWER-IF0503S Datasheet
158Kb / 1P
   DC-DC Power Supplies
IL0503S XPPOWER-IL0503S Datasheet
45Kb / 1P
   DC-DC Power Supplies
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com