Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMS-PS7-CM Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # DMS-PS7-CM
Description  High Efficiency, AC/DC Instrumentation Power Supplies with Individually Isolated Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DMS-PS7-CM Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  DMS-PS7-CM Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DMS-PS7-CM Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DMS-PS7-CM Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DMS-PS7-CM Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DMS-PS7-CM Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DMS-PS7-CM Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DMS-PS7-CM Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DMS-PS7-CM Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Mechanical Dimensions: Inches (mm) Tolerances: 2 PL DEC ±0.02 (±0.51), 3 PL DEC ±0.010 (±0.254)
Transient Response - 10% to 100% Load Step
DMS-PS3-CM
V2 (+4.85V)
DMS-PS6-CM
V2 (+4.85V)
DMS-PS9-CM
V2 (+4.85V)
DMS-PS3-CM
V1 (+5V)
DMS-PS6-CM
V1 (+24V)
DMS-PS9-CM
V1 (+24V)
Typical Performance Curves TA = +25°C, VIN = 120V @60Hz
DMS-PS-CM Series
High Efficiency, AC/DC Instrumentation Power
Supplies with Individually Isolated Outputs
MPM_DMS-PS-CM.B02 Page 7 of 8
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com


Similar Part No. - DMS-PS7-CM

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DMS-PS7-CM MURATA-PS-DMS-PS7-CM Datasheet
464Kb / 6P
   Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
logo
Murata Manufacturing Co...
DMS-PS7-CM-C MURATA-DMS-PS7-CM-C Datasheet
210Kb / 4P
   0-5V and 0-10V Input 3쩍 Digit, LED Display Process Control Monitors
More results

Similar Description - DMS-PS7-CM

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TW150 TRUMPOWER-TW150 Datasheet
267Kb / 3P
   150W Multiple Outputs AC/DC Power Supplies
logo
SynQor Worldwide Headqu...
PQ60033QTB35NKS SYNQOR-PQ60033QTB35NKS Datasheet
237Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
PQ60033QMM15NKS SYNQOR-PQ60033QMM15NKS Datasheet
234Kb / 2P
   High Efficiency, Isolated DC/DC Converter, with Baseplate
logo
XP Power Limited
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
   AC-DC Power Supplies
SMR800PS12 XPPOWER-SMR800PS12 Datasheet
262Kb / 2P
   AC-DC Power Supplies
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
   AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
   AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
   AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
   AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com