Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTL-IFB-485 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # DTL-IFB-485
Description  Interface Board for Serial-Input Electronic Loads
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DTL-IFB-485 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  DTL-IFB-485 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DTL-IFB-485 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Interface
Boar d
f or
Serial-Input
Electr onic
Loads
2
DTL-IFB-485
Mechanical Specifications
I/O Connections: P1
Pin
Function
1
+5 Volts Supply
2
+5 Volts Supply
3
+5 Volts Supply
4
RS485 Receive "A1"
5
RS485 Receive "B1"
6
Digital Ground
7
RS485 Transmit "B2"
8
RS485 Transmit "A2"
9
Digital Ground
10
Digital Ground
I/O Connections: P3
Pin
Function
1
+5 Volts Supply
2
Digital Ground
3
A/D Hi Input
4
A/D Lo Input
5
Load -
6
Load -
7
Load +
8
Load +
Note: (1) dimensions in inches (mm) (2) Mounting Holes 0.125 (3.16) diameter are on 1.640 (41.48) centers


Similar Part No. - DTL-IFB-485

ManufacturerPart #DatasheetDescription
logo
Contrinex AG Industrial...
DTL-C23PB-TMS-139-501 CONTRINEX-DTL-C23PB-TMS-139-501 Datasheet
259Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-502 CONTRINEX-DTL-C55PA-TMS-119-502 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-119-503 CONTRINEX-DTL-C55PA-TMS-119-503 Datasheet
355Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
DTL-C55PA-TMS-407-505 CONTRINEX-DTL-C55PA-TMS-407-505 Datasheet
375Kb / 6P
   PHOTOELECTRIC SENSOR DISTANCE
logo
ETA-USA
DTL-SX-W ETA-USA-DTL-SX-W Datasheet
404Kb / 2P
   50W AC Input : IEC 320-C14 Inle
More results

Similar Description - DTL-IFB-485

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DTL2A MURATA-DTL2A Datasheet
162Kb / 5P
   100 Watt, Digitally Programmable Serial-Input, Electronic Loads
logo
Maxim Integrated Produc...
MAX77642EVKIT MAXIM-MAX77642EVKIT Datasheet
2Mb / 23P
   On-Board Electronic Loads
319-100635; Rev 0; 11/20
logo
List of Unclassifed Man...
8500 ETC2-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
logo
B&K Precision Corporati...
8500 BK-8500 Datasheet
3Mb / 6P
   DC Electronic Loads
8600 BK-8600 Datasheet
2Mb / 8P
   Programmable DC Electronic Loads
logo
TEKTRONIX, INC.
2380 TEKTRONIX-2380 Datasheet
544Kb / 5P
   Programmable DC Electronic Loads
logo
Panasonic Semiconductor
ET-MDNHM10 PANASONIC-ET-MDNHM10 Datasheet
183Kb / 1P
   Interface Board for HDMI 2 input
logo
List of Unclassifed Man...
BK8500 ETC-BK8500 Datasheet
443Kb / 6P
   DC Electronic Loads 8500 series
logo
Silicon Laboratories
SI3000SSI-EVB SILABS-SI3000SSI-EVB Datasheet
594Kb / 21P
   EVALUATION BOARD FOR THE SI3000 WITH THE STANDARD SERIAL INTERFACE
logo
List of Unclassifed Man...
DTL3A ETC1-DTL3A Datasheet
286Kb / 5P
   DIGITALLY PROGRAMMABLE, 2A/200V 100WATT, ELECTRONIC LOADS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com