Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDS-1402MC Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # CDS-1402MC
Description  14-Bit, Very Fast Settling Correlated Double Sampling Circuit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

CDS-1402MC Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  CDS-1402MC Datasheet HTML 1Page - Murata Power Solutions Inc. CDS-1402MC Datasheet HTML 2Page - Murata Power Solutions Inc. CDS-1402MC Datasheet HTML 3Page - Murata Power Solutions Inc. CDS-1402MC Datasheet HTML 4Page - Murata Power Solutions Inc. CDS-1402MC Datasheet HTML 5Page - Murata Power Solutions Inc. CDS-1402MC Datasheet HTML 6Page - Murata Power Solutions Inc. CDS-1402MC Datasheet HTML 7Page - Murata Power Solutions Inc. CDS-1402MC Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CDS-1402
7
®
®
CALIBRATION PROCEDURE
Offset Adjust (Figure 5)
Offset and pedestal errors may be compensated for by
applying external voltages to pin 1 (OFFSET ADJUST V1) and/
or pin 9 (OFFSET ADJUST V2) using either voltage-output
DAC’s or potentiometers configured to appear as voltage
sources.
1. Connect pin 8 (S/H2 SUMMING NODE) either directly to pin
7 (S/H1 ROUT) or through a 100 Ohm potentiometer to pin
6 (S/H1 OUT).
2. Tie pins 3 (ANALOG INPUT 1) and 4 (ANALOG INPUT 2) to
pin 5 (ANALOG GROUND).
3. Adjust OFFSET ADJUST V1 (while S/H1 is in the hold
mode) until pin 6 (S/H1 OUT) equals 0V.
4. Adjust OFFSET ADJUST V2 (while S/H2 is in the hold
mode) until pin 22 (V OUT) equals 0V.
5. To negate the effect of output droop on the offset-adjust
process, each S/H must be continually switched between its
sample and hold modes and adjusted so its output equals
zero immediately after going into the hold mode.
The sensitivity of the voltage offset adjustments is 5mV per Volt.
Pins 1 and 9 should be left open (floating) when not being used
for offset adjustment.
Gain Matching Adjustment (Differential Gain)
between S/H1 and S/H2
The user can adjust the gain matching (differential gain)
between S/H1 and S/H2 by leaving pin 7 (S/H1 ROUT) floating
(open) and connecting a 100 Ohm potentiometer between pin
6 (S/H1 OUT) and pin 8 (S/H2 SUMMING NODE). Note, offset
adjustment should take place before gain matching adjustment.
Apply a full-scale input to both pin 3 (ANALOG INPUT 1) and
pin 4 (ANALOG INPUT 2). Adjust the 100 Ohm potentio-
meter (with both S/H's in the sample mode) until pin 22
(V OUT) is 0V.
If gain matching adjustment is not required, leave pin 6 (S/H1
OUT) floating (open) and tie pin 7 (S/H1 ROUT) to pin 8 (S/H2
SUMMING NODE).
OFFSET ADJUST V1
1
+5V
–5V
DO NOT CONNECT
2
ANALOG INPUT 1
3
ANALOG INPUT 2
4
ANALOG GROUND
5
S/H1 OUT
6
S/H1 ROUT
7
S/H2 SUMMING NODE
8
OFFSET ADJUST V2
9
+5V
–5V
DO NOT CONNECT
10
S/H1 COMMAND
11
S/H2 COMMAND
12
100
0.1µF
2.2µF
+5V
+
0.1µF
2.2µF
–5V
0.1µF
2.2µF
+5V
+
24
23
22
21
20
19
18
17
16
15
14
13
ANALOG GROUND
V OUT
ANALOG GROUND
A/D CLOCK 2
A/D CLOCK 2
A/D CLOCK 1
A/D CLOCK 1
+5V DIGITAL SUPPLY
DIGITAL GROUND
ANALOG GROUND
–5V ANALOG SUPPLY
+5V ANALOG SUPPLY
CDS-1402
Figure 5. CDS-1402 Typical Connection Diagram


Similar Part No. - CDS-1402MC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CDS-1402MC ETC1-CDS-1402MC Datasheet
203Kb / 8P
   14-Bit, Very Fast Settling Correlated Double Sampling Circuit
logo
DATEL, Inc.
CDS-1402MC DATEL-CDS-1402MC Datasheet
100Kb / 1P
   Electronic Imaging
CDS-1402MC DATEL-CDS-1402MC Datasheet
247Kb / 9P
   14-Bit, Very Fast-Settling Correlated Double Sampling Circuit
CDS-1402MC-C DATEL-CDS-1402MC-C Datasheet
100Kb / 1P
   Electronic Imaging
CDS-1402MC-C DATEL-CDS-1402MC-C Datasheet
247Kb / 9P
   14-Bit, Very Fast-Settling Correlated Double Sampling Circuit
More results

Similar Description - CDS-1402MC

ManufacturerPart #DatasheetDescription
logo
DATEL, Inc.
CDS-1402 DATEL-CDS-1402 Datasheet
247Kb / 9P
   14-Bit, Very Fast-Settling Correlated Double Sampling Circuit
logo
List of Unclassifed Man...
CDS-1402 ETC1-CDS-1402 Datasheet
203Kb / 8P
   14-Bit, Very Fast Settling Correlated Double Sampling Circuit
logo
Murata Power Solutions ...
CDS-1401 MURATA-PS-CDS-1401 Datasheet
89Kb / 8P
   14-Bit, Fast-Settling Correlated Double Sampling Circuit
logo
DATEL, Inc.
CDS-1401 DATEL-CDS-1401 Datasheet
290Kb / 9P
   14-Bit, Fast-Settling Correlated Double Sampling Circuit
logo
Panasonic Semiconductor
AN2011S PANASONIC-AN2011S Datasheet
18Kb / 1P
   Correlated Double Sampling IC
AN2018S PANASONIC-AN2018S Datasheet
28Kb / 3P
   Correlated Double Sampling IC
logo
Analog Devices
AD9823 AD-AD9823_15 Datasheet
408Kb / 8P
   Correlated Double Sampler
REV. 0
logo
National Semiconductor ...
CLC402 NSC-CLC402 Datasheet
394Kb / 6P
   Low-Gain Op Amp with Fast 14-Bit Settling
CLC502 NSC-CLC502 Datasheet
397Kb / 6P
   Clamping, Low-Gain Op Amp with Fast 14-bit Settling
logo
Analog Devices
AD7865ASZ-1 AD-AD7865ASZ-1 Datasheet
211Kb / 19P
   Four-Channel, Simultaneous Sampling, Fast, 14-Bit ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com