Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NDTD1205C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NDTD1205C
Description  Isolated 3W Wide Input Dual Output DC/DC Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NDTD1205C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NDTD1205C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NDTD1205C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
KDC_NDTD_E03 Page 2 of 7
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NDTD Series
Isolated 3W Wide Input Dual Output DC/DC Converters
OUTPUT CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Voltage set point accuracy
With external input/output capacitors
3.3V & 5V outputs
±2
±5
%
12V & 15V outputs
±1
±3
Line regulation
Low line to high line with external input/output capacitors
0.15
0.5
%
Load regulation
25% load to 100% load with external input/output
capacitors with balanced load
3.3V & 5V outputs
0.5
1.0
%
12V & 15V outputs
0.2
0.5
%
Ripple
BW = 20Hz to 300kHz with external input/output capacitors
15
40
mV rms
Ripple & noise
BW = DC to 20MHz with external input/output capacitors
90
150
mV p-p
Cross regulation
% voltage change on negative output when
positive load varies from 12% to 50% of 3W rating,
with negative load fixed at 50%
NDTD05XXC, NDTD1203C,
NDTD1205C, NDTD2403C,
NDTD2405C, NDTD4803C,
NDTD4805C
5.0
%
NDTD1212C, NDTD1215C,
NDTD2412C, NDTD2415C,
NDTD4812C, NDTD4815C
2.1
3.0
Short circuit protection
Continuous
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
100% to 25% load, VIN min to max
60
620
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
-40
85
ºC
Storage
-50
130
Case temperature rise above
ambient in still air
NDTD0503
54
NDTD1203C, NDTD2403C, NDTD4803C
40
NDTD0505C, NDTD0512C, NDTD1205C, NDTD2405C, NDTD4805C
35
NDTD0515C, NDTD1212C, NDTD1215C, NDTD2412C, NDTD4812C, NDTD2415C,
NDTD4815C
28
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso=1KVDC
1
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions NDTD series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the NDTD series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or
60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part
could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must
be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to
safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,
construction and environment. The NDTD series has an EI ferrite core, with no additional insulation between primary and secondary windings of enameled wire. While parts can be
expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically polyurethane)
is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We therefore strongly
advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.


Similar Part No. - NDTD1205C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NDTD1212C MURATA-PS-NDTD1212C Datasheet
179Kb / 9P
   Isolated 3W Wide Input Dual Output DC-DC Converters
2023
NDTD1215C MURATA-PS-NDTD1215C Datasheet
179Kb / 9P
   Isolated 3W Wide Input Dual Output DC-DC Converters
2023
More results

Similar Description - NDTD1205C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NDTD2412 ETC-NDTD2412 Datasheet
157Kb / 2P
   ISOLATED 3W WIDE INPUT DUAL OUTPUT DC-DC CONVERTERS
logo
C&D Technologies
NDT CANDD-NDT Datasheet
157Kb / 2P
   Isolated 3W Wide Input Dual Output DC-DC Converters
logo
Toppower Electronic Tec...
TP2D TOPPOWER-TP2D Datasheet
568Kb / 3P
   3W 1KVDC Isolated Wide Input Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W-3KVDC TOPPOWER-TP2L-3W-3KVDC Datasheet
201Kb / 3P
   3W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Toppower Electronic Tec...
TP2Y TOPPOWER-TP2Y Datasheet
638Kb / 4P
   3W 1KVDC Isolated Wide Input DC/DC Converters
logo
Murata Manufacturing Co...
NDH2415SC MURATA-NDH2415SC Datasheet
113Kb / 4P
   Isolated 3W Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-3W TOPPOWER-TP2L-3W_V02 Datasheet
763Kb / 3P
   3W 1.6KVDC??KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com