Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDC_NMG Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # KDC_NMG
Description  Isolated 2W Single Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KDC_NMG Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  KDC_NMG Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KDC_NMG Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KDC_NMG Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. KDC_NMG Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NMG Series
Isolated 2W Single Output DC/DC Converters
KDC_NMGC.A03 Page 3 of 4
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
RIPPLE & NOISE CHARACTERISATION METHOD
All measurement to be taken with the following components connected to the UUT as detailed below.
50 Ohm coax cable, solder connections one end, BNC plug at the other end.
C1
– 1μF X7R multilayer ceramic capacitor rated at minimum 3 x the output voltage of the UUT
C2
– 10μF tantalum capacitor rated at minimum 1.5 x the output voltage of the UUT with ESR of less
than 100 milliohms at 100 kHz e.g. AVX TPS series.
C3
– 100nF multilayer ceramic capacitor, general purpose
R1
– 450 Ohm resistor, carbon film, ±1%
R2
– 50 Ohm BNC termination
T1
– 3T of the coax cable through a ferrite toroid eg Ferroxcube TN32/19/13-3E25
RLOAD – Resistive load at the UUT maximum rating. Connections via twisted wires.
Differential Mode Noise Test Schematic
OSCILLOSCOPE
Y INPUT
SUPPLY
C1 C2 C3
R1
T1
R2
Input
Output
DC/DC Converter
R LOAD
+
+
-
-
EFFICIENCY VS LOAD
NMG 5V Input Voltage
NMG 12V Input Voltage
0
10
20
30
40
50
60
70
80
90
0
10
20304050
607080
90
100
Load (%)
15V
12V
9V
5V
0
10
20
30
40
50
60
70
80
90
0
10
20304050
607080
90
100
Load (%)
15V
12V
9V
5V


Similar Part No. - KDC_NMG

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NMD MURATA-KDC_NMD Datasheet
140Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
KDC_NMJ MURATA-KDC_NMJ Datasheet
155Kb / 6P
   5.2kVDC Isolated 1W DC/DC Converters
KDC_NMK MURATA-KDC_NMK Datasheet
153Kb / 5P
   3kVDC Isolated 2W Single & Dual Output DC/DC Converters
KDC_NMT MURATA-KDC_NMT Datasheet
153Kb / 4P
   Triple Output 3W DC/DC Converters
More results

Similar Description - KDC_NMG

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
B-XNM-2W MICRODC-B-XNM-2W Datasheet
889Kb / 4P
   Isolated 2W Single Output DC/DC Converters
2B-XES MICRODC-2B-XES Datasheet
283Kb / 3P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL TOPPOWER-TPL_18 Datasheet
633Kb / 3P
   2W Isolated Single Output DC/DC Converters
TPL-3KVDC TOPPOWER-TPL-3KVDC Datasheet
169Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
Microdc power Technolog...
B-XM-2W MICRODC-B-XM-2W Datasheet
932Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Manufacturing Co...
NML0505SC MURATA-NML0505SC Datasheet
206Kb / 5P
   Isolated 2W Single Output DC/DC Converters
logo
Microdc power Technolog...
2B-XNM MICRODC-2B-XNM Datasheet
655Kb / 4P
   Isolated 2W Single Output DC/DC Converters
logo
Murata Power Solutions ...
NMG0505SC MURATA-PS-NMG0505SC Datasheet
840Kb / 7P
   Isolated 2W Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TPL-2W TOPPOWER-TPL-2W Datasheet
115Kb / 3P
   2W Isolated Single Output DC/DC Converters
logo
C&D Technologies
NML CANDD-NML Datasheet
100Kb / 2P
   Isolated 2W Single Output DC-DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com