Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NMD120512DC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NMD120512DC
Description  Isolated 1W Twin Output DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NMD120512DC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NMD120512DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NMD120512DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NMD120512DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NMD120512DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
KDC_NMDC.D02 Page 2 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NMD Series
Isolated 1W Twin Output DC/DC Converters
ISOLATION CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Isolation test voltage
Flash tested for 1 second
1000
VDC
Resistance
Viso= 500VDC
1
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
All input types
100
kHz
TEMPERATURE CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Specification
All output types
0
70
ºC
Storage
-55
150
Cooling
Free air convection
TEMPERATURE DERATING GRAPH
TOLERANCE ENVELOPE
+10%
Output Load Current (%)
+5%
-7.5%
-2.5%
+2.5%
Typical Load
Line
V
NOM
100
75
50
25
10
TECHNICAL NOTES
ISOLATION VOLTAGE
‘Hi Pot Test’, ‘Flash Tested’, ‘Withstand Voltage’, ‘Proof Voltage’, ‘Dielectric Withstand Voltage’ & ‘Isolation Test Voltage’ are all terms that relate to the same thing, a test voltage,
applied for a specified time, across a component designed to provide electrical isolation, to verify the integrity of that isolation.
Murata Power Solutions NMD series of DC/DC converters are all 100% production tested at their stated isolation voltage. This is 1kVDC for 1 second.
A question commonly asked is, “What is the continuous voltage that can be applied across the part in normal operation?”
For a part holding no specific agency approvals, such as the NMD series, both input and output should normally be maintained within SELV limits i.e. less than 42.4V peak, or
60VDC. The isolation test voltage represents a measure of immunity to transient voltages and the part should never be used as an element of a safety isolation system. The part
could be expected to function correctly with several hundred volts offset applied continuously across the isolation barrier; but then the circuitry on both sides of the barrier must
be regarded as operating at an unsafe voltage and further isolation/insulation systems must form a barrier between these circuits and any user-accessible circuitry according to
safety standard requirements.
REPEATED HIGH-VOLTAGE ISOLATION TESTING
It is well known that repeated high-voltage isolation testing of a barrier component can actually degrade isolation capability, to a lesser or greater degree depending on materials,
construction and environment. The NMD series has toroidal isolation transformers, with no additional insulation between primary and secondary windings of enameled wire. While
parts can be expected to withstand several times the stated test voltage, the isolation capability does depend on the wire insulation. Any material, including this enamel (typically
polyurethane) is susceptible to eventual chemical degradation when subject to very high applied voltages thus implying that the number of tests should be strictly limited. We
therefore strongly advise against repeated high voltage isolation testing, but if it is absolutely required, that the voltage be reduced by 20% from specified test voltage.
This consideration equally applies to agency recognized parts rated for better than functional isolation where the wire enamel insulation is always supplemented by a further
insulation system of physical spacing or barriers.
150
100
50
0
0
0.5
1.0
1.5
Safe Operating Area
Ambient Temperature (ºC)
70°C
125ºC
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak wave solder temperature of 300°C for 10 seconds. The pin termination finish
on the SIP package type is Tin Plate, Hot Dipped over Matte Tin with Nickel Preplate. The DIP types are Matte Tin over Nickel Preplate. Both
types in this series are backward compatible with Sn/Pb soldering systems.
For further information, please visit www.murata-ps.com/rohs


Similar Part No. - NMD120512DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NMD120512D CANDD-NMD120512D Datasheet
116Kb / 2P
   Isolated 1W Twin Output DC-DC Converters
More results

Similar Description - NMD120512DC

ManufacturerPart #DatasheetDescription
logo
Microdc power Technolog...
D-XNS MICRODC-D-XNS Datasheet
631Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
logo
C&D Technologies
NMD CANDD-NMD Datasheet
116Kb / 2P
   Isolated 1W Twin Output DC-DC Converters
logo
Microdc power Technolog...
D-XNS-1W MICRODC-D-XNS-1W Datasheet
804Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
D-XS-1W MICRODC-D-XS-1W Datasheet
937Kb / 4P
   Isolated 1W Twin Output DC/DC Converters
logo
Toppower Electronic Tec...
TPD TOPPOWER-TPD Datasheet
189Kb / 3P
   1W Isolated Twin Output DC/DC Converters
TPD-W-1W TOPPOWER-TPD-W-1W Datasheet
781Kb / 3P
   1W 1.5KVDC isolated Wide Input Twin output twin isolation regulated DC/DC converters
logo
Murata Power Solutions ...
CRE1 MURATA-PS-CRE1 Datasheet
549Kb / 14P
   Isolated 1W Single Output Isolated DC-DC Converters
logo
Toppower Electronic Tec...
TPD-W5 TOPPOWER-TPD-W5 Datasheet
196Kb / 3P
   0.5W Isolated Twin Output DC/DC Converters
logo
C&D Technologies
NME CANDD-NME Datasheet
120Kb / 2P
   Isolated 1W Single Output DC-DC Converters
logo
Microdc power Technolog...
B-XN1S-1W MICRODC-B-XN1S-1W Datasheet
1Mb / 5P
   Isolated 1W Single Output DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com