Part Name
         Description
KDC_NMK

 3kVDC Isolated 2W Single & Dual Output DC/DC Converters ( 5 Page)


MURATA
100% 
Zoom Out Zoom In
   
 5 page
background image
NMK Series
3kVDC Isolated 2W Single & Dual Output DC/DC Converters
KDC_NMKC.C01 Page 5 of 5
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339 3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore: Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 & ISO 14001 REGISTERED
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
12
5
7
0.77 (19.50)
0.30
(7.50)
0.394
(10.00)
0.181 (4.60)
0.142 (3.60)
0.0118 (0.30)
0.0079 (0.20)
0.6 (15.24)
0.057 (1.45)
0.039 (1.00)
0.099 (2.52)
0.061 (1.54)
0.0016
(0.40) Min.
0.1 (2.54)
6
NMK0505SAC
XYYWW
0.50 (0.020)
*
* Pin not fitted on single output variants.
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch and within ±0.01 (0.25) of true position.
Weight: 2.8g
0.1 (2.54)
0.1 (2.54)
Ø
4 HOLES
0.00394 (0.1)
0.045 (1.15)
0.040 (1.00)
*
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
Tube length : 20.47 (520mm ±2mm).
Tube Quantity : 25
* Hold not required for single output variants.
Unless otherwise stated all dimensions in inches (mm) ±0.5mm.
PIN CONNECTIONS
Single output variants
Dual output variants
Pin
Function
Pin
Function
1+VIN
1+VIN
2-VIN
2-VIN
5-VOUT
5-VOUT
7+VOUT
6OV
7+VOUT
1  2  3  4  5 



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
KDC_MEV3kVDC Isolated 1W Single Output DC/DC Converters 1 2 3 4 Murata Manufacturing Co., Ltd.
NMF0505DCIsolated 1W Regulated Single Output DC/DC Converters 1 2 3 4 List of Unclassifed Manufacturers
MDHU1002W Ultra-High Isolation DIP Single & Dual Output DC/DC Converters 1 2 3 4 5 MoreMinmax Technology Co., Ltd.
KDC_NDTDIsolated 3W Wide Input Dual Output DC/DC Converters 1 2 3 4 5 MoreMurata Manufacturing Co., Ltd.
MEW10002W Wide Input Range SIP Single & Dual Output DC/DC Converters 1 2 3 4 5 MoreMinmax Technology Co., Ltd.
KDC_NDTSIsolated 3W Single Output DC/DC Converters 1 2 3 4 5 MoreMurata Manufacturing Co., Ltd.
KDC_NKAIsolated Sub-Miniature 1W Dual Output DC/DC Converters 1 2 3 4 Murata Manufacturing Co., Ltd.
MIHW10003W Wide Input Range DIP Single & Dual Output DC/DC Converters 1 2 3 4 5 MoreMinmax Technology Co., Ltd.
MIHW20003W Ultra-Wide Input Range DIP Single & Dual Output DC/DC Converters 1 2 3 4 5 MoreMinmax Technology Co., Ltd.
KDC_NMGIsolated 2W Single Output DC/DC Converters 1 2 3 4 Murata Manufacturing Co., Ltd.

Link URL

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl