Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP10ER-1000-V Datasheet(PDF) 1 Page - RCD COMPONENTS INC.

Part # HP10ER-1000-V
Description  ULTRA PRECISION RESISTORS TO 0.001% 0.25PPM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RCD [RCD COMPONENTS INC.]
Direct Link  http://www.rcdcomponents.com
Logo RCD - RCD COMPONENTS INC.

HP10ER-1000-V Datasheet(HTML) 1 Page - RCD COMPONENTS INC.

  HP10ER-1000-V Datasheet HTML 1Page - RCD COMPONENTS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
HP SERIES- Metal Foil
VS SERIES- Thin Film
ULTRA PRECISION RESISTORS TO 0.001% 0.25PPM
Nichrosil
 Metal Foil - Unsurpassed Performance
Series HP resistors feature a metal foil construction for the most
demanding applications. Series VS feature a thin film construction
which enables excellent performance across a wide range of values,
offering a viable alternative to precision wirewound resistors. Superlow
TC’s, up to 20
× better than Mil p/n RNC90Y requirements, provide
new opportunities for design engineers. HP10 is hermetically
sealed in a metal case, all others are epoxy encased or coated.
Industry’s widest range and highest precision
Low inductance, capacitance, noise and thermal EMF
Through-hole and SM designs
VS16 is a dual resistor design (TC tracking to 1ppm avail.)
Available on exclusive SWIFTTM delivery program!
* Per MIL-R-55182/9 100
Ω to 100KΩ (Consult factory if outside this range.)
** Data is typical for all VS sizes except VS1 which meets MIL-R10509 Char E.
***TC is measured -55°C to +125°C for TC’s
> 5ppm, -20°C to +85°C for TC’s 0.5 to 5ppm,
and 20°C to +60°C for 0.25ppm.
SPECIFICATIONS
D
C
R
e
p
y
T
r
e
w
o
P
g
n
i
t
a
R
C
°
0
7
@
t
l
o
V
g
n
i
t
a
R
.
s
i
s
e
R
e
g
n
a
R
1
G
I
F
A
.
x
a
M
B
.
x
a
M
C
.
x
a
M
D
1
0
.
±
1
S
VW
5
2
.V
0
5
20
1
K
0
0
5
-5
,
10
2
3
.5
4
3
.0
2
1
.0
5
1
.
1
1
S
VW
5
2
.V
0
5
20
1
K
0
5
1
-4
0
4
2
.4
5
3
.0
0
1
.0
0
1
.
5
1
S
VW
3
.V
0
0
30
1
Ω M
3
-5
,
15
0
3
.5
0
3
.5
0
1
.0
0
2
.
6
1
S
V
W
5
1
.
2
V
0
0
30
1
M
5
.
1
-5
,
35
0
3
.5
0
3
.5
0
1
.0
0
1
.
2
S
VW
6
.V
0
0
30
1
Ω M
1
-5
,
10
2
3
.5
4
3
.0
2
1
.0
5
1
.
3
S
VW
7
.V
0
0
30
3
Ω M
3
-1
0
1
6
.5
6
3
.0
6
1
.0
0
4
.
4
S
VW
0
.
1V
0
5
30
3
Ω M
5
-1
5
8
5
.5
4
5
.0
6
1
.0
0
4
.
5
S
VW
5
.
1V
0
5
30
5
Ω M
7
-1
0
2
8
.5
4
5
.0
6
1
.0
5
6
.
5
5
S
VW
1V
0
0
40
1
M
0
1
-1
0
2
1
.
10
0
4
.0
6
2
.0
0
9
.
6
S
VW
0
.
2V
0
0
50
0
1
M
0
1
-1
0
2
1
.
10
0
4
.0
6
2
.0
0
9
.
7
P
HW
3
.V
0
0
30
1
K
5
2
-5
,
10
2
3
.0
0
4
.0
2
1
.0
5
1
.
0
1
P
HW
6
.V
0
0
30
1
K
0
6
-2
5
5
4
.0
3
5
.0
0
2
.0
5
1
.
n
o
i
t
i
d
n
o
C.
x
a
M
0
1
P
H
S
V
&
7
P
H
*
*
s
e
i
r
e
S
Y
0
9
C
N
R
L
I
M
m
p
p
(
C
TC
°
/*
*
*
)5
/
3
/
1
/
5
.
/
5
2
.0
5
/
5
2
/
0
1
/
5
/
3
/
2
/
1m
p
p
5
.
l
o
T
e
c
n
a
t
s
i
s
e
R%
1
.
o
t
%
1
0
0
.%
1
o
t
%
5
0
0
.%
1
o
t
%
5
0
0
.
C
°
5
2
1
d
a
o
L
r
h
0
0
0
2%
2
0
.
±%
5
0
.
±%
5
0
.
±
d
a
o
l
r
e
v
O%
1
0
.
±%
1
0
.
±%
5
0
.
±
e
c
n
a
t
s
i
s
e
R
e
r
u
t
s
i
o
M%
1
0
.
±%
3
0
.
±%
5
0
.
±
n
o
i
t
a
r
b
i
V
,
k
c
o
h
S%
1
0
.
±%
1
0
.
±%
2
0
.
±
,
%
1
0
.
±
t
n
e
i
c
i
f
f
e
o
C
e
g
a
t
l
o
VV
/
m
p
p
1
.V
/
m
p
p
2V
/
m
p
p
5
)
r
a
e
y
1
(
e
f
i
L
f
l
e
h
Sm
p
p
5m
p
p
5
2-
F
M
E
l
a
m
r
e
h
T5
0
.
µ
C
°
/
V1
.
0
µ
C
°
/
V-
e
m
i
T
e
s
i
RS
n
1S
n
1-
e
c
n
a
t
c
u
d
n
I1
. µH1
. µH-
e
c
n
a
t
i
c
a
p
a
CF
p
0
.
1F
p
0
.
1-
e
s
i
o
N
t
n
e
r
r
u
CB
d
0
3
-B
d
0
3
--
g
n
i
t
a
r
e
D
o
t
0
7
m
o
r
f
C
°
/
%
9
0
9
.
y
b
s
g
n
i
t
a
r
V
&
W
e
t
a
r
e
D
d
e
t
a
r
ll
u
f
(
C
°
5
7
1
o
t
°
5
2
1
m
o
r
f
C
°
/
%
1
d
n
a
,
C
°
5
2
1
o
r
e
z
,
C
°
5
2
1
@
e
g
a
t
t
a
w
f
l
a
h
,
C
°
0
7
@
e
g
a
t
t
a
w
)
C
°
5
7
1
@
e
g
a
t
t
a
w
1 Consult factory for resistance values as low as 1
Ω or as high as 100MΩ.
2 VS16 wattage rating is per resistor, package power rating is 0.3W
RESISTORS CAPACITORS COILS DELAY LINES
FA098A
Sale of this product is in accordance with GF-061. Specifications subject to change without notice.
OPTIONS
Option GW: gullwing SM lead forming (avail. on 24mm T&R)
Option EQ: 24 hour burn in (or ER -100 hour burn in)
Numerous additional options available including custom
marking, matched sets, military screening, etc.
D
FIG. 3
|
A
|
| C |
B
1.00
[25.4]
Min.
→ ←
.025
[.63]
D
B
1.00
[25.4]
Min.
|
A
|
| C |
FIG. 2
→ ←
.025
[.63]
D
FIG. 1
|
A
|
| C |
B
1.00
[25.4]
Min.
→ ←
.025
[.63]
* Largely dependent on resistance value (non-inductive and high-speed winding available.)
N
O
S
I
R
A
P
M
O
C
P
H
&
S
V
s
e
i
r
e
S
D
C
R
s
r
o
t
s
i
s
e
R
l
i
o
F
&
m
l
i
F
1
5
4
C
P
D
C
R
d
n
u
o
w
e
r
i
W
e
c
n
a
t
c
u
d
n
Iw
o
L
y
r
e
V*
h
g
i
H
e
c
n
a
t
i
c
a
p
a
Cw
o
L
y
r
e
V*
h
g
i
H
e
m
i
T
e
s
i
Rt
s
a
F
y
r
e
V*
w
o
l
S
y
t
il
i
b
a
t
St
n
e
ll
e
c
x
Et
n
e
ll
e
c
x
E
y
c
n
e
u
q
e
r
F
h
g
i
Ht
n
e
ll
e
c
x
E*
r
o
o
P
e
g
a
t
n
a
v
d
A
t
s
o
C
,
e
m
u
l
o
v
h
g
i
h
,
s
e
u
l
a
v
h
g
i
H
s
t
i
u
c
r
i
c
y
c
n
e
u
q
e
r
f
h
g
i
h
ll
a
m
s
,
s
e
u
l
a
v
w
o
L
e
m
u
l
o
v
PERFORMANCE CHARACTERISTICS
FIG. 5 Option GW (GULLWING)
Available on VS1, VS2, VS15, VS16, & HP7
12
12
12
12
12
123
123
123
123
123
.07 .08
.15
.075
VS1GW,
VS2GW,
HP7GW
12
12
12
12
12
123
123
123
123
123
.07 .13
.15
.075
VS15GW
12
12
12
12
12
123
123
123
123
123
.07 .03
.15
.075
VS16GW
12
12
12
12
12
← ← ← ← ←
← ← ← ← ←
→ → → → → .100
.200
→ → → → →
HP10
- 1001 - F
T
5 W
TC: .25=0.25ppm, .5=0.5ppm, 2=2ppm, 5=5ppm, 10=10ppm, 25=25ppm,
TC Tracking (VS16 only): 210=25ppm abs/10ppm track, 205=25ppm abs/
5ppm track, 105=10ppm abs/5ppm track, 102=10ppm abs/2ppm track,
53=5ppm abs/3ppm track, 52=5ppm abs/2ppm track, 51=5ppm abs/1ppm track.
P/N DESIGNATION:
RCD Type
Packaging: B = Bulk, T = Tape & Reel
Tolerance Code: F=1%, D=0.5%, C=0.25%, B=0.1%,
A=0.05%, Q=0.02%, T=0.01%, V=.005%, S=.001%
Options: P, H, GW, ER, EQ (leave blank if std)
Resis. Code: 3 signif. figures & multiplier (10R0= 10
Ω,
1000= 100
Ω, 1001=1KΩ,1002=10K, 1003=100K). When
VS16 contains 2 different values, separate with / (e.g. 903/103)
Termination: W= Lead-free, Q= Tin/Lead (leave blank if either is
acceptable). Gold plated leads also available on most sizes (specify code G)
Ratio Tolerance (VS16 only): V=0.005%, Y=0.01%, Q=0.02%,
A=0.05%, Z=.1%,C=.25%, D=.5%, F=1%, G=2% (leave blank if not req’d)
RCD Components Inc, 520 E.Industrial Park Dr, Manchester, NH, USA 03109 rcdcomponents.com Tel: 603-669-0054 Fax: 603-669-5455 Email:sales@rcdcomponents.com
.120
min.
D
B
|
A
|
| C |
FIG. 4
← ← ← ← ←
.020w
.012t
typ.
59
New low cost conformal
coated (type VS11)
Term.W is
RoHS compliant
& 260°C
process
compatible
RoHS


Similar Part No. - HP10ER-1000-V

ManufacturerPart #DatasheetDescription
logo
Altech corporation
HP100 ALTECH-HP100 Datasheet
215Kb / 1P
   HP 100 POLYPROPYLENE ENCLOSURE 325-990
logo
Hammond Manufacturing L...
HP100 HAMMOND-HP100 Datasheet
124Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
HBH Microwave GmbH
HP1001 HBH-HP1001 Datasheet
16Kb / 1P
   800 - 1200 MHz Phase Shifter
logo
Bel Fuse Inc.
HP1001-9RTG BEL-HP1001-9RTG Datasheet
3Mb / 28P
   120 - 192 Watt 10:1 DC-DC Converters
logo
HBH Microwave GmbH
HP1002 HBH-HP1002 Datasheet
16Kb / 1P
   1700 - 2000 MHz Phase Shifter
More results

Similar Description - HP10ER-1000-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPR24 VISHAY-MPR24 Datasheet
72Kb / 6P
   Ultra Precision Leaded Resistors
Revision: 08-Mar-04
logo
RCD COMPONENTS INC.
MA207P-R100-F RCD-MA207P-R100-F Datasheet
42Kb / 1P
   ULTRA PRECISION WIREWOUND RESISTORS
BLU1206P-10R0-FB RCD-BLU1206P-10R0-FB Datasheet
358Kb / 1P
   ULTRA PRECISION CHIP RESISTORS
logo
Linear Technology
LTC6655 LINER-LTC6655_15 Datasheet
675Kb / 26P
   0.25ppm Noise, Low Drift Precision References
logo
Welwyn Components Limit...
3810 WELWYN-3810 Datasheet
395Kb / 2P
   Ultra-High Value Precision Resistors
logo
Willow Technologies Ltd
RL55 WILLOW-RL55 Datasheet
120Kb / 2P
   ULTRA PRECISION METAL FILM RESISTORS
logo
Tyco Electronics
UPW15 MACOM-UPW15 Datasheet
373Kb / 2P
   Ultra Precision Wire-Wound Resistors
logo
TT Electronics.
3810 TTELEC-3810_17 Datasheet
725Kb / 2P
   Ultra-High Value Precision Resistors
logo
Welwyn Components Limit...
MAR40 WELWYN-MAR40 Datasheet
124Kb / 2P
   Ultra Precision Metal Film Resistors
CAR WELWYN-CAR Datasheet
109Kb / 2P
   Ultra Precision Metal Film Resistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com