Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDC_NTF Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # KDC_NTF
Description  Isolated 1W Wide Input DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

KDC_NTF Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  KDC_NTF Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. KDC_NTF Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. KDC_NTF Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. KDC_NTF Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. KDC_NTF Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. KDC_NTF Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. KDC_NTF Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. KDC_NTF Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NTF Series
Isolated 1W Wide Input DC/DC Converters
KDC_NTFC.A02 Page 5 of 8
Technical enquiries email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
MINIMUM LOAD
NTFS05XX
NTFS12XX
NTFS24XX
12V&15V
5V
0
5
10
15
20
25
30
4
4.2
4.4
4.6
4.8
5
5.2
5.4
5.6
5.8
6
Input Voltage (V)
12V&15V
5V
0
5
10
15
20
25
30
9
10
111213
1415
Input Voltage (V)
12V&15V
5V
0
5
10
15
20
25
30
18
20
22
24
26
28
30
32
34
36
Input Voltage (V)
RoHS COMPLIANCE INFORMATION
This series is compatible with RoHS soldering systems with a peak reflow solder temperature of 245ºC and time above liquidus of 217ºC
for 80 seconds. The pin termination finish on this product series is Gold, plating thickness 0.1 microns minimum. The series is backward
compatible with Sn/Pb soldering systems.
For further information, please visit www.murata-ps.com/rohs


Similar Part No. - KDC_NTF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KDC_NTA MURATA-KDC_NTA Datasheet
159Kb / 4P
   Isolated 1W Dual Output SM DC/DC Converters
More results

Similar Description - KDC_NTF

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L-1W TOPPOWER-TP2L-1W Datasheet
204Kb / 3P
   1W Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA-RUW15 Datasheet
238Kb / 5P
   Isolated Ultra-Wide Input DC/DC Converters
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
   Non-Isolated Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDC_NGA MURATA-NDC_NGA_5 Datasheet
185Kb / 5P
   Non-Isolated Wide Input DC/DC Converters
logo
Toppower Electronic Tec...
TP2L-1W TOPPOWER-TP2L-1W_17 Datasheet
478Kb / 3P
   1W 1.5KVDC Isolated Wide Input Single And Dual Output DC/DC Converters
logo
Microdc power Technolog...
WRB-YT-1W MICRODC-WRB-YT-1W Datasheet
1Mb / 5P
   1W,WIDE INPUT, ISOLATED & REGULATEDSINGLEOUTPUT DC/DCCONVERTER
logo
Burr-Brown (TI)
DCP0115 BURR-BROWN-DCP0115 Datasheet
173Kb / 10P
   Miniature 15V Input, 1W Isolated UNREGULATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com