Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNL10-9C Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # NNL10-9C
Description  Non-Isolated DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NNL10-9C Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

  NNL10-9C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NNL10-9C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NNL10-9C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NNL10-9C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NNL10-9C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NNL10-9C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NNL10-9C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NNL10-9C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
KDC_NNL10C.D03 Page 7 of 8
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NNL10 Series
Non-Isolated DC/DC Converters
MECHANICAL DIMENSIONS
SURFACE MOUNT PACKAGE STYLE (BOTTOM VIEW)
PIN CONNECTIONS
Pin
Function
1
On/Off
2+VIN
3
DC OK*
4
Common
5+VOUT
6
TRIM
7
SENSE
* Pin 3 (DC OK) is an optional
pin feature which allows mul-
tiple NNL10 DC/DC converters
to have sequenced outputs
when used in conjunction
with Remote ON/OFF pin (see
application note for futher
information).
RECOMMENDED PAD LAYOUT
PAD SIZE
MIN: 0.140 X 0.095 (3.556 X 2.413)
MAX: 0.165 X 0.110 (4.19 X 2.79)
TRAY DIMENSIONS (TOP VIEW)
PICK-UP POINT
Tray quantity: 28
All dimensions ±0.0138 (0.35)
Unless otherwise stated all dimensions
in inches (mm) ±0.01 (0.25).
Weight: 5.7g
D LA
NOT RECOMMENDED
NO
NOT
N
D
D
D
N
FOR NEW
DESIGNS
RN
RNEW
EW DE
DE
OR NEW
DESI
F R
EW
FOR NE
DES
FFFO
FOR
R
RN
RNEW
EW
EW
EW
IG
IG
IG
Contact
us for
replacement
model
Con
Contact
u
Con
T
odel
mo
e
p
for repla
m


Similar Part No. - NNL10-9C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL10-9 CANDD-NNL10-9 Datasheet
752Kb / 7P
   Non-Isolated DC/DC Converters
More results

Similar Description - NNL10-9C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com