Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTA0509MC Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # NTA0509MC
Description  Isolated 1W Dual Output SM DC/DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NTA0509MC Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  NTA0509MC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NTA0509MC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NTA0509MC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NTA0509MC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KDC_NTA.G04 Page 3 of 4
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NTA Series
Isolated 1W Dual Output SM DC/DC Converters
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
PIN CONNECTIONS
Pin
Function
1-VIN
3+VIN
5NA
7OV
9-VOUT
10
NA
12
+VOUT
14
NA
16
NA
18
NA
NA - Not available for electrical connection.
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
0.074
(1.875) MAX
0.303
(7.70)
0.441
0.409
(10.40)
0.100(2.54)
0.026(0.65)
0.022(0.55)
1
0.600 (15.24)
0.400 (10.16)
NTA0505MC
18
XYYWW
10
0.008(0.2)
S
10 PINS
SEATING PLANE
DETAIL A
S
P
REFERENCE
PLANE
0.012 (0.30)
0.008 (0.20)
0.020(0.5)
0.059(1.50)
0.047(1.20)
±5.00°
0.010 (0.25)
0.004 (0.10)
0.11 (2.79) MAX
0.250 (6.35)
0.230 (5.85)
0.260 (6.6)
0.234 (5.95)
0.004 (0.1) S
10 PINS
0.083
(2.10)
3
5
7
16
14
12
(11.20)
9
All dimensions in inches ±0.01 (mm ±0.25mm). All pins on a 0.1 (2.54) pitch.
Weight: 1.53g
TOLERANCE ENVELOPES
100
75
50
25
10
-7%
+9%
Output Load Current (%)
+1%
-15%
-7%
+1%
Typical
Load Line
V
NOM
Tolerance Envelope - 3.3V output types.
All other types.
+10%
Output Load Current (%)
+5%
-7.5%
-2.5%
+2.5%
Typical Load
Line
V
NOM
100
75
50
25
10
Unless otherwise stated all dimensions in inches ±0.02 (mm±0.5).
Tube length : 18.70±0.07 (475±2.0).
Tube Quantity : 25


Similar Part No. - NTA0509MC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NTA0509MC MURATA-PS-NTA0509MC Datasheet
669Kb / 9P
   Isolated 1W Dual Output SM DC-DC Converters
2020
More results

Similar Description - NTA0509MC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NTA CANDD-NTA Datasheet
146Kb / 2P
   Isolated 1W Dual Output SM DC-DC Converters
logo
Murata Manufacturing Co...
NTV0505MC-R MURATA-NTV0505MC-R Datasheet
196Kb / 4P
   3kVDC Isolated 1W Dual Output SM DC/DC Converters
NTV1215MC MURATA-NTV1215MC Datasheet
196Kb / 4P
   3kVDC Isolated 1W Dual Output SM DC/DC Converters
NTV0505MC MURATA-NTV0505MC Datasheet
196Kb / 4P
   3kVDC Isolated 1W Dual Output SM DC/DC Converters
logo
C&D Technologies
NTV CANDD-NTV Datasheet
367Kb / 2P
   3kVDC Isolated 1W Dual Output SM DC-DC Converters
logo
Murata Power Solutions ...
MTU1S0305MC MURATA-PS-MTU1S0305MC Datasheet
261Kb / 7P
   Isolated 1W Single & Dual Output SM DC/DC Converters
logo
Murata Manufacturing Co...
NTE0505MC-R MURATA-NTE0505MC-R Datasheet
221Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
NTE MURATA-NTE Datasheet
224Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
MTU1 MURATA-MTU1 Datasheet
159Kb / 6P
   Isolated 1W Single Output SM DC/DC Converters
logo
C&D Technologies
NTE CANDD-NTE Datasheet
373Kb / 2P
   Isolated 1W Single Output SM DC/DC Converters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com