Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NNL10-16C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NNL10-16C
Description  Non-Isolated DC/DC Converters
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NNL10-16C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NNL10-16C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NNL10-16C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NNL10-16C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NNL10-16C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NNL10-16C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NNL10-16C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NNL10-16C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NNL10-16C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
KDC_NNL10C.D03 Page 2 of 8
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NNL10 Series
Non-Isolated DC/DC Converters
ABSOLUTE MAXIMUM RATINGS
Short circuit protection
Continuous
Remote sense
VOUT ±0.5VDC
DC OK
-0.2VDC to +17VDC 20mA
Input voltage VIN
6.5VDC
Trim
-0.3V to VOUT
Remote ON/OFF
-0.2VDC to +17VDC
Minimum load
0%
GENERAL CHARACTERISTICS1
Parameter
Min.
Typ.
Max.
Units
Switching frequency
300
kHz
Start delay
From power on/remote off
4.0
ms
Remote on/off
Module on (or pin unconnected)
2.6
V
100
μA
Module off
0.3
V
-500
μA
MTTF
TBA
kHrs
TEMPERATURE CHARACTERISTICS1
Parameter
Conditions
Min.
Typ.
Max.
Units
Operation
See thermal performance characteristics
-40
85
°C
Storage
-55
125
°C
Over temperature protection
Substrate temperature
115
°C
APPLICATION NOTES
Output Voltage Trimming
1. Specifications typical at TA =25°C, nominal input voltage and rated output current unless otherwise specified.
RINTERNAL VALUES
VOUT SET (V)
RINTERNAL (kOhm)
0.9
5.1
1.0
30.1
1.2
59
1.5
100
1.8
100
2.0
100
2.5
78.7
3.3
59
The trimming input on the NNL10 allows
output voltage adjustment by ±10% of nominal
output voltage by connection of a resistor or by
application of a voltage to the Trim pin.
To increase the output voltage, an external resistor
(Fig.1) or voltage source should be connected
between the Trim and the common pin.
RTRIM-UP =
24.080
- RINTERNAL
ΔVOUT
VTRIM-UP = 0.8-
ΔVOUT X RINTERNAL
30.100
ΔVOUT is the required change in output voltage in V.
To decrease the output voltage, an external resistor
(Fig. 2) or voltage source should be connected
between the Trim pin and the +VOUT pin.
RTRIM-DOWN =
ΔVOUT-0.8
-1 x 30.100 -RINTERNAL
ΔVOUT
VTRIM-DOWN = 0.8+
ΔVOUT X RINTERNAL
30.100
The trim pin should be left disconnected if not used.
(
)
+VIN
+VOUT
Common
TRIM
RTRIM
NNL10
+VIN
+VOUT
TRIM
NNL10
Fig.1
Fig.2
Common
RTRIM
y
T
ACT
tions
See therma
ENDED
D
D
OMMENDED
RECOMMENDE
N
NOT RECOMM
ENDED
OMMENDE
N
N
NOT RECO
N
RECOMM
N
NOT
NFrompoweron/remote
S
FOR NEW
DESIGNS
SIGNS
S
W DESIGN
FOR NEW
on (or pin unconnected)
odule off
Contact
us
tact us
for replacement
model
l
mo
model
mo
ment
m
m
m
s for rep
tact us
2.6
Cont
Con
nt
STICS1


Similar Part No. - NNL10-16C

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NNL10-16 CANDD-NNL10-16 Datasheet
752Kb / 7P
   Non-Isolated DC/DC Converters
More results

Similar Description - NNL10-16C

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SLIN-03F1A BEL-SLIN-03F1A Datasheet
422Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
V7NB-60A160 BEL-V7NB-60A160 Datasheet
180Kb / 5P
   NON-ISOLATED DC/DC CONVERTERS
VRP1-20E2AC BEL-VRP1-20E2AC Datasheet
237Kb / 9P
   NON-ISOLATED DC/DC CONVERTERS
GRNC-C2A160 BEL-GRNC-C2A160 Datasheet
243Kb / 4P
   NON-ISOLATED DC/DC CONVERTERS
VRAF-08AT51 BEL-VRAF-08AT51 Datasheet
214Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
VRBC-70R1A0 BEL-VRBC-70R1A0 Datasheet
239Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E1A BEL-SLIN-06E1A_10 Datasheet
495Kb / 26P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06E2A BEL-SLIN-06E2A_10 Datasheet
467Kb / 25P
   NON-ISOLATED DC/DC CONVERTERS
SLIN-06F1A BEL-SLIN-06F1A Datasheet
435Kb / 27P
   NON-ISOLATED DC/DC CONVERTERS
VRNB-40A180 BEL-VRNB-40A180 Datasheet
113Kb / 3P
   NON-ISOLATED DC/DC CONVERTERS
SRBG-30A1A0 BEL-SRBG-30A1A0 Datasheet
227Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com