Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D1U-W-1200-12-HA2C Datasheet(PDF) 7 Page - Murata Power Solutions Inc.

Part # D1U-W-1200-12-HA2C
Description  AC/DC Front End Power Supply S1U Power Shelf
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

D1U-W-1200-12-HA2C Datasheet(HTML) 7 Page - Murata Power Solutions Inc.

  D1U-W-1200-12-HA2C Datasheet HTML 1Page - Murata Power Solutions Inc. D1U-W-1200-12-HA2C Datasheet HTML 2Page - Murata Power Solutions Inc. D1U-W-1200-12-HA2C Datasheet HTML 3Page - Murata Power Solutions Inc. D1U-W-1200-12-HA2C Datasheet HTML 4Page - Murata Power Solutions Inc. D1U-W-1200-12-HA2C Datasheet HTML 5Page - Murata Power Solutions Inc. D1U-W-1200-12-HA2C Datasheet HTML 6Page - Murata Power Solutions Inc. D1U-W-1200-12-HA2C Datasheet HTML 7Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Technical enquiries email: toronto@murata-ps.com, tel: +1 (866) 740 1232
www.murata-ps.com
D1U-W-1200-12-Hx Series
AC/DC Front End Power Supply + S1U Power Shelf
CPS_D1U-W-1200-12-Hx.C06 Page 7 of 7
S1U PIN CONNECTORS - BACK VIEW
SHELF TO SHELF CONNECTION
OPTIONAL ACCESSORIES
Description
Part Number
12V D1U output connector card
D1U-12-CONC
Shelf to shelf cable
535-413-1537-1
APPLICATION NOTES
Document Number
Description
ACAN-27
Output Connector Card
ACAN-29
D1U Communication Protocol
J1 SIGNAL CONNECTOR
TO CUSTOMER SYSTEM
J2 TO J1 RIBBON CABLE
P/N 535-413-1537-1
( REPEAT THIS CONNECTION
FOR ADDITIONAL SHELVES. )
J2 SIGNAL CONNECTOR
FOR SHELF-TO-SHELF CONNECTION
USE CABLE P/N 535-413-1537-1
J1 SIGNAL CONNECTOR
TO CUSTOMER SYSTEM
12V+ OUTPUT
GND
GND
12V+ OUTPUT
PIN #1
PIN #1
01/22/09
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2009 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (508) 339-3000, email: sales@murata-ps.com
Canada:
Toronto, Tel: (866) 740-1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany:
München, Tel: +49 (0)89-544334-0, email: munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Singapore:
Parkway Centre, Tel: +65 6348 9096, email: singapore@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED


Similar Part No. - D1U-W-1200-12-HA2C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-1200-48-HA1C MURATA-PS-D1U-W-1200-48-HA1C Datasheet
338Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-48-HA2C MURATA-PS-D1U-W-1200-48-HA2C Datasheet
338Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-48-HB1C MURATA-PS-D1U-W-1200-48-HB1C Datasheet
338Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-48-HB2C MURATA-PS-D1U-W-1200-48-HB2C Datasheet
338Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-48-HC1C MURATA-PS-D1U-W-1200-48-HC1C Datasheet
338Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
More results

Similar Description - D1U-W-1200-12-HA2C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
D1U-W-2000-48-HC2C MURATA-PS-D1U-W-2000-48-HC2C Datasheet
334Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-48-HC2C MURATA-PS-D1U-W-1600-48-HC2C Datasheet
331Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1200-48-HC2C MURATA-PS-D1U-W-1200-48-HC2C Datasheet
338Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
D1U-W-1600-12-HC2C MURATA-PS-D1U-W-1600-12-HC2C Datasheet
348Kb / 7P
   AC/DC Front End Power Supply S1U Power Shelf
logo
Bel Fuse Inc.
FNP3000 BEL-FNP3000 Datasheet
1Mb / 17P
   AC-DC FRONT-END POWER SUPPLY
logo
Murata Power Solutions ...
CPS_D1U-2000-48-HX MURATA-PS-CPS_D1U-2000-48-HX Datasheet
172Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Manufacturing Co...
D1U4CS-W-2200-12-HC4C MURATA-D1U4CS-W-2200-12-HC4C_11 Datasheet
160Kb / 5P
   AC/DC Front End Power Supply
logo
Murata Power Solutions ...
D1U4-W-1200-12-HC2C MURATA-PS-D1U4-W-1200-12-HC2C Datasheet
186Kb / 5P
   AC/DC Front End Power Supply
logo
Bel Fuse Inc.
PET800-12-074 BEL-PET800-12-074 Datasheet
1Mb / 20P
   AC-DC FRONT-END POWER SUPPLY
PET2000-12-074XA BEL-PET2000-12-074XA Datasheet
2Mb / 33P
   AC-DC FRONT-END POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com