Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32100C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 32100C
Description  Vertical Mount Toroidal Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

32100C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  32100C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 32100C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 32100C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_3200C_A01 Page 1 of 3
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
3200 Series
Vertical Mount Toroidal Inductors
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance, L
DC Current2
DC Resistance
Q @ f MHz
SRF
Package
Weight
±15%
Max.
Max.
Nom.
Typ.
Typ.
μH
A
Q
f
MHz
g
32100C
10
4.50
20
3.1
1.0
69
7.8
32150C
15
3.70
24
3.1
1.0
53
8.1
32220C
22
3.00
29
3.2
1.0
41
8.4
32330C
33
2.50
36
3.2
1.0
28
8.8
32470C
47
2.10
42
3.1
1.0
21
9.2
32680C
68
1.70
62
3.1
1.0
11
9.0
32101C
100
1.40
77
3.5
0.8
5.3
9.6
32151C
150
1.20
117
3.3
0.8
3.3
9.4
32221C
220
0.96
141
3.3
0.8
2.8
9.8
32331C
330
0.78
215
3.2
0.8
2.3
9.9
32471C
470
0.66
312
2.8
0.8
1.6
9.6
32681C
680
0.55
377
2.0
0.8
1.2
10.4
32102C
1000
0.45
568
1.2
0.8
1.0
10.1
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 125°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION1
Peak wave solder temperature
260°C
Pin finish
Tin
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Package weight: See selection guide.
Recommended Footprint Details
Pin Connections
Packaging
Supplied in trays (30 pieces per tray)
Unless otherwise stated, all dimensions in mm (inches) ± 0.25 (0.010).
Specifications typical at T
A
= 25°C
1 For further information, please visit www.murata-ps.com/rohs
2 The maximum DC current is the value at which the inductance falls to 75% of its nominal value or when its temperature rise reaches
40°C, whichever is sooner.
FEATURES
RoHS compliant
Toroidal construction
Up to 4.5A IDC
Inductance range from 10μH to 1.0mH
Low EMI
UL 94V-0 packaging materials
Low DC resistance
The 3200 series is a range of through-hole power
inductors. Due to the toroidal construction, they
exhibit a very low EMI as stray flux is kept to a
minimum. Typical applications include switching
regulators, and power line filtering.
PRODUCT OVERVIEW
21.5 (0.846) Max.
0.75 (0.030)
4.1±0.5 (0.161±0.020)
5.08±0.3 (0.199±0.012)
18.0 (0.709)
0.75 (0.030)
12.7 (0.5)
1.50 (0.059)
10.0 (0.394)
24.0 (0.945) Max.
32331C
XYYWW
12
3
4
2.54 (0.10)
2.54 (0.10)
1.0 (0.04)
1
3


Similar Part No. - 32100C

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210020 PHOENIX-3210020 Datasheet
91Kb / 11P
   Plug - PP-H 2,5/ 1 GNYE
logo
Littelfuse
3210080002 LITTELFUSE-3210080002 Datasheet
72Kb / 2P
   MINIATURE FUSES
More results

Similar Description - 32100C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_3300 MURATA-KMP_3300 Datasheet
130Kb / 3P
   Vertical Mount Toroidal Inductors
logo
Murata Power Solutions ...
33100C MURATA-PS-33100C Datasheet
137Kb / 3P
   Vertical Mount Toroidal Inductors
logo
Murata Manufacturing Co...
KMP_4200 MURATA-KMP_4200 Datasheet
138Kb / 3P
   Toroidal Surface Mount Inductors
logo
Murata Power Solutions ...
803 MURATA-PS-803 Datasheet
183Kb / 2P
   Horizontal Mount Toroidal Inductors
logo
C&D Technologies
4000 CANDD-4000 Datasheet
192Kb / 1P
   Toroidal Surface Mount Inductors
logo
Rhombus Industries Inc.
L-15000 RHOMBUS-IND-L-15000 Datasheet
41Kb / 1P
   Surface Mount Toroidal Inductors
logo
ECM Electronics Limited...
SMTC30 ECM-SMTC30 Datasheet
148Kb / 1P
   Surface Mount Toroidal Inductors
logo
Murata Power Solutions ...
4100 MURATA-PS-4100 Datasheet
186Kb / 2P
   Toroidal Surface Mount Inductors
logo
C&D Technologies
4100 CANDD-4100 Datasheet
172Kb / 1P
   Toroidal Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_4000 MURATA-KMP_4000 Datasheet
103Kb / 2P
   Toroidal Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com