Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

34L154C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 34L154C
Description  Shielded Surface Mount Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

34L154C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  34L154C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 34L154C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 34L154C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KMP_3400LC_A01 Page 1 of 3
3400L Series
Shielded Surface Mount Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance, L
DC Current 2
DC Resistance
±20%
Max.
Max.
μH
A
Ω
34L122C
1.2 ± 30%
1.70
0.075
34L152C
1.5 ± 30%
1.65
0.085
34L222C
2.2 ± 30%
1.35
0.100
34L332C
3.3 ± 30%
1.00
0.150
34L472C
4.7 ± 30%
0.70
0.180
34L682C
6.8 ± 30%
0.68
0.265
34L103C
10
0.66
0.325
34L153C
15
0.65
0.520
34L223C
22
0.48
0.780
34L333C
33
0.36
1.180
34L473C
47
0.31
1.820
34L683C
68
0.28
2.130
34L104C
100
0.24
3.330
34L154C
150
0.18
6.100
34L224C
220
0.16
8.000
ABSOLUTE MAXIMUM RATINGS
Operating free air temperature range
-40°C to 125°C
Storage temperature range
-40°C to 150°C
SOLDERING INFORMATION1
Peak reflow solder temperature
260°C
Pin finish
SAC 305
Moisture sensitivity level3
1
PACKAGE SPECIFICATIONS
Mechanical Dimensions
Package weight: 0.11g Typ.
Recommended Footprint Details
All dimensions in mm (inches)
Specifications typical at T
A
= 25°C
1 For further information, please visit www.murata-ps.com/rohs
2 The maximum DC current is the value at which the inductance falls to 75% of its nominal value or when its temperature rise reaches
40°C, whichever is sooner.
3 When tested to moisture sensitivity level 1, as described per IPC/JEDEC J-STD-020D, products passed electrical testing, package
coplanarity and visual inspection.
FEATURES
RoHS compliant
Inductance range from 1.2μH to 220μH
Small footprint
Ultra-low profile
UL 94V-0 packaging materials
Tape & reel
J-STD-020C reflow
Custom inductance values available
The 3400L series is a lower profile version of our
3400 series range of bobbin-wound, shielded
inductors. They are suitable for power-line
filtering found in consumer electronics such as
desktop computers, handheld devices and GPS
systems, as well as in a vast range of industrial
and telecom applications including network hubs,
bridges/routers, and high frequency wireless
communication devices.
These surface mount inductors are extremely
compact and have an integral shield, making them
useful in EMI sensitive applications.
PRODUCT OVERVIEW
332
C
5.2 (0.205) Max.
1.2 (0.047) Max.
1.8±0.4 (0.071±0.016)
FEATURES
5.25 (0.207)
1.4 (0.055)
R1.75 (0.069)


Similar Part No. - 34L154C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
34LC02 MICROCHIP-34LC02 Datasheet
399Kb / 32P
   2K I2C??Serial EEPROM Software Write-Protect
2010
34LC02 MICROCHIP-34LC02 Datasheet
602Kb / 36P
   2K I2C??Serial EEPROM Software Write-Protect
2011
34LC02 MICROCHIP-34LC02 Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02 MICROCHIP-34LC02 Datasheet
532Kb / 32P
   2K I2C Serial EEPROM Software Write-Protect
01/02/08
34LC02 MICROCHIP-34LC02 Datasheet
499Kb / 40P
   2-Kbit I2C Serial EEPROM Software Write-Protect
Revision G 04/2022
More results

Similar Description - 34L154C

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HM78 BITECH-HM78 Datasheet
845Kb / 3P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD127 ETC1-SPD127 Datasheet
24Kb / 1P
   Shielded Surface Mount Inductors
SPD62 ETC1-SPD62 Datasheet
23Kb / 1P
   Shielded Surface Mount Inductors
logo
API Delevan
SPD125R API-SPD125R Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
1331R-681J API-1331R-681J Datasheet
1Mb / 1P
   Shielded Surface Mount Inductors
S1008 API-S1008 Datasheet
28Kb / 1P
   Shielded Surface Mount Inductors
S1210 API-S1210 Datasheet
33Kb / 1P
   Shielded Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_2900 MURATA-KMP_2900 Datasheet
154Kb / 3P
   Shielded Surface Mount Inductors
logo
TT Electronics.
HM78D TTELEC-HM78D Datasheet
704Kb / 2P
   Shielded Surface Mount Inductors
logo
Bi technologies
HM78D BITECH-HM78D Datasheet
614Kb / 4P
   Shielded Surface Mount Inductors
logo
List of Unclassifed Man...
SPD73 ETC1-SPD73 Datasheet
41Kb / 1P
   Shielded Surface Mount Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com