Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

476R8C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 476R8C
Description  Shielded Dual Winding Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

476R8C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  476R8C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 476R8C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_4700C_B02 Page 1 of 2
4700 Series
Shielded Dual Winding Surface Mount Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance1
(10kHz, 100mVAC)
1&3, 2&4
Inductance Range
(10kHz, 100mVAC)
1&3, 2&4
DC Current2
(parallel connection)
DC Resistance
1&3, 2&4
Nom.
Min. - Max.
Max.
Max.
μH
μH
A
471R0C
1.0
0.83 - 1.39
9.50
8.9
472R2C
2.2
1.38 - 2.30
6.80
13.7
473R3C
3.3
2.87 - 4.79
5.50
23.3
474R7C
4.7
4.08 - 6.12
4.60
32.4
476R8C
6.8
5.24 - 7.86
3.90
44.8
47100C
10
8.00 - 12.0
3.20
70.2
47150C
15
11.3 - 17.0
2.60
106
47220C
22
17.4 - 26.1
2.10
165
47330C
33
27.6 - 41.4
1.80
207
47470C
47
36.7 - 55.1
1.47
298
47680C
68
54.9 - 82.3
1.22
456
47101C
100
81.4 - 122
1.01
686
MECHANICAL DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Isolation voltage (flash tested for 1 second), pins 3 & 4
500VDC
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION3
Peak reflow temperature
245˚C
Pin finish
Tin
Specifications typical at T
A
= 25°C
1 When connecting windings in series, inductance will be 4 times the nominal figure shown.
2 If current is flowing in both windings, the maximum DC current occurs when either the inductance falls to 85% of its nominal value or
when its temperature rise reaches 40°C, whichever is sooner.
3 For further information, please visit www.murata-ps.com/rohs
FEATURES
RoHS compliant
1.0μH to 400μH1
Up to 9.5A IDC
Bobbin format
Dual winding
Surface mount
Integral EMI shield
Compact size
Tape and reel packaging
J-STD-020-C reflow
Backwards compatible with Sn/Pb
soldering systems
PRODUCT OVERVIEW
The 4700 series is a range of dual wound
inductors offering flexible options. Windings can
be connected in series or parallel to create a
wide range of inductance combinations. They can
also be used as common mode chokes or 1:1
transformers with the secondary winding used
as a feedback winding in switched mode power
supplies.
PIN CONNECTIONS (TOP VIEW)
1
2
4
3
3 & 1 = Primary winding
4 & 2 = Secondary winding
All dimensions in mm (inches). Package weight: 2.5g Typ.
12.20±0.30
(0.480±0.012)
12.20±0.30
(0.480±0.012)
47100C
XYYWW
5.00 (0.197) Max.
15.00 (0.591)
5.00
(0.197)
5.00 (0.197)
1.00
(0.039)
Recommended Footprint Details
2
1
3
4


Similar Part No. - 476R8C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
476R8SC MURATA-476R8SC Datasheet
140Kb / 3P
   Shielded Surface Mount Power Inductors
More results

Similar Description - 476R8C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_4900 MURATA-KMP_4900 Datasheet
128Kb / 2P
   Shielded Dual Winding Surface Mount Inductors
KMP_4800 MURATA-KMP_4800 Datasheet
129Kb / 2P
   Shielded Dual Winding Surface Mount Inductors
logo
C&D Technologies
4900 CANDD-4900 Datasheet
214Kb / 1P
   Dual Winding Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_4300 MURATA-KMP_4300 Datasheet
136Kb / 3P
   Dual Winding Toroidal Surface Mount Inductors
logo
Bourns Electronic Solut...
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
   Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
   Dual-Winding Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com