Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

48100C Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # 48100C
Description  Shielded Dual Winding Surface Mount Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

48100C Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  48100C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 48100C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KMP_4800C_B02 Page 1 of 2
4800 Series
Shielded Dual Winding Surface Mount Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
For full details go to
www.murata-ps.com/rohs
SELECTION GUIDE
Order Code
Inductance1
(10kHz, 100mVAC)
1&3, 2&4
Inductance Range
(10kHz, 100mVAC)
1&3, 2&4
DC Current2
(parallel connection)
DC Resistance
1&3, 2&4
Nom.
Min. - Max.
Max.
Max.
μH
μH
A
481R0C
1.0
0.66 - 1.11
12.3
9.00
482R2C
2.2
1.64 - 2.73
8.30
13.5
483R3C
3.3
2.29 - 3.82
6.80
19.1
484R7C
4.7
4.18 - 6.27
5.70
29.4
486R8C
6.8
5.22 - 7.83
4.70
39.9
48100C
10
7.65 - 11.5
3.90
61.4
48150C
15
12.2 - 18.2
3.20
77.4
48220C
22
17.7 - 26.6
2.60
119
48330C
33
26.7 - 40.1
2.10
184
48470C
47
37.6 - 56.4
1.80
274
48680C
68
53.8 - 80.7
1.50
409
48101C
100
81.3 - 122
1.23
503
MECHANICAL DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Isolation voltage (flash tested for 1 second), pins 3 & 4
500VDC
Operating free air temperature range
-40°C to 85°C
Storage temperature range
-40°C to 125°C
SOLDERING INFORMATION3
Peak reflow temperature
245˚C
Pin finish
Tin
Specifications typical at T
A
= 25°C
1 When connecting windings in series, inductance will be 4 times the nominal figure shown.
2 If current is flowing in both windings, the maximum DC current occurs when either the inductance falls to 85% of its nominal value or
when its temperature rise reaches 40°C, whichever is sooner.
3 For further information, please visit www.murata-ps.com/rohs
FEATURES
RoHS compliant
1.0μH to 400μH1
Up to 12.3A IDC
Bobbin format
Dual winding
Surface mount
Integral EMI shield
Compact size
Tape and reel packaging
J-STD-020-C reflow
Backwards compatible with Sn/Pb
soldering systems
DESCRIPTION
The 4800 series is a range of dual wound
inductors offering flexible options. Windings
have a 1:1 ratio and can be connected in series
or parallel to create a wide range of inductance
combinations. The secondary winding could also
be used as a feedback winding in switched mode
power supplies.
PIN CONNECTIONS (TOP VIEW)
All dimensions in mm (inches). Package weight: 3.1g Typ.
1
2
4
3
3 & 1 = Primary winding
4 & 2 = Secondary winding
12.20±0.30
(0.480±0.012)
12.20±0.30
(0.480±0.012)
48100C
XYYWW
6.20 (0.244) Max.
15.00 (0.591)
5.00
(0.197)
5.00 (0.197)
1.00
(0.039)
Recommended Footprint Details
2
1
3
4


Similar Part No. - 48100C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
48100 ETC2-48100 Datasheet
138Kb / 1P
   Long Tweezers With Serrated Pattern Tips
logo
FIBOX Enclosing innovat...
4810000 FIBOX-4810000 Datasheet
159Kb / 2P
   Hinged polycarbonate enclosure with grey cover
01.08.2023
4810001 FIBOX-4810001 Datasheet
237Kb / 2P
   Hinged polycarbonate enclosure with grey cover
01.08.2023
4810002 FIBOX-4810002 Datasheet
171Kb / 2P
   Hinged polycarbonate enclosure with grey cover
01.08.2023
logo
C&K Components
481001000 CK-COMPONENTS-481001000 Datasheet
1Mb / 14P
   7000 Series Miniature Toggle Switches
More results

Similar Description - 48100C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_4700 MURATA-KMP_4700 Datasheet
128Kb / 2P
   Shielded Dual Winding Surface Mount Inductors
KMP_4900 MURATA-KMP_4900 Datasheet
128Kb / 2P
   Shielded Dual Winding Surface Mount Inductors
logo
C&D Technologies
4900 CANDD-4900 Datasheet
214Kb / 1P
   Dual Winding Surface Mount Inductors
logo
Murata Manufacturing Co...
KMP_4300 MURATA-KMP_4300 Datasheet
136Kb / 3P
   Dual Winding Toroidal Surface Mount Inductors
logo
Bourns Electronic Solut...
SRF1280-100M BOURNS-SRF1280-100M Datasheet
362Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1280-100M BOURNS-SRF1280-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF1260-100M BOURNS-SRF1260-100M_13 Datasheet
356Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703A-8R2M BOURNS-SRF0703A-8R2M Datasheet
467Kb / 3P
   Dual-Winding Shielded Power Inductors
SRF0703-100M BOURNS-SRF0703-100M_12 Datasheet
376Kb / 2P
   Dual-Winding Shielded Power Inductors
SRF0703 BOURNS-SRF0703 Datasheet
376Kb / 2P
   Dual-Winding Shielded Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com