Selected language     English  ▼


SN74AHC595PW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. SN74AHC595PW
Description  8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 
 1 page
background image
SN54AHC595, SN74AHC595
8BIT SHIFT REGISTERS
WITH 3STATE OUTPUT REGISTERS
SCLS373I − MAY 1997 − REVISED JUNE 2004
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Operating Range 2-V to 5.5-V VCC
D 8-Bit Serial-In, Parallel-Out Shift
D Shift Register Has Direct Clear
D Latch-Up Performance Exceeds 100 mA Per
JESD 78, Class II
D ESD Protection Exceeds JESD 22
− 2000-V Human-Body Model (A114-A)
− 200-V Machine Model (A115-A)
− 1000-V Charged-Device Model (C101)
description/ordering information
The ’AHC595 devices contain an 8-bit serial-in,
parallel-out shift register that feeds an 8-bit D-type
storage register. The storage register has parallel
3-state outputs. Separate clocks are provided for
both the shift and storage registers. The shift
register has a direct overriding clear (SRCLR)
input, serial (SER) input, and a serial output for
cascading. When the output-enable (OE) input is
high, all outputs, except QH′, are in the
high-impedance state.
Both the shift-register clock (SRCLK) and
storage-register clock (RCLK) are positive-edge
triggered. If both clocks are connected together,
the shift register always is one clock pulse ahead
of the storage register.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP − N
Tube
SN74AHC595N
SN74AHC595N
SOIC − D
Tube
SN74AHC595D
AHC595
SOIC − D
Tape and reel
SN74AHC595DR
AHC595
−40
°C to 85°C
SOP − NS
Tape and reel
SN74AHC595NSR
AHC595
−40 C to 85 C
SSOP − DB
Tape and reel
SN74AHC595DBR
HA595
TSSOP − PW
Tube
SN74AHC595PW
HA595
TSSOP − PW
Tape and reel
SN74AHC595PWR
HA595
CDIP − J
Tube
SNJ54AHC959J
SNJ54AHC595J
−55
°C to 125°C
CFP − W
Tube
SNJ54AHC595W
SNJ54AHC595W
−55 C to 125 C
LCCC − FK
Tube
SNJ54AHC595FK
SNJ54AHC595FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
Copyright
 2004, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SN54AHC595 ...J OR W PACKAGE
SN74AHC595 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
SN54AHC595 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
QB
QC
QD
QE
QF
QG
QH
GND
VCC
QA
SER
OE
RCLK
SRCLK
SRCLR
QH′
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
SER
OE
NC
RCLK
SRCLK
QD
QE
NC
QF
QG




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SN74LS5898-BIT SHIFT REGISTERS WITH INPUT LATCHES AND 3-STATE OUTPUT 1 2 3 4 5 Texas Instruments
SN54LV595A8-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
MM74HC5898-Bit Shift Registers with Input Latches and 3-STATE Serial Output 1 2 3 4 5 MoreFairchild Semiconductor
CD74HC5958-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54HC5958-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54AHCT5958-BIT SHIFT REGISTERS WITH 3-STATE OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
MM54HC5958-Bit Shift Registers with Output Latches 1 2 3 4 5 MoreNational Semiconductor (TI)
SN54HC5948-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54AHC5948-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS 1 2 3 4 5 MoreTexas Instruments
SN54F2998-BIT UNIVERSAL SHIFT/STORAGE REGISTERS WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTexas Instruments

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl