Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

46684C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # 46684C
Description  Shielded Surface Mount Power Inductors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

46684C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  46684C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 46684C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 46684C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KMP_4600C_B02 Page 2 of 3
4600 Series
Shielded Surface Mount Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
INDUCTANCE Vs CURRENT
TEMPERATURE Vs CURRENT
INDUCTANCE Vs FREQUENCY
0.1
1
10
100
1000
10000
0.0
0.0
0.1
1.0
10.0
100.0
Current, IDC (A)
1mH
100μH
10μH
1μH
0.0
10.0
20.0
30.0
40.0
50.0
60.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
Current, IDC (A)
1mH
100μH
10μH
1μH
0.1
1
10
100
1000
10000
10
100
1000
10000
Frequency, (kHz)
1mH
100μH
10μH
1μH


Similar Part No. - 46684C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
46684C MURATA-PS-46684C Datasheet
148Kb / 3P
   Shielded Surface Mount Power Inductors
46684C MURATA-PS-46684C Datasheet
148Kb / 3P
   Shielded Surface Mount Power Inductors
More results

Similar Description - 46684C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
4500 MURATA-PS-4500 Datasheet
165Kb / 3P
   Shielded Surface Mount Power Inductors
46281C MURATA-PS-46281C Datasheet
148Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4900S MURATA-KMP_4900S Datasheet
145Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Abracon Corporation
ASPI-0403S ABRACON-ASPI-0403S Datasheet
225Kb / 1P
   SURFACE MOUNT SHIELDED POWER INDUCTORS
06.27.07
logo
TT Electronics.
HM71S TTELEC-HM71S Datasheet
636Kb / 2P
   Shielded Surface Mount Power Inductors
logo
API Delevan
SP1812 API-SP1812 Datasheet
182Kb / 1P
   Shielded Surface Mount Power Inductors
SP1008R API-SP1008R Datasheet
1Mb / 1P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4800S MURATA-KMP_4800S Datasheet
140Kb / 3P
   Shielded Surface Mount Power Inductors
logo
Bi technologies
HM66A BITECH-HM66A Datasheet
971Kb / 5P
   Shielded Surface Mount Power Inductors
logo
Murata Manufacturing Co...
KMP_4500 MURATA-KMP_4500 Datasheet
145Kb / 3P
   Shielded Surface Mount Power Inductors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com