Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82682C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # 82682C
Description  Miniature Surface Mount Power Inductors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

82682C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  82682C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. 82682C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. 82682C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. 82682C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
KMP_8200C_B02 Page 3 of 4
8200 Series
Miniature Surface Mount Power Inductors
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT
TAPE OUTLINE DIMENSIONS
Unless otherwise stated all dimensions in mm (inches) ±0.25 (0.01).
Package Weight 0.06g Typ.
2.0 (0.080)
±0.3 (0.012)
2.5 (0.098)
±0.2 (0.008)
1.52
(0.060)
3.81 (0.15)
Direction of unreeling
1.75 (0.069)
1.5
(0.059)
4.0
(0.157)
0.6 (0.024)
2.4 (0.095)
Unless otherwise stated all dimensions in mm (inches) ±0.25 (0.01).
Reel Quantity: 2500
Unless otherwise stated all dimensions in mm (inches)


Similar Part No. - 82682C

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8268 BELDEN-8268 Datasheet
144Kb / 3P
   Mil-Spec Coax, 50 Ohm, RG-214, 13 AWG Str SC, Double 95% SC Braid,PVC Jkt, CMX, Commercial Non-QPL
04-13-2023
8268-0101000 BELDEN-8268-0101000 Datasheet
144Kb / 3P
   Mil-Spec Coax, 50 Ohm, RG-214, 13 AWG Str SC, Double 95% SC Braid,PVC Jkt, CMX, Commercial Non-QPL
04-13-2023
8268-010500 BELDEN-8268-010500 Datasheet
144Kb / 3P
   Mil-Spec Coax, 50 Ohm, RG-214, 13 AWG Str SC, Double 95% SC Braid,PVC Jkt, CMX, Commercial Non-QPL
04-13-2023
logo
RAF ELECTRONIC HARDWARE
8268-832-A RAF-8268-832-A Datasheet
133Kb / 1P
   OFFSET ROUND INTERNAL THREAD HANDLE
8268-832-SS RAF-8268-832-SS Datasheet
133Kb / 1P
   OFFSET ROUND INTERNAL THREAD HANDLE
More results

Similar Description - 82682C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_8400 MURATA-KMP_8400 Datasheet
123Kb / 3P
   Miniature Surface Mount Power Inductors
logo
Murata Power Solutions ...
8400 MURATA-PS-8400 Datasheet
143Kb / 3P
   Miniature Surface Mount Power Inductors
logo
Bi technologies
HM61 BITECH-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
logo
List of Unclassifed Man...
HM61 ETC1-HM61 Datasheet
252Kb / 2P
   Low Cost Miniature Surface Mount Inductors
HM66 ETC-HM66 Datasheet
81Kb / 8P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
TT Electronics.
HA66 TTELEC-HA66 Datasheet
373Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
HM66 TTELEC-HM66 Datasheet
720Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
Bi technologies
HM66 BITECH-HM66_15 Datasheet
362Kb / 3P
   Miniature Low Profile, Shielded Surface Mount Inductors
logo
ice Components, Ins.
LO3316 ICE-LO3316 Datasheet
408Kb / 1P
   Surface Mount Power Inductors
GS43-1R0 ICE-GS43-1R0 Datasheet
783Kb / 3P
   Surface Mount Power Inductors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com