Electronic Components Datasheet Search |
|
LSM2-T30-D12 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd. |
|
LSM2-T30-D12 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd. |
7 / 12 page LSM2-T/30-D12 Series DOSA-SMT, 30A POL DC/DC Converters MDC_LSM2_T30_D12 Series.B12 Page 7 of 12 Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000 www.murata-ps.com PERFORMANCE DATA: OUTPUT VOLTAGE = 3.3 VOLTS 58 63 68 73 78 83 88 93 1 2 3 4 5 6 7 8 9 10 1112 1314 1516 1718 1920 2122 2324 2526 2728 2930 O utput C urre nt (Amps) VIN = 6 V VIN = 12 V VIN = 14 V 12.00 13.00 14.00 15.00 16.00 17.00 18.00 19.00 20.00 21.00 22.00 23.00 24.00 25.00 26.00 27.00 28.00 29.00 30.00 31.00 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 Ambi e n t Te mpe ratu re (°C) Natural Convection 100 LFM 200 LFM 300 LFM 400 LFM Efficiency vs. Line Voltage and Load Current (VIN = 12V) @ +25 °C LSM2-T/30-D12R Maximum Current Temperature Derating at Sea Level (VIN= 12V, Transverse Airflow). Extra ground pads installed. LSM2-T/30-D12 Maximum Current Temperature Derating at Sea Level (VIN= 12V, Transverse Airflow). No extra ground pads. 12.00 13.00 14.00 15.00 16.00 17.00 18.00 19.00 20.00 21.00 22.00 23.00 24.00 25.00 26.00 27.00 28.00 29.00 30.00 31.00 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 Ambient Te mperature (°C) Natural Convection 100 LFM 200 LFM 300 LFM 400 LFM 500 LFM Output Ripple & Noise (VIN = 12 V, IOUT = 20 A, COUT = 10μF || 1μF, ’scope = 20 MHz BW) Vertical = 20 mV/div., Sweep = 1μS/div. Power-On Startup (VIN = 12 V, IOUT = 25 A) StepLoad Transient Response (VIN = 12 V, 0-15A-0) |
Similar Part No. - LSM2-T30-D12 |
|
Similar Description - LSM2-T30-D12 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |