Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM-0.8 Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # LSM-0.8
Description  Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-0.8 Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button LSM-0.8 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM-0.8 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM-0.8 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM-0.8 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM-0.8 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSM-0.8 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSM-0.8 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. LSM-0.8 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. LSM-0.8 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Typical Performance Curves for LSM-10A D3 SMT Series at VIN = 3.3V
Dynamic Load Response
(VOUT = 2V, 5 to 10A Step, CIN/COUT = 22μF)
100μsec/div
50mV/div
Dynamic Load Response
(VOUT = 2V, 5 to 10A Step, CIN = 22μF, COUT = 1000μF Oscon)
100μsec/div
50mV/div
Dynamic Load Response
(VOUT = 1V, 5 to 10A Step, CIN/COUT = 22μF)
100μsec/div
50mV/div
Dynamic Load Response
(VOUT = 1V, 5 to 10A Step, CIN = 22μF, COUT = 1000μF Oscon)
100μsec/div
50mV/div
Output Ripple and Noise
(VOUT = 2V/10A, CIN/COUT = 22μF, BW = 20MHz)
1μsec/div
20mV/div
Output Ripple and Noise
(VOUT = 1V/10A, CIN/COUT = 22μF, BW = 20MHz)
1μsec/div
20mV/div
LSM-10A D3 Models
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT
10 Amp DC/DC’s in SMT Packages
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM-10A D3.B01 Page 11 of 13


Similar Part No. - LSM-0.8

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM-0.8/10-D12EB MURATA-LSM-0.8/10-D12EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
LSM-0.8/10-D3EB MURATA-LSM-0.8/10-D3EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
LSM-0.8/10-D5-C MURATA-LSM-0.8/10-D5-C Datasheet
400Kb / 13P
   Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSM-0.8/10-D5EB MURATA-LSM-0.8/10-D5EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
More results

Similar Description - LSM-0.8

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM10A-D5 MURATA-LSM10A-D5 Datasheet
400Kb / 13P
   Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSN16A-D12 MURATA-LSN16A-D12 Datasheet
309Kb / 13P
   Single Output, Non-Isolated, 12VIN, 0.75-5VOUT 16 Amp in DC/DCs SIP Packages
LSN10A-D12 MURATA-LSN10A-D12 Datasheet
377Kb / 12P
   Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
logo
Artesyn Technologies
LDO10C ARTESYN-LDO10C Datasheet
651Kb / 20P
   Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
logo
International Rectifier
IRUH330125AK IRF-IRUH330125AK Datasheet
206Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
logo
Murata Manufacturing Co...
MPDTH03060WAH MURATA-MPDTH03060WAH Datasheet
177Kb / 6P
   Adjustable Non-isolated 10-Amp POLA DC/DC Converters
logo
Artesyn Technologies
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ_15 Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
   2A Non-Isolated DC/DC Converter Single Output
logo
Murata Manufacturing Co...
LSN10A-D5 MURATA-LSN10A-D5 Datasheet
346Kb / 15P
   Non-Isolated, 5VIN, 1-3.8VOUT 10 Amp DC/DC In SIP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com