Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSM-1.5 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # LSM-1.5
Description  Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT 10 Amp DC/DC?셲 in SMT Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSM-1.5 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button LSM-1.5 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSM-1.5 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSM-1.5 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSM-1.5 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSM-1.5 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSM-1.5 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSM-1.5 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSM-1.5 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSM-1.5 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Start Up Considerations
When power is first applied to the DC/DC converter, operation is different
than when the converter is running and stabilized. There is some risk of start
up difficulties if you do not observe several application features. Lower input
voltage converters may have more problems here since they tend to have
higher input currents. Operation is most critical with any combination of the
following external factors:
1 - Low initial input line voltage and/or poor regulation of the input source.
2 – Full output load current on lower output voltage converters.
3 – Slow slew rate of input voltage.
4 – Longer distance to input voltage source and/or higher external input
source impedance.
5 - Limited or insufficient ground plane. External wiring that is too small.
6 – Too small external input capacitance. Too high ESR.
7 – High output capacitance causing a start up charge overcurrent surge.
8 – Output loads with excessive inductive reactance or constant current
characteristics.
If the input voltage is already at the low limit before power is applied, the start
up surge current may instantaneously reduce the voltage at the input termi-
nals to below the specified minimum voltage. Even if this voltage depression
is very brief, this may interfere with the on-board controller and possibly
cause a failed start. Or the converter may start but the input current load will
now drive the input voltage below its running low limit and the converter will
shut down.
If you measure the input voltage before start up with a Digital Voltmeter
(DVM), the voltage may appear to be adequate. Limited external capacitance
and/or too high a source impedance may cause a short downward spike at
power up, causing an instantaneous voltage drop. Use an oscilloscope not a
DVM to observe this spike. The converter’s soft-start controller is sensitive to
input voltage. What matters here is the actual voltage at the input terminals
at all times.
Symptoms of start-up difficulties may include failed started, output oscillation
or brief start up then overcurrent shutdown. Since the input voltage is never
absolutely constant, the converter may start up at some times and not at
others.
Solutions
To improve start up, review the conditions above. One of the better solutions
is to place a moderate size capacitor very close to the input terminals. You
may need two parallel capacitors. A larger electrolytic or tantalum cap sup-
plies the surge current and a smaller parallel low-ESR ceramic cap gives low
AC impedance. Too large an electrolytic capacitor may have higher internal
impedance (ESR) and/or lower the start up slew rate enough to upset the
DC/DC’s controller. Make sure the capacitors can tolerate reflected switching
current pulses from the converter.
The capacitors will not help if the input source has poor regulation. A
converter which starts successfully at 3.3 Volts will turn off if the input voltage
decays to below the input voltage theshold, regardless of external capaci-
tance.
Increase the input start up voltage if possible to raise the downward voltage
spike. Also, make sure that the input voltage ramps up in a reasonably short
time (less than a few milliseconds). If possible, move the input source closer
to the converter to reduce ohmic losses in the input wiring. Remember that
the input current is carried both by the wiring and the ground plane return.
Make sure the ground plane uses adequate thickness copper. Run additional
bus wire if necessary.
Any added output capacitor should use just enough capacitance (and no
more) to reduce output noise at the load and to avoid marginal threshold
noise problems with external logic. An output cap will also “decouple”
inductive reactance in the load. Certain kinds of electronic loads include
“constant current” characteristics which destabilize the output with insufficient
capacitance. If the wiring to the eventual load is long, consider placing this
decoupling cap at the load. Use the Remote Sense input to avoid ohmic
voltage drop errors.
An elegant solution to start up problems is to apply the input voltage with the
Remote On/Off control first in the off setting (for those converters with an
On/Off Control). After the specified start-up delay (usually under 20 mSec),
turn on the converter. The controller will have already been stabilized. The
short delay will not be noticed in most applications. Be aware of applications
which need “power management” (phased start up).
Finally, it is challenging to model some application circuits with absolute fidel-
ity. How low is the resistance of your ground plane? What is the inductance
(and distributed capacitance) of external wiring? Even a detailed mathemati-
cal model may not get all aspects of your circuit. Therefore it is difficult to
give cap values which serve all applications. Some experimentation may be
required.
LSM-10A D3 Models
Single Output, Non-Isolated, 3.3VIN, 0.8-2.5VOUT
10 Amp DC/DC’s in SMT Packages
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSM-10A D3.B01 Page 7 of 13


Similar Part No. - LSM-1.5

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM-1.5/10-D12EB MURATA-LSM-1.5/10-D12EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
LSM-1.5/10-D3EB MURATA-LSM-1.5/10-D3EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
LSM-1.5/10-D5-C MURATA-LSM-1.5/10-D5-C Datasheet
400Kb / 13P
   Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSM-1.5/10-D5EB MURATA-LSM-1.5/10-D5EB Datasheet
217Kb / 5P
   10 Amp DC/DC Power Converter Evaluation Boards
LSM-1.5/16-D12 MURATA-LSM-1.5/16-D12 Datasheet
372Kb / 12P
   Non-Isolated, 13-80W SMT DC/DC Converters
More results

Similar Description - LSM-1.5

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSM10A-D5 MURATA-LSM10A-D5 Datasheet
400Kb / 13P
   Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
LSN16A-D12 MURATA-LSN16A-D12 Datasheet
309Kb / 13P
   Single Output, Non-Isolated, 12VIN, 0.75-5VOUT 16 Amp in DC/DCs SIP Packages
LSN10A-D12 MURATA-LSN10A-D12 Datasheet
377Kb / 12P
   Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
logo
Artesyn Technologies
LDO10C ARTESYN-LDO10C Datasheet
651Kb / 20P
   Single Output 10 A DC-DC C Class Non-Isolated DC-DC Converter
logo
International Rectifier
IRUH330125AK IRF-IRUH330125AK Datasheet
206Kb / 9P
   3.3VIN to 2.5VOUT @3.0A
logo
Murata Manufacturing Co...
MPDTH03060WAH MURATA-MPDTH03060WAH Datasheet
177Kb / 6P
   Adjustable Non-isolated 10-Amp POLA DC/DC Converters
logo
Artesyn Technologies
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
SIL10E-05W3V3-VJ ARTESYN-SIL10E-05W3V3-VJ_15 Datasheet
721Kb / 3P
   49.9 Watt (10 Amp) Non-Isolated DC-DC Converters
logo
Wall Industries,Inc.
DCDA1 WALL-DCDA1 Datasheet
282Kb / 3P
   2A Non-Isolated DC/DC Converter Single Output
logo
Murata Manufacturing Co...
LSN10A-D5 MURATA-LSN10A-D5 Datasheet
346Kb / 15P
   Non-Isolated, 5VIN, 1-3.8VOUT 10 Amp DC/DC In SIP Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com