Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSN10A-D12 Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # LSN10A-D12
Description  Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DCs in SIP Packages
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSN10A-D12 Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button LSN10A-D12 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. LSN10A-D12 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
91
89
87
85
83
81
79
77
75
LSN-1.1/10-D12, LSN-1.2/10-D12, LSN-1.3/10-D12
Efficiency vs. Line Voltage and Load Current
1
2
3
45
67
89
10
Load Current (Amps)
VIN = 10.8V
VIN = 12V
VIN = 13.2V
–40
0
60
70
80
90
100
110
LSN-1.1/10-D12, LSN-1.2/10-D12, LSN-1.3/10-D12
Output Current vs. Ambient Temperature
(Vertical mount, air flow direction from pin 11 to pin 1)
Ambient Temperature ( C)
12
10
8
6
4
2
0
Natural Convection
200 lfm
100 lfm
91
89
87
85
83
81
79
77
75
LSN-1.5/10-D12
Efficiency vs. Line Voltage and Load Current
1
2
3
45
67
89
10
Load Current (Amps)
VIN = 10.8V
VIN = 12V
VIN = 13.2V
93
91
89
87
85
83
81
79
77
75
LSN-1.8/10-D12
Efficiency vs. Line Voltage and Load Current
1
2
3
45
67
89
10
Load Current (Amps)
VIN = 10.8V
VIN = 12V
VIN = 13.2V
Typical Performance Curves for LSN D12 SIP Series
–40
0
60
70
80
90
100
110
LSN-1.5/10-D12
Output Current vs. Ambient Temperature
(Vertical mount, air flow direction from pin 11 to pin 1)
Ambient Temperature ( C)
12
10
8
6
4
2
0
Natural Convection
200 lfm
100 lfm
–40
0
60
70
80
90
100
110
LSN-1.8/10-D12
Output Current vs. Ambient Temperature
(Vertical mount, air flow direction from pin 11 to pin 1)
Ambient Temperature ( C)
12
10
8
6
4
2
0
Natural Convection
200 lfm
100 lfm
LSN-10A D12 Models
Single Output, Non-Isolated, 12VIN, 1-5VOUT, 10A, DC/DC's in SIP Packages
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSN10A-D12.B01 Page 7 of 12


Similar Part No. - LSN10A-D12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSN10A-D5 MURATA-LSN10A-D5 Datasheet
346Kb / 15P
   Non-Isolated, 5VIN, 1-3.8VOUT 10 Amp DC/DC In SIP Package
More results

Similar Description - LSN10A-D12

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LSN16A-D12 MURATA-LSN16A-D12 Datasheet
309Kb / 13P
   Single Output, Non-Isolated, 12VIN, 0.75-5VOUT 16 Amp in DC/DCs SIP Packages
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
   Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
LSM10A-D5 MURATA-LSM10A-D5 Datasheet
400Kb / 13P
   Single Output, Non-Isolated, 5VIN, 0.8-3.3VOUT, 10A, DC/DCs in SMT Packages
logo
Astec America, Inc
APA18T12 ASTEC-APA18T12 Datasheet
322Kb / 17P
   12Vin, 75Watts, Non-isolated DC - DC POL SIP Converter
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
NEA-NEF010 MURATA-NEA-NEF010 Datasheet
795Kb / 18P
   Non-Isolated 10A SIP DC/DC Converters
logo
Delta Electronics, Inc.
NC12S0A0V60PNFA DELTA-NC12S0A0V60PNFA Datasheet
627Kb / 13P
   Delphi NC Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 60A
NC12S0A0V40PNFA DELTA-NC12S0A0V40PNFA Datasheet
686Kb / 14P
   Delphi NC40 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 40A
NC12S0A0V30PNFA DELTA-NC12S0A0V30PNFA Datasheet
580Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
NC12S0A0H30PNFA DELTA-NC12S0A0H30PNFA Datasheet
756Kb / 14P
   Delphi NC30 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5Vout, 30A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com