Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56300C Datasheet(PDF) 2 Page - Murata Power Solutions Inc.

Part # 56300C
Description  10A Current Sensing Transformers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

56300C Datasheet(HTML) 2 Page - Murata Power Solutions Inc.

  56300C Datasheet HTML 1Page - Murata Power Solutions Inc. 56300C Datasheet HTML 2Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KMP_5600C_B02 Page 2 of 2
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
5600 Series
10A Current Sensing Transformers
Murata Power Solutions, Inc. makes no representation that the use of its products in the circuits described herein, or the use of other
technical information contained herein, will not infringe upon existing or future patent rights. The descriptions contained herein do not imply
the granting of licenses to make, use, or sell equipment constructed in accordance therewith. Specifications are subject to change without
notice.
© 2008 Murata Power Solutions, Inc.
USA:
Mansfield (MA), Tel: (800) 233 2765, email: sales@murata-ps.com
Canada: Toronto, Tel: (866) 740 1232, email: toronto@murata-ps.com
UK:
Milton Keynes, Tel: +44 (0)1908 615232, email: mk@murata-ps.com
France:
Montigny Le Bretonneux, Tel: +33 (0)1 34 60 01 01, email: france@murata-ps.com
Germany: München, Tel: +49 (0)89-544334-0, email: ped.munich@murata-ps.com
Japan:
Tokyo, Tel: 3-3779-1031, email: sales_tokyo@murata-ps.com
Osaka, Tel: 6-6354-2025, email: sales_osaka@murata-ps.com
Website: www.murata-ps.jp
China:
Shanghai, Tel: +86 215 027 3678, email: shanghai@murata-ps.com
Guangzhou, Tel: +86 208 221 8066, email: guangzhou@murata-ps.com
Murata Power Solutions, Inc.
11 Cabot Boulevard, Mansfield, MA 02048-1151 U.S.A.
Tel: (508) 339-3000 (800) 233-2765 Fax: (508) 339-6356
www.murata-ps.com email: sales@murata-ps.com ISO 9001 REGISTERED
PACKAGE SPECIFICATIONS
MECHANICAL DIMENSIONS
RECOMMENDED FOOTPRINT DETAILS
TUBE OUTLINE DIMENSIONS
16.79 (0.661)
8.89 (0.350)
4.06 (0.160)
5.08 (0.200)
6.35 (0.250)
12.70 (0.500)
Ø5.00 (0.197)
Ø0.79±0.05
(0.031±0.002)
12*
3
Package weight: 5.7Typ.
*Pin 2 is fitted on 56TXXXC variants only.
Arrow designates winding direction referenced to inner core surface.
Unless otherwise stated, all dimensions in mm (inches) ± 0.25 (0.010).
Tube length: 475±2 [18.701±0.079]
Unless otherwise stated, all dimensions in mm (inches) ± 0.25 (0.010).
Tube quantity: 25
Tube material: Antistatic coated clear PVC
6.35 (0.250)
12.70 (0.500)
0.10 (0.004)
x3 HOLES
Ø0.065 (1.65)
Ø0.059 (1.50)
1
2*
3
Unless otherwise stated, all dimensions in mm (inches) ± 0.25 (0.010).
Schematic
11.20 (0.441)
2.10±0.25 (0.083±0.010)
7.00 (0.276)
30.00 (1.181)
22.20 (0.874)
0.60±0.15 (0.024±0.006)


Similar Part No. - 56300C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
56300C MURATA-PS-56300C Datasheet
101Kb / 2P
   10A Current Sensing Transformers
56300C MURATA-PS-56300C Datasheet
120Kb / 3P
   10A Current Sensing Transformers
2021
More results

Similar Description - 56300C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
KMP_5300C MURATA-KMP_5300C Datasheet
124Kb / 2P
   10A Current Sensing Transformers
logo
Murata Power Solutions ...
KMP-5600 MURATA-PS-KMP-5600 Datasheet
101Kb / 2P
   10A Current Sensing Transformers
logo
Coilcraft lnc.
CS4050V-01L COILCRAFT-CS4050V-01L Datasheet
196Kb / 1P
   Current Sensing Transformers
logo
Murata Manufacturing Co...
KMP_5400C MURATA-KMP_5400C Datasheet
114Kb / 2P
   15A Current Sensing Transformers
KMP_5500C MURATA-KMP_5500C Datasheet
141Kb / 2P
   15A Current Sensing Transformers
logo
Bel Fuse Inc.
SCS BEL-SCS Datasheet
1Mb / 5P
   High Frequency SMD Current Sensing Transformers
August 24 2022
logo
Myrra
74540 MYRRA-74540 Datasheet
87Kb / 1P
   CURRENT TRANSFORMERS
74530 MYRRA-74530 Datasheet
102Kb / 1P
   CURRENT TRANSFORMERS
74520 MYRRA-74520 Datasheet
100Kb / 1P
   CURRENT TRANSFORMERS
74500 MYRRA-74500 Datasheet
84Kb / 1P
   CURRENT TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com