Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEI30-050-Q12P-C Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # UEI30-050-Q12P-C
Description  30W Isolated Wide-Range DC/DC Converters
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI30-050-Q12P-C Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button UEI30-050-Q12P-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12P-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12P-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12P-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12P-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12P-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12P-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12P-C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. UEI30-050-Q12P-C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
UEI30 Series
30W Isolated Wide-Range DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UEI Series 30W.A01 Page 9 of 11
On/Off is grounded or brought to within a low voltage (see Specifications) with
respect to –VIN.
Negative: Optional negative-polarity devices are on (enabled) when the On/
Off is grounded or brought to within a low voltage (see Specifications) with
respect to –VIN. The device is off (disabled) when the On/Off is left open or is
pulled high to +15VDC Max. with respect to –VIN.
Dynamic control of the On/Off function should be able to sink appropriate
signal current when brought low and withstand appropriate voltage when
brought high. Be aware too that there is a finite time in milliseconds (see
Specifications) between the time of On/Off Control activation and stable,
regulated output. This time will vary slightly with output load type and current
and input conditions.
There are two CAUTIONs for the On/Off Control:
CAUTION: While it is possible to control the On/Off with external logic if you
carefully observe the voltage levels, the preferred circuit is either an open
drain/open collector transistor or a relay (which can thereupon be controlled by
logic). The On/Off prefers to be set at approx. +15V (open pin) for the ON state,
assuming positive logic.
CAUTION: Do not apply voltages to the On/Off pin when there is no input
power voltage. Otherwise the converter may be permanently damaged.
Figure 7 – Driving the On/Off Control Pin (suggested circuit)
1
3
ON/OFF
CONTROL
-INPUT
+VCC
Figure 6 – Trim adjustments to increase Output Voltage using a Fixed Resistor
+OUTPUT
TRIM
ON/OFF
CONTROL
+INPUT
LOAD
R TRIM UP
−OUTPUT
−INPUT


Similar Part No. - UEI30-050-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UEI30-050-Q12P-C MURATA-PS-UEI30-050-Q12P-C Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
UEI30-050-Q12P-C MURATA-PS-UEI30-050-Q12P-C Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
UEI30-050-Q12P-C MURATA-UEI30-050-Q12P-C Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30-050-Q12P-C MURATA-PS-UEI30-050-Q12P-C Datasheet
2Mb / 19P
   30W Isolated Wide-Range DC-DC Converters
2023
More results

Similar Description - UEI30-050-Q12P-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI30 MURATA-UEI30_11 Datasheet
343Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Murata Power Solutions ...
UEI30 MURATA-PS-UEI30 Datasheet
176Kb / 3P
   30W Isolated Wide-Range DC/DC Converters
UEI30 MURATA-PS-UEI30_09 Datasheet
344Kb / 16P
   30W Isolated Wide-Range DC/DC Converters
logo
Artesyn Technologies
BXA30 ARTESYN-BXA30 Datasheet
67Kb / 2P
   30W Wide Input DC/DC Converters
logo
Murata Power Solutions ...
UEI-3.3-15-Q12PR-C MURATA-PS-UEI-3.3-15-Q12PR-C Datasheet
284Kb / 13P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Murata Manufacturing Co...
MDC_UEI-50-60W MURATA-MDC_UEI-50-60W Datasheet
277Kb / 12P
   50-60W Isolated Wide-Range DC/DC Converters
logo
Toppower Electronic Tec...
TP20DC TOPPOWER-TP20DC_18 Datasheet
641Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
TP20DC TOPPOWER-TP20DC_17 Datasheet
206Kb / 3P
   20-30W 1.5KVDC isolated Wide Input Voltage DC/DC Converters
logo
Minmax Technology Co., ...
MKW5000 MINMAX-MKW5000 Datasheet
219Kb / 8P
   25-30W, Wide Input Range, Single Output DC/DC Converters
logo
Toppower Electronic Tec...
TP30DG TOPPOWER-TP30DG Datasheet
210Kb / 4P
   30W Wide Voltage Input DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com