Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S020-1240120-FB Datasheet(PDF) 6 Page - C&D Technologies

Part # S020-1240120-FB
Description  DC/DC Converter 12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies

S020-1240120-FB Datasheet(HTML) 6 Page - C&D Technologies

  S020-1240120-FB Datasheet HTML 1Page - C&D Technologies S020-1240120-FB Datasheet HTML 2Page - C&D Technologies S020-1240120-FB Datasheet HTML 3Page - C&D Technologies S020-1240120-FB Datasheet HTML 4Page - C&D Technologies S020-1240120-FB Datasheet HTML 5Page - C&D Technologies S020-1240120-FB Datasheet HTML 6Page - C&D Technologies S020-1240120-FB Datasheet HTML 7Page - C&D Technologies S020-1240120-FB Datasheet HTML 8Page - C&D Technologies S020-1240120-FB Datasheet HTML 9Page - C&D Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
DC/DC Converter
Programmable, Single Output, 1.1V - 1.85Vout @ 60A
DC/DC Converter
12.0V input, 1.2 to 5.0V adjustable output, 20A or 55W
1150 Eglinton Avenue East
4607 S.E. International Way
Toronto, Ontario M3C 1H7
Milwaukie, Oregon 97222
1-866-740-1232
www.cdtechno-cps.com
1-971-206-2800
S020_084-S020-00_RevC_Jan12-2005.fm
6 of 9
2
4
6
8
10
12 14
16
18
20
Output Current (A)
Approximate ripple
current ratings required
for input bulk capacitor.
Input Ripple Current
DC Input Reflected Ripple
Ltest = 500nH
Cs = 270µF Esr < 0.1 ohm at 100kHz 20°C
C1 = 270µF Esr < 0.02 ohm at 100kHz 20°C , C2 = 2µF ceramic
Tektronix current Probe P/N TCP202
Filter components should be mounted close to the module.
0.5µH
DC Voltage Regulation
The DC output voltages will remain within the regulation ranges shown in the following table
when measured at the load end of the connector. Connect Set Resistor per table below from
Trim (Pin4) to Ground (Pin7). Regulation range includes output voltage Set Point, Line
Regulation & Load Regulation over the temperature range.
Output Level
Minimum
Maximum
Set Resistor (1%tol)
+5V
-3%
+3%
309
+3.3V
-3%
+3%
562
+2.5V
-3%
+3%
909
+1.8V
-3%
+3%
1.96k
1.5V
-3%
+3%
3.92k
1.25V
-3%
+3%
23.7k
1.2V
-3%
+3%
Open ( no resistor)
The above regulations should be for all operating conditions.
Maximum reflected current ripple will not exceed 150mA (pk-pk) 5Hz to 20MHz per test setup
indicated below.
Vo:=
0.992
5.62k
0.992
Rset
1.18k + 0.992
+
(
4.0
3.0
2.0
1.0
0
Vo
=2
.5
Vo
=1
.5
5.0
6.0
7.0


Similar Part No. - S020-1240120-FB

ManufacturerPart #DatasheetDescription
logo
Christian Bürkert GmbH ...
S020 BURKERT-S020 Datasheet
1Mb / 13P
   Insertion flowmeter with paddle wheel, ELEMENT design
11.12.2023
logo
Sumida Corporation
S020A SUMIDA-S020A Datasheet
8Mb / 156P
   GENERAL PRODUCTS CATALOG
2011.09
S020B SUMIDA-S020B Datasheet
58Kb / 1P
   Current Sense Transformer
More results

Similar Description - S020-1240120-FB

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
S016-1220120-FB CANDD-S016-1220120-FB Datasheet
194Kb / 9P
   DC/DC Converter 12V Input, 1.2 - 5.0V Adjustable Output, 16A or 45W
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
GPDW5V015R GALAXY-GPDW5V015R Datasheet
755Kb / 6P
   DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
logo
Bel Fuse Inc.
X7PF-20A1A0 BEL-X7PF-20A1A0 Datasheet
203Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 12V Input 0.9V-5.0V/20A Output
logo
Galaxy Power, Inc.
GMDW8V08R GALAXY-GMDW8V08R Datasheet
765Kb / 7P
   DORADO MV 24V or 48V Input, 8.0V, 12.0V DC, 8A Output 15.0V DC, 6A Output
logo
Infineon Technologies A...
IFX91041 INFINEON-IFX91041 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.01, 2009-10-19
IFX91041 INFINEON-IFX91041_10 Datasheet
1Mb / 17P
   1.8A DC/DC Step-Down Voltage Regulator 5.0V, 3.3V or Adjustable Output Voltage
Rev. 1.02, 2010-02-23
logo
Mean Well Enterprises C...
ADS-55 MEANWELL-ADS-55_10 Datasheet
378Kb / 2P
   55W Single Output with 5V,4A DC-DC Converter
ADS-55 MEANWELL-ADS-55 Datasheet
705Kb / 2P
   55W Single Output with 5V,4A DC-DC Converter
logo
Mitsubishi Electric Sem...
M62290L MITSUBISHI-M62290L Datasheet
56Kb / 7P
   5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com