Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UEI15-150-Q48N-C Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # UEI15-150-Q48N-C
Description  Isolated Wide Input Range 15-Watt DC/DC Converters
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

UEI15-150-Q48N-C Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  UEI15-150-Q48N-C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. UEI15-150-Q48N-C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. UEI15-150-Q48N-C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. UEI15-150-Q48N-C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. UEI15-150-Q48N-C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. UEI15-150-Q48N-C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. UEI15-150-Q48N-C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. UEI15-150-Q48N-C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. UEI15-150-Q48N-C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
UEI15 Series
Isolated Wide Input Range 15-Watt DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_UEI15W.B24 Page 3 of 13
MECHANICAL SPECIFICATIONS, OPEN FRAME
INPUT/OUTPUT CONNECTIONS
Pin
Function
1
+ Vin
2
- Vin
3
+ Vout
4
Output Trim
5
- Vout
6
On/Off Control*
*The Remote On/Off can be provided
with either positive (P suffix) or nega-
tive (N suffix) polarity
PHYSICAL CHARACTERISTICS
Pin Material
Copper alloy
Pin Diameter
0.04" (1.016mm)
Pin Finish
Gold plate
Weight
0.352 oz./10 grams
Electromagnetic Interference
FCC part 15, class B, EN55022
Flammability Rating
UL 94V-0
Safety (designed to meet)
UL/cUL 60950-1, CAN/CSA-
C22.2-60950-1, IEC/EN 60950-1
Third Angle Projection
Dimensions are in inches (mm shown for ref. only).
Components are shown for reference only.
Tolerances (unless otherwise specified):
.XX ± 0.02 (0.5)
.XXX ± 0.010 (0.25)
Angles ± 1˚
0.36
9.1
0.400
10.16
END VIEW
0.428
REF
0.19
4.8
TOP VIEW
PIN #1
1.10
27.9
0.96
24.4
SIDE VIEW
6X AT PINS 1-6
.040
.002 PIN WITH
.071
.002 SHOULDER
CL
BOTTOM VIEW
#6
#5
#1
#2
#4
#3
CL
CL
0.200
5.08
10.16
0.400
0.400
10.16
2.54
0.100
0.800
20.32
Case 75


Similar Part No. - UEI15-150-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
UEI15-150-Q48N-C MURATA-UEI15-150-Q48N-C Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15-150-Q48N-C MURATA-PS-UEI15-150-Q48N-C Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
More results

Similar Description - UEI15-150-Q48N-C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15 Datasheet
277Kb / 5P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
UEI-15 MURATA-UEI-15 Datasheet
1Mb / 13P
   Isolated Wide Input Range 15-Watt DC/DC Converters
UEI15 MURATA-UEI15_11 Datasheet
700Kb / 16P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
UEI15 MURATA-PS-UEI15_10 Datasheet
401Kb / 14P
   Isolated Wide Input Range 15-Watt DC/DC Converters
logo
Murata Manufacturing Co...
BEI15 MURATA-BEI15_11 Datasheet
255Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BEI15 MURATA-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
logo
Murata Power Solutions ...
BEI15 MURATA-PS-BEI15 Datasheet
270Kb / 13P
   Isolated Wide Input Bipolar 15-Watt DC/DC Converters
BPM15 MURATA-PS-BPM15 Datasheet
430Kb / 29P
   Encapsulated Isolated Wide Input Bipolar 15-Watt DC-DC Converters
logo
RSG Electronic Componen...
EC2EE01 RSG-EC2EE01 Datasheet
49Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
EC3CB01 RSG-EC3CB01 Datasheet
773Kb / 1P
   15 WATT WIDE INPUT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com