Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NGA10S15025DC Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NGA10S15025DC
Description  Non-Isolated Wide Input DC/DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NGA10S15025DC Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NGA10S15025DC Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NGA10S15025DC Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NGA10S15025DC Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NGA10S15025DC Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NGA10S15025DC Datasheet HTML 5Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KDC_NGAC.E02 Page 2 of 5
Technical enquiries - email: mk@murata-ps.com, tel: +44 (0)1908 615232
www.murata-ps.com
NGA Series
Non-Isolated Wide Input DC/DC Converters
GENERAL CHARACTERISTICS
Parameter
Conditions
Min.
Typ.
Max.
Units
Switching frequency
270
300
330
kHz
Transient response Max.
over-shoot
50% load change, 1.8V output types
90 (160)
mV (μs)
50% load change, 2.5V output types
84 (145)
50% load change, 3.3V output types
83 (130)
50% load change, 5.0V output types
75 (40)
Transient response Max.
under-shoot
50% load change, 1.8V output types
64 (160)
mV (μs)
50% load change, 2.5V output types
86 (145)
50% load change, 3.3V output types
84 (120)
50% load change, 5.0V output types
74 (80)
Under voltage lock out
1.8V, 2.5V & 3.3V output types
4.0
V
5.0V output types
5.0
Start delay
VIN Min. to VIN Max.
100
ms
ESD
400VDC from 100pF capacitor via 1500Ω resistance
Meets MIL-STD-833F method 3015.7
APPLICATION NOTES
External Capacitance
Test Circuit
External capacitors are necessary in order to guarantee stability and full paramet-
ric performance over the full line and load range. All parts have been tested and
characterised using the following values and test circuit.
Value
CIN
COUT
100μF, 50V
100μF, 10V
Voltage trimming
The trimming (adjust) input on the device allows output voltage adjustment to
within ±5%1 of the desired VOUT using a resistor with a value determined by the
following equations.
When open circuit, the output will be +5V.
A resistor (RD) between the trim pin and the output pin will adjust the output volt-
age between +5V to +1.8V.
Shutdown
When the shutdown pin is shorted to Common, the device’s output will be dis-
abled. To shutdown the device the pin should be taken below 0.8V using either an
open collector pull down or by using isolated delay contacts. To enable the device
output the shutdown pin should be left floating or taken no lower than +1.5V to a
maximum of (+28V).
If the shutdown pin is to be connected to a long wire, it is recommended that a
capacitor (10nF) decouples the shutdown pin to Common in order to avoid the risk
of injecting noise into the device circuit.
A resistor (RU) between the trim pin and the Common pin will adjust the device
output from +5V to +5.5V.
All specifications typical at TA=25°C, nominal input voltage and rated output current unless otherwise specified.
1. Accuracy of adjustment is subject to tolerance of resistors and initial output accuracy.
1
RU
(1.02VO)-1
91
-0.0455
=
(
)
1
RD
= (22 [1.028VO-1])-1-0.011


Similar Part No. - NGA10S15025DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NGA10S15025S CANDD-NGA10S15025S Datasheet
101Kb / 3P
   Non-Isolated Wide Input DC-DC Converters
More results

Similar Description - NGA10S15025DC

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NGA CANDD-NGA Datasheet
101Kb / 3P
   Non-Isolated Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
LSM16A-W3 MURATA-LSM16A-W3 Datasheet
350Kb / 12P
   Non-Isolated, Wide Input SMT DC/DC Converters
logo
Toppower Electronic Tec...
TP78LU3.3-0.5 TOPPOWER-TP78LU3.3-0.5 Datasheet
251Kb / 3P
   Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
TP78LUXX-0.5 TOPPOWER-TP78LUXX-0.5 Datasheet
271Kb / 3P
   Wide Input Non-Isolated,Regulated Single Output ,non-isolated DC/DC converters
logo
Astrodyne Corporation
OFN20 ASTRODYNE-OFN20 Datasheet
411Kb / 3P
   20W Wide Input,Non-Isolated Single Inline DC/DC Converters
OPN20 ASTRODYNE-OPN20 Datasheet
258Kb / 3P
   20W Wide Input, Non-Isolated Single Inline DC/DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA1-RUW15_V01 Datasheet
573Kb / 13P
   Isolated Ultra-Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
NDY2405C MURATA-NDY2405C Datasheet
192Kb / 4P
   Isolated 3W Wide Input DC/DC Converters
logo
C&D Technologies
NDY CANDD-NDY Datasheet
419Kb / 3P
   Isolated 3W Wide Input DC-DC Converters
logo
Murata Manufacturing Co...
RUW15 MURATA-RUW15 Datasheet
238Kb / 5P
   Isolated Ultra-Wide Input DC/DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com