Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR110B080CU-1C Datasheet(PDF) 6 Page - Murata Power Solutions Inc.

Part # VR110B080CU-1C
Description  Solutions for Intel짰 VRM 11.0
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VR110B080CU-1C Datasheet(HTML) 6 Page - Murata Power Solutions Inc.

  VR110B080CU-1C Datasheet HTML 1Page - Murata Power Solutions Inc. VR110B080CU-1C Datasheet HTML 2Page - Murata Power Solutions Inc. VR110B080CU-1C Datasheet HTML 3Page - Murata Power Solutions Inc. VR110B080CU-1C Datasheet HTML 4Page - Murata Power Solutions Inc. VR110B080CU-1C Datasheet HTML 5Page - Murata Power Solutions Inc. VR110B080CU-1C Datasheet HTML 6Page - Murata Power Solutions Inc. VR110B080CU-1C Datasheet HTML 7Page - Murata Power Solutions Inc. VR110B080CU-1C Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
VR110 Series_B13 Page 6 of 8
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
VR110 Series
Solutions for Intel® VRM 11.0
3.80
(96.52)
1.86 max
(47.24)
1.00 max
(24.50)
ISO View
for Ref only
Installed
height
1.895
(48.13)
Tolerances are:
.x
±.10
.xx
±.03
.xxx ±.010
(Unless otherwise specified)
Dimensions in inches (mm)
3.80
(96.52)
2.50 max
(63.50)
0.40 max
(10.15)
0.40 max
(10.15)
0.870 max
(22.10)
ISO View
for Ref only
Tolerances are:
.x
±.10
.xx
±.03
.xxx ±.010
(Unless otherwise specified)
Dimensions in inches (mm)
Installed
height
2.525
(64.14)
MECHANICAL DIMENSIONS – VR110B150CS-1C (150A, 2U)
MECHANICAL DIMENSIONS – VR110B150CL-1C (150A, 1.5U)


Similar Part No. - VR110B080CU-1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VR1100 ETC1-VR1100 Datasheet
72Kb / 2P
   AM VIDEO MINI TRANSMITTER-DIRECT CAMERA MOUNT
logo
SHIELD s.r.l.
VR1102A0S SHIELD-VR1102A0S Datasheet
213Kb / 2P
   For electrovalves, receptacle, male
More results

Similar Description - VR110B080CU-1C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VR11CB150CU-1C MURATA-PS-VR11CB150CU-1C Datasheet
286Kb / 6P
   No Load Line Version of Intel짰 VRM 11.0
logo
Intel Corporation
EM2130X0XQI INTEL-EM2130X0XQI Datasheet
3Mb / 46P
   Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
logo
ice Components, Ins.
LP02-1 ICE-LP02-1 Datasheet
158Kb / 1P
   VRM Inductor
LP02-2 ICE-LP02-2 Datasheet
156Kb / 1P
   VRM Inductor
LP02-3 ICE-LP02-3_08 Datasheet
217Kb / 1P
   VRM Inductor
LP02-5 ICE-LP02-5 Datasheet
158Kb / 1P
   VRM Inductor
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
   Solutions for Storage
logo
ice Components, Ins.
LP02-5 ICE-LP02-5_08 Datasheet
183Kb / 1P
   VRM Inductor
LP02-3 ICE-LP02-3 Datasheet
168Kb / 1P
   VRM Inductor
LP02-1 ICE-LP02-1_08 Datasheet
194Kb / 1P
   VRM Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com