Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VR110B080CS-1C Datasheet(PDF) 3 Page - Murata Power Solutions Inc.

Part # VR110B080CS-1C
Description  Solutions for Intel짰 VRM 11.0
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

VR110B080CS-1C Datasheet(HTML) 3 Page - Murata Power Solutions Inc.

  VR110B080CS-1C Datasheet HTML 1Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 2Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 3Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 4Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 5Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 6Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 7Page - Murata Power Solutions Inc. VR110B080CS-1C Datasheet HTML 8Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
VR110 Series_B13 Page 3 of 8
Technical enquiries - email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
VR110 Series
Solutions for Intel® VRM 11.0
THERMAL DERATING GRAPH – VR110B080CU-1C (80A, 1U, No heatsink)
50
55
60
65
70
75
80
30
35
40
45
50
55
60
Ambient Temperature (ºC)
500 LFM
400 LFM
300 LFM
200 LFM
THERMAL DERATING GRAPH – VR110B150CS-1C (150A, 2U)
100
105
110
115
120
125
130
135
140
145
150
30
35
40
45
50
55
60
Ambient Temperature (ºC)
500 LFM
400 LFM
300 LFM
200 LFM
Typical Performance Curves - Derating
(VIN
= 12V; VID = 1.325V)
THERMAL DERATING GRAPH – VR110B150CU-1C (150A, 1U)
100
90
80
60
50
40
30
25
35
45
55
110
120
130
140
Ambient Temperature (ºC)
500 LFM
400 LFM
300 LFM
200 LFM
THERMAL DERATING GRAPH – VR110B150CL-1C (150A, 1.5U)
100
105
110
115
120
125
130
135
140
145
150
30
35
40
45
50
55
60
Ambient Temperature (ºC)
500 LFM
400 LFM
300 LFM
200 LFM
THERMAL DERATING GRAPH – VR110B080CA-1C (80A, 0.66U)
50
40
45
50
55
60
65
70
55
60
65
70
75
80
Ambient Temperature (ºC)
400 LFM
300 LFM
200 LFM
100 LFM
Natural Air


Similar Part No. - VR110B080CS-1C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VR1100 ETC1-VR1100 Datasheet
72Kb / 2P
   AM VIDEO MINI TRANSMITTER-DIRECT CAMERA MOUNT
logo
SHIELD s.r.l.
VR1102A0S SHIELD-VR1102A0S Datasheet
213Kb / 2P
   For electrovalves, receptacle, male
More results

Similar Description - VR110B080CS-1C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
VR11CB150CU-1C MURATA-PS-VR11CB150CU-1C Datasheet
286Kb / 6P
   No Load Line Version of Intel짰 VRM 11.0
logo
Intel Corporation
EM2130X0XQI INTEL-EM2130X0XQI Datasheet
3Mb / 46P
   Intel짰 Enpirion짰 Power Solutions EM2130x0xQI 30A PowerSoC
logo
ice Components, Ins.
LP02-1 ICE-LP02-1 Datasheet
158Kb / 1P
   VRM Inductor
LP02-2 ICE-LP02-2 Datasheet
156Kb / 1P
   VRM Inductor
LP02-3 ICE-LP02-3_08 Datasheet
217Kb / 1P
   VRM Inductor
LP02-5 ICE-LP02-5 Datasheet
158Kb / 1P
   VRM Inductor
logo
List of Unclassifed Man...
SDUFD2AB-4096 ETC2-SDUFD2AB-4096 Datasheet
1,005Kb / 2P
   Solutions for Storage
logo
ice Components, Ins.
LP02-5 ICE-LP02-5_08 Datasheet
183Kb / 1P
   VRM Inductor
LP02-3 ICE-LP02-3 Datasheet
168Kb / 1P
   VRM Inductor
LP02-1 ICE-LP02-1_08 Datasheet
194Kb / 1P
   VRM Inductor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com