Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEF0100120B0C Datasheet(PDF) 9 Page - Murata Manufacturing Co., Ltd.

Part # NEF0100120B0C
Description  Non-Isolated 10A SIP DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NEF0100120B0C Datasheet(HTML) 9 Page - Murata Manufacturing Co., Ltd.

Back Button NEF0100120B0C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NEF0100120B0C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NEF0100120B0C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NEF0100120B0C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NEF0100120B0C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NEF0100120B0C Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NEF0100120B0C Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NEF0100120B0C Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NEF0100120B0C Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Murata Power Solutions
9
NEA/NEF10_6200850000_B01_21/04/08
Volant NEA/NEF010 Series
Non-Isolated 10A SIP DC/DC Converters
NEF0100151B (Eff Vs Io)
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
012
34
567
89
10
Current Load (A)
Vin=9V
Vin=12V
Vin=14V
Figure 12. Efficiency Curves for Vout=1.5V (25C)
NEF0100181B (Eff Vs Io)
50%
55%
60%
65%
70%
75%
80%
85%
90%
95%
100%
012
34567
89
10
Current Load (A)
Vin=9V
Vin=12V
Vin=14V
Figure 13. Efficiency Curves for Vout=1.8V (25C)


Similar Part No. - NEF0100120B0C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NEF0101500B0-XC MURATA-PS-NEF0101500B0-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101500BP-XC MURATA-PS-NEF0101500BP-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101500S0-XC MURATA-PS-NEF0101500S0-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101500SP-XC MURATA-PS-NEF0101500SP-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101501B0-XC MURATA-PS-NEF0101501B0-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
More results

Similar Description - NEF0100120B0C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
   Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com