Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NEF0100150B0C Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # NEF0100150B0C
Description  Non-Isolated 10A SIP DC/DC Converters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NEF0100150B0C Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  NEF0100150B0C Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. NEF0100150B0C Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. NEF0100150B0C Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. NEF0100150B0C Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. NEF0100150B0C Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. NEF0100150B0C Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. NEF0100150B0C Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NEF0100150B0C Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NEF0100150B0C Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
Murata Power Solutions
2
NEA/NEF10_6200850000_B01_21/04/08
Volant NEA/NEF010 Series
Non-Isolated 10A SIP DC/DC Converters
Input Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Input Voltage Operating Range
8.3
12
14
Vdc
Input Reflected Ripple Current
200
mA p-p
Inrush Current Transient
0.2
A
2s
Input Filter Type (external)
Low ESR
100
μF
Input Turn ON Threshold
8.5
V
Input Turn OFF Threshold
8.0
V
ON Control
Open Circuit or =Vin
OFF Control
<0.4VDC
Output Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Vout Accuracy
100% load
-1.5
+1.5
%
Output Loading
0
10
A
Output Ripple & Noise
@ 20Mhz Bandwidth.
50
MVp-p
Maximum Capacitive Load
Low ESR
8000
μF
Vout Trim Range
-10
+10
%
Total Accuracy
Over line/load temperature
<2%
Current Limit
17
A
Output Line Regulation
-0.2
+0.2
%
Output Load Regulation
+0.5
-0.5
%
Turn-on Overshoot
1
%
SC Protection Technique
Hiccup with auto recovery
Pre-bias Start-up at output
Unit starts monotonically with pre-
bias
Dynamic Characteristics
Notes & Conditions
Min
Typ.
Max
Units
Load Transient
50% step, 0.1A/
μs
100
mV
Settling Time
200
μs
Frequency
300
KHz
Rise Time
10% Vo to 90% Vo
3.5
ms
Start-Up Time
Vin to Vout and On/Off to Vout
Vout rise to monotonic
7
ms
General Specifications
Notes & Conditions
Min
Typ.
Max
Units
MTBF
Calculated (MIL-HDBK-217F)
1.0
x10
6 Hrs
Thermal Protection
Hotspot
110
°C
Operating Temperature
Without derating 100LFM
-40
60
°C
Operating Ambient Temperature
See Power derating curve
-40
85
°C
Dimensions
2”Lx0.327”Wx0.512”H
(50.8x8.3x13.0mm)
Pin Dimensions
0.025” (0.64mm) SQUARE
0.64
mm
Pin Material
Matte Sn Finish on component
Leads
Weight
10
g
Flammability Rating
UL94V-0
Standards Compliance
CSA C22.2, No.60950/UL 60950, Third Edition (2000), File UL E165113


Similar Part No. - NEF0100150B0C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NEF0101500B0-XC MURATA-PS-NEF0101500B0-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101500BP-XC MURATA-PS-NEF0101500BP-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101500S0-XC MURATA-PS-NEF0101500S0-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101500SP-XC MURATA-PS-NEF0101500SP-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
NEF0101501B0-XC MURATA-PS-NEF0101501B0-XC Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
More results

Similar Description - NEF0100150B0C

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
NFA010 MURATA-PS-NFA010 Datasheet
746Kb / 25P
   Non-Isolated 10A SIP/SMT DC/DC
logo
Murata Manufacturing Co...
LSN-T10-D12J MURATA-LSN-T10-D12J Datasheet
384Kb / 12P
   Single Adjustable Output, Non-isolated, 12Vin, 10A, SIP, DC/DC Converters
logo
Murata Power Solutions ...
NCA005 MURATA-PS-NCA005 Datasheet
895Kb / 23P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-PS-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
NEA005 MURATA-NEA005 Datasheet
1Mb / 25P
   Non-Isolated 5A SIP/SMT DC/DC Converters
NEA016 MURATA-NEA016 Datasheet
1Mb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
NFA016 MURATA-NFA016 Datasheet
505Kb / 25P
   Non-Isolated 16A SIP/SMT DC/DC Converters
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
   Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Power Solutions ...
NFA020 MURATA-PS-NFA020 Datasheet
679Kb / 25P
   Non-Isolated 20A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com